Part Number Hot Search : 
1000M 74HC2 74HC2 24121 E001756 1R00J 2SK3307 C106D1G
Product Description
Full Text Search
  2.5v 20a Datasheet PDF File

For 2.5v 20a Found Datasheets File :: 7061    Search Time::2.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1127

Panasonic Semiconductor
Part No. 2SA1127
OCR Text ... Complementary to 2SC2634 5.00.2 Unit: mm 4.00.2 q q Low noise characteristics. High foward current transfer ratio hFE. s Abso...5V, IC = -2mA IC = -100mA, IB = -10mA VCE = -1V, IC = -30mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -1...
Description Silicon PNP epitaxial planer type

File Size 36.10K  /  2 Page

View it Online

Download Datasheet





    2SA2062 2SC5774

Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA2062 2SC5774
OCR Text ... (-)160 (-)140 (-)6 (-)10 (-)20 2.5 110 150 -55 to +150 Unit V V V A A W W C C Electrical Characteristics at Ta=25C Parameter Collector ...5V, IC=(--)1A VCE=(--)5V, IC=(--)5A VCE=(--)5V, IC=(--)1A VCB=(--)10V, f=1MHz VCE=(--)5V, IC=(--)5A ...
Description 140V / 10A, AF70W Output Applications

File Size 34.06K  /  4 Page

View it Online

Download Datasheet

    2SA608 2SA608N 2SC536N

Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA608 2SA608N 2SC536N
OCR Text ...0.5 0.45 4.5 0.44 1 2.5 2 2.5 3 ( ) : 2SA608N Specifications Absolute Maximum Ratings at Ta = 25C Parameter Collec...5V, IC=0 VCE=(-)6V, IC=(-)1mA VCE=(-)6V, IC=(-)0.1mA 160* 70 Conditions Ratings min typ max (-)0.1 (...
Description    Low-Frequency General-Purpose Amplifier Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications
NPN Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications

File Size 39.56K  /  4 Page

View it Online

Download Datasheet

    2SA921

PANASONIC[Panasonic Semiconductor]
Part No. 2SA921
OCR Text ... Complementary to 2SC1980 5.00.2 Unit: mm 4.00.2 q q High collector to emitter voltage VCEO. Low noise voltage NV. (Ta=25C) Rati...5V, IC = -2mA IC = -20mA, IB = -2mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -40V, IC = -1mA, GV = 80dB...
Description Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)

File Size 36.24K  /  2 Page

View it Online

Download Datasheet

    2SB1036

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1036
OCR Text 2 s Features q q q 0.70.1 s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Emitter to ...5V, IC = -2mA IC = -20mA, IB = -2mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -40V, IC = -1mA, GV = 80dB...
Description Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)

File Size 36.41K  /  2 Page

View it Online

Download Datasheet

    2SB1156 B1156

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1156 B1156
OCR Text ... V V A A W C C 21.00.5 15.00.2 Low collector to emitter saturation voltage VCE(sat) Satisfactory linearity of foward current transfer ...5V, IC = 0 IC = -10mA, IB = 0 VCE = -2V, IC = - 0.1A VCE = -2V, IC = -3A VCE = -2V, IC = -10A IC = -...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 59.94K  /  3 Page

View it Online

Download Datasheet

    2SB726 2SA1748

Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. 2SB726 2SA1748
OCR Text 2 5.10.2 4.00.2 s Features q q High foward current transfer ratio hFE. High collector to emitter voltage VCEO. s Absolute Maxi...5V, IE = -2mA IC = -20mA, IB = -2mA VCE = -1V, IC = -100mA VCB = -5V, IE = 2mA, f = 200MHz min ...
Description Silicon PNP epitaxial planer type

File Size 34.69K  /  2 Page

View it Online

Download Datasheet

    2SD637 2SD0637

Panasonic Semiconductor
Part No. 2SD637 2SD0637
OCR Text 2.50.1 1.0 1.0 2.40.2 2.00.2 3.50.1 s Features q q q 1.5 R0.9 R0.9 0.85 0.550.1 0.450.05 1.250.05 s Absolute Maximum Ra...5V f=270Hz 200 30 Noise voltage NV (mV) 120 Rg=100k h Parameter 160 10 hfe (...
Description Silicon NPN epitaxial planer type small signal transistor

File Size 45.73K  /  3 Page

View it Online

Download Datasheet

    2SD958

PANASONIC[Panasonic Semiconductor]
Part No. 2SD958
OCR Text ...788 6.90.1 0.4 Unit: mm 2.50.1 1.0 1.0 2.40.2 2.00.2 3.50.1 s Features q q q 1.5 1.5 R0.9 R0.9 0.85 Parameter Colle...5V, IC = 2mA IC = 20mA, IB = 2mA VCB = 5V, IE = -2mA, f = 200MHz VCE = 40V, IC = 2mA, GV = 80dB Rg =...
Description Silicon NPN epitaxial planer type(For high breakdown voltage and low-noise amplification)

File Size 36.40K  /  2 Page

View it Online

Download Datasheet

    DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26

DYNEX[Dynex Semiconductor]
Part No. DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26
OCR Text ...stive load 430 675 540 A A A 2/8 www.dynexsemi.com DCR806SG SURGE RATINGS Symbol ITSM I2t ITSM I2t Parameter Surge (non-repetit...5V Tj = 25oC, VD = 5V 300 500 s IL IH Latching current Holding current 550 60 1...
Description Phase Control Thyristor

File Size 114.80K  /  8 Page

View it Online

Download Datasheet

For 2.5v 20a Found Datasheets File :: 7061    Search Time::2.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2.5v 20a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.9092619419098