|
|
|
HARWIN INC
|
Part No. |
D01-9503201 D01-9500801 D01-9501201
|
Description |
2.54mm pitch extended IC Socket Strip, gold clip tin/lead shell, 32-way 2.54mm pitch extended IC Socket Strip, gold clip tin/lead shell, 8-way 2.54mm pitch extended IC Socket Strip, gold clip tin/lead shell, 12-way
|
File Size |
100.52K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Harwin PLC
|
Part No. |
M20-9612645 M20-9601846 M20-9610445 M20-9972245 M20-9612045 M20-9611246 M20-9970346 M20-9972346 M20-9600545 M20-9613145 M20-9973746 M20-9600746
|
Description |
2.54mm pitch SIL extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 26-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch DIL extended Pin Header, 16.8mm board-stacking height, tin, 18 18-way 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch SIL extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 4-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, gold (hi-temp mould), 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch SIL extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 20-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch SIL extended Pin Header, 16.8mm board-stacking height, tin, 12-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 23 23-way 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch DIL extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 5 5-way 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch SIL extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 31-way 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 37 37-way 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm pitch DIL extended Pin Header, 16.8mm board-stacking height, tin, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
780.82K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Harwin PLC
|
Part No. |
D2864-01 D2808-21 D2824-21 D2922-01 D2808-01 D2818-01 D2820-01 D2832-21
|
Description |
2.54mm pitch dual row PC Tail IC Socket Assembly, gold clip tin/lead shell, 64-way DIP24, IC SOCKET 2.54mm pitch dual row PC Tail IC Socket Assembly, gold-flash clip tin/lead shell, 8-way DIP48, IC SOCKET 2.54mm pitch dual row PC Tail IC Socket Assembly, gold-flash clip tin/lead shell, 24-way DIP24, IC SOCKET 2.54mm pitch dual row PC Tail IC Socket Assembly, gold clip tin/lead shell, 22-way DIP22, IC SOCKET 2.54mm pitch dual row PC Tail IC Socket Assembly, gold clip tin/lead shell, 8-way DIP48, IC SOCKET 2.54mm pitch dual row PC Tail IC Socket Assembly, gold clip tin/lead shell, 18-way DIP18, IC SOCKET 2.54mm pitch dual row PC Tail IC Socket Assembly, gold clip tin/lead shell, 20-way DIP40, IC SOCKET 2.54mm pitch dual row PC Tail IC Socket Assembly, gold-flash clip tin/lead shell, 32-way DIP32, IC SOCKET
|
File Size |
204.26K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Molex Electronics Ltd.
|
Part No. |
0741620040 74162-0040 74162-1030
|
Description |
2.54mm (.100) pitch C-Grid? Receptacle, Right Angle, Through Hole, dual row,Shrouded, Version B, High-Temperature, 30 Circuits, Tin (Sn) 2.54mm (.100) pitch C-Grid Receptacle, Right Angle, Through Hole, dual row, Shrouded MOLEX Connector
|
File Size |
1,304.67K /
10 Page |
View
it Online |
Download Datasheet |
|
|
|
Molex Electronics Ltd.
|
Part No. |
70280-0068 A-70280-0068 0010897562 010-89-7562
|
Description |
2.54mm (.100) pitch C-Grid? Breakaway Header, dual row, Vertical, High Temperature, 56 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating 2.54mm (.100") pitch C-Grid庐 Breakaway Header, dual row, Vertical, High Temperature, 56 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating 2.54mm (.100") pitch C-Grid垄莽 Breakaway Header, dual row, Vertical, High Temperature, 56 Circuits, 0.38楼矛m (15楼矛") Gold (Au) Selective Plating
|
File Size |
421.87K /
4 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|