Part Number Hot Search : 
FARM2TS3 SM3100B XXXXZ ISL782 471M1 AMC431 04HP5 C1000
Product Description
Full Text Search
  2.4kv Datasheet PDF File

For 2.4kv Found Datasheets File :: 1812    Search Time::4.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LS03-05B12K LS03-05B05K

MORNSUN Science& Technology Ltd.
Part No. LS03-05B12K LS03-05B05K
OCR Text ...ncy (%) (typ.) ls03-05b05k 2.5w 5v/500ma 50mv 70 ls03-05b12k 38.5x22x11mm 3w 12v/250ma 60mv 78 input specifications inpu...4kv (with typical applications figure 3) perf. criteria b ls03-05bxxk 3w,high voltage dc-dc(a...
Description 3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER

File Size 387.09K  /  4 Page

View it Online

Download Datasheet





    LS03-05B05SC LS03-05B09SC LS03-05B03SC LS03-05B15SC LS03-05B24SC LS03-05B12SC

MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
Part No. LS03-05B05SC LS03-05B09SC LS03-05B03SC LS03-05B15SC LS03-05B24SC LS03-05B12SC
OCR Text .../500ma 65 0.3w ls03-05b05sc 2.5w 5v/500ma 68 0.3w ls03-05b09sc 9v/330ma 70 0.3w ls03-05b12sc 12v/250ma 74 0.3w ls03-05b15sc ...4kv (with typical applications figure 3) perf. criteria b surge iec/en61000-4-5 2kv/ 4kv (...
Description 3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER

File Size 376.56K  /  4 Page

View it Online

Download Datasheet

    LS03-05B05S-FPT

MORNSUN Science& Technology Ltd.
Part No. LS03-05B05S-FPT
OCR Text ... 2. over temperature protection and short circuit protection 3. high efficiency, high density ...4kv (recommended circuit refer to figure 3) perf. criteria b surge iec/en61000-4-5 2kv/ ...
Description HIGH VOLTAGE DC-DC(AC-DC) CONVERTER

File Size 647.03K  /  4 Page

View it Online

Download Datasheet

    LS03-05B05KC LS03-05B12KC

MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
Part No. LS03-05B05KC LS03-05B12KC
OCR Text ...ions voltage set accuracy 2% input variation 0.5% (typ) load variation (10%~100%) 1% (typ) ripple & noise(p-p) (20mhz...4kv (with typical applications figure 3) perf. criteria b ls03-05bxxkc series 3w, high volta...
Description 3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER

File Size 398.29K  /  4 Page

View it Online

Download Datasheet

    CM2009 CM2009-02QS CM2009-00QR CM2009-00QS CM2009-01QR CM2009-01QS CM2009-02QR

California Micro Devices Corporation
CALMIRCO[California Micro Devices Corp]
California Micro Devices Co...
Part No. CM2009 CM2009-02QS CM2009-00QR CM2009-00QS CM2009-01QR CM2009-01QS CM2009-02QR
OCR Text ...nector pins meeting IEC-61000-4-2 Level 4 ESD requirements (8kV contact discharge) Very low loading capacitance from ESD protection diodes o...4KV if not). The ESD protection for the DDC signal pins are designed to prevent "back current" when ...
Description VGA Port Companion Circuit

File Size 108.90K  /  6 Page

View it Online

Download Datasheet

    EM10DINAV81XP EM10DIN EM10DINAV71X EM10DINAV71X01 EM10DINAV71X01P EM10DINAV71XP EM10DINAV81X EM10DINAV81X01 EM10DINAV81X

List of Unclassifed Manufacturers
ETC[ETC]
Part No. EM10DINAV81XP EM10DIN EM10DINAV71X EM10DINAV71X01 EM10DINAV71X01P EM10DINAV71XP EM10DINAV81X EM10DINAV81X01 EM10DINAV81X01P
OCR Text ...eak) 32A, @ 50Hz 960A, @ 50Hz 1.2 Un 2 Un >720K >720K < 0.5VA 48 to 62 Hz Accuracy (Display) (@25C 5C, R.H. 60%, 48 to 62Hz) Ib: 5A, Imax...4kV 10V/m from 150KHz to 80MHz Surge Radio frequency suppression Standard compliance Safety Metrolog...
Description Energy Management Energy Meter

File Size 130.72K  /  4 Page

View it Online

Download Datasheet

    Socay Electornics Co., Ltd.
Socay Electornics Co., ...
Part No. P0642SB P4802SB P4202SB P1802SB
OCR Text ... revision september 25, 2013 2 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please ref...4kv socay electronics co., ltd. ww...
Description Thyristor Surge Suppressors (TSS)
   Thyristor Surge Suppressors (TSS)

File Size 349.54K  /  5 Page

View it Online

Download Datasheet

    VRB2424LD-50W

MORNSUN Science& Technology Ltd.
Part No. VRB2424LD-50W
OCR Text ... vrb_ld-50w 3013.05.21-a/2 page 1 of 7 vrb_ld-50w series 50w,wide input,isolated & regulated single output dip packaging...4kv perf. criteria b rs iec/en61000-4-3 10v/m perf. criteria a iec/en61000-4-4 2kv rec...
Description REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER

File Size 1,113.44K  /  7 Page

View it Online

Download Datasheet

    EM11DINAV81XR1 EM11DIN EM11DINAV71X EM11DINAV71X01 EM11DINAV71XB1 EM11DINAV71XR1 EM11DINAV81X EM11DINAV81X01 EM11DINAV81

List of Unclassifed Manufacturers
ETC[ETC]
Part No. EM11DINAV81XR1 EM11DIN EM11DINAV71X EM11DINAV71X01 EM11DINAV71XB1 EM11DINAV71XR1 EM11DINAV81X EM11DINAV81X01 EM11DINAV81XB1
OCR Text 2 (kvarh) according to EN62053-23 * Accuracy 0.5 RDG (current/voltage) * Energy analyzer * Instantaneous variables readout: 4 DGT * Energies...4kV 10V/m from 150KHz to 80MHz Surge Radio frequency suppression Standard compliance Safety Metrolog...
Description Energy Management Energy Analyzer

File Size 204.19K  /  6 Page

View it Online

Download Datasheet

For 2.4kv Found Datasheets File :: 1812    Search Time::4.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2.4kv

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76007795333862