Part Number Hot Search : 
1N749A FR156G 2SD1730 202160B MAX1304 ISL3243E B80N04S LTC4411
Product Description
Full Text Search
  2.25mhz Datasheet PDF File

For 2.25mhz Found Datasheets File :: 157    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Linear Technology, Corp.
Part No. LTC6905CS5TRM
OCR Text ...cal applicatio u v + 1 2 3 5 17.225mhz f osc 170mhz 5v 5v 10k r set 25k 0.1 f 6905 ta01 4 gnd ltc6905 set out div open 2 1 4 % error C0.5 0 units 10 20 30 40 50 60 note: resistor, r set , tolerance will add to ...
Description 17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0&deg;C to 70&deg;C PLL FREQUENCY SYNTHESIZER, PDSO5

File Size 120.58K  /  8 Page

View it Online

Download Datasheet





    GRM21BF51C106ZE15L GRM188R71H103KA01D 100A3R3BW150XC LQG11A47NJ00 0906-4KLB RFHA1006TR7 C08BL242X-5UN-X0 GRM55ER72A475KA

RF Micro Devices
Part No. GRM21BF51C106ZE15L GRM188R71H103KA01D 100A3R3BW150XC LQG11A47NJ00 0906-4KLB RFHA1006TR7 C08BL242X-5UN-X0 GRM55ER72A475KA01L RFHA1006PCBA-410 RFHA1006SB RFHA1006S2 RFHA1006SQ RFHA1006SR
OCR Text ...,7 gnd base vgs pin 1 rfha1006 225mhz to 1215mhz, 9w gan wideband power amplifier the rfha1006 is a wideband power amplifier designed for cw and pulsed applica- tions such as wireless infrastructure, radar, two way radios and general purpo...
Description 225MHz TO 1215MHz, 9W GaN WIDEBAND

File Size 1,628.71K  /  11 Page

View it Online

Download Datasheet

    Intersil
Part No. HFA1115
OCR Text 225mhz, low power, output limiting, closed loop buffer amplifier the hfa1115 is a high speed closed loop buffer featuring both user programmable gain and output limiting. manufactured on intersil?s proprietary complementary bipolar uhf-1...
Description Buffer, Closed Loop, Programmable Gain ( /-1, 2), 225MHz, Video, Low Power, Output Limiting

File Size 283.86K  /  14 Page

View it Online

Download Datasheet

    RX1L-173.225-5

Radiometrix Ltd
Part No. RX1L-173.225-5
OCR Text ...sions on the 151.300MHz and 173.225MHz frequencies are available. RX1L is compatible with the Radiometrix TX1 and BiM1T transmitters. Figure 1: RX1L-173.225-5 receiver Features Conforms to EN 300 220-3 and EN 301 489-3 Data rates up to ...
Description Low current Narrow Band VHF receiver

File Size 208.49K  /  5 Page

View it Online

Download Datasheet

    RFHA1006

RF Micro Devices
Part No. RFHA1006
OCR Text ...,7 gnd base vgs pin 1 rfha1006 225mhz to 1215mhz, 9w gan wideband power amplifier the rfha1006 is a wideband power amplifier designed for cw and pulsed applica- tions such as wireless infrastructure, radar, two way radios and general purpo...
Description 9W GaN WIDEBAND POWER AMPLIFIER

File Size 1,694.77K  /  11 Page

View it Online

Download Datasheet

    LBS22501

SIPAT Co,Ltd
Part No. LBS22501
OCR Text 225MHz SAW Filter 4MHz Bandwidth Part Number: LBS22501 www. sipatsaw.com SIPAT Co., Ltd. Features For IF SAW filter High attenuation Single-ended operation Ceramic Surface Mount Package Small size RoHS compliant (2002/95/EC), Pb-...
Description 225MHz SAW Filter 4MHz Bandwidth

File Size 144.11K  /  4 Page

View it Online

Download Datasheet

For 2.25mhz Found Datasheets File :: 157    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2.25mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69856214523315