Part Number Hot Search : 
74LS27 930911 74ABT841 FPI4060W UT54A DG441DJZ RL204 BAS116
Product Description
Full Text Search
  2-kb Datasheet PDF File

For 2-kb Found Datasheets File :: 6380    Search Time::1.843ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5014 2SC5014-T1 2SC5014-T2

NEC Corp.
NEC[NEC]
Part No. 2SC5014 2SC5014-T1 2SC5014-T2
OCR Text ...h Gain * Low Voltage Operation 2.1 0.2 1.25 0.1 PACKAGE DIMENSIONS in millimeters ORDERING INFORMATION 2 3 2.0 0.2 PART NUMBER 2...KB T82 75 to 150 2 2SC5014 TYPICAL CHARACTERISTICS (TA = 25 C) TOTAL POWER DISSIPATION vs. A...
Description HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 48.18K  /  8 Page

View it Online

Download Datasheet





    2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518

NEC[NEC]
NEC Corp.
Part No. 2SC5015 2SC5015-T1 2SC5015-T2 2SC5015NE68518
OCR Text ...KAGE DIMENSIONS in millimeters 2.1 0.2 0.3 +0.1 -0.05 1.25 0.1 0.3 +0.1 -0.05 (LEADS 2, 3, 4) 1 4 0.4 +0.1 -0.05 2SC...KB T83 75 to 150 2 2SC5015 TYPICAL CHARACTERISTICS (TA = 25 C) TOTAL POWER DISSIPATION vs. A...
Description Discrete
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 49.94K  /  8 Page

View it Online

Download Datasheet

    BCM1100

Broadcom Corporation.
ETC
Part No. BCM1100
OCR Text ... * TDM interface supporting IOM-2(R) * Two UARTs * Two high-speed serial ports * General purpose I/O * Interrupt control unit * DMA support ...KB Program Memory ZSP DSP 32 KB Data Memory TDM Port 50 MHz External Bus Interface Flash/ E...
Description VOICE OVER IP ETHERNET CPE ENGINE

File Size 38.67K  /  2 Page

View it Online

Download Datasheet

    BCM1115

Electronic Theatre Controls, Inc.
ETC
Broadcom Corporation.
Part No. BCM1115
OCR Text ...net status LED driver * TDM IOM-2 port (R) * Two UARTs * Two high-speed serial ports * General purpose I/O * Interrupt control unit * DM...KB Program Memory 32 KB Data Memory MIPS32 CPU + 8K I-Cache + 4K D-Cache High Speed Serial Port 2...
Description SINGLE PORT ENTERPRISE IP PHONE CHIP

File Size 166.83K  /  2 Page

View it Online

Download Datasheet

    BCM1250

ETC
Broadcom Corporation.
Part No. BCM1250
OCR Text ...rates * 32 bits, 33/66 MHz (PCI 2.2) * Host bridge or target device TM * Industry-leading performance * Fast, on-chip multiprocessor ...KB L2 Cache Data Mover DDR Memory Controller 256 Bits ZBbus Bus runs at 1/2 CPU clock @128 Gbp...
Description HIGH PERFORMANCE INTEGRATED 64 BIT MULTIPROCESSOR

File Size 136.73K  /  2 Page

View it Online

Download Datasheet

    BCM4780 BCM4780P

ETC
Broadcom Corporation.
Part No. BCM4780 BCM4780P
OCR Text ... MII for LAN connectivity * PCI 2.3 host interface (32 bit / 33 MHz) SUMMARY OF BENEFITS * Turnkey software and hardware provide the foll...KB) Cache Controller + 1 KB Prefetch Cache PLL SDRAM Interface D-Cache (16 KB) Internal...
Description NETWORK ATTACHED STORAGE PROCESSOR

File Size 100.80K  /  2 Page

View it Online

Download Datasheet

    BCM5318

Broadcom Corporation.
ETC
Part No. BCM5318
OCR Text ...ocking up to 24 ports through a 2.6-Gbps expansion port, cascading up to three devices * MII interface supports an additional 100FX or 100TX...KB Packet Buffer CPU Interface SPI/CPU Interface LED Interface LEDs The Broadcom BCM5...
Description RoboSwitch-plus 8-PORT 10/100 Switch with on-chip packet buffer memory
8 PORT 10/100 SWITCH WITH ON CHIP PACKET

File Size 392.32K  /  2 Page

View it Online

Download Datasheet

    BCM5400

Broadcom
ETC
Part No. BCM5400
OCR Text ...KB * JTAG test interface * 3.3V/2.5V CMOS with 5V tolerant I/Os * 256-pin TBGA * Works with low-cost transformers available from * Flexible and programmable LED support. Complete 10/100/1000BASE-T Solution Diagram BCM5201 10/100BA...
Description 10/100/1000BASE-T Gigabit Ethernet Transceiver
100/1000 BASE-T GIGABIT ETHERNET TRANSCEIVER

File Size 122.03K  /  2 Page

View it Online

Download Datasheet

    BCM5402

Electronic Theatre Controls, Inc.
ETC
Broadcom
Part No. BCM5402
OCR Text ...bol Decoder/ Aligner TXD[7:0]{1:2}* TX_EN{1:2}* TX_ER{1:2}* GXT_CLK{1:2}* TX_CLK{1:2}* COL{1:2}* CRS{1:2}* RX_CLK{1:2}* RX_DV{1:2}* RX_ER{1:2}* RXD[7:0]{1:2}* LNK100{1:2}* LED Drivers LNK1000{1:2}* RCVLED{1:2}* XMTLED{1:2}* FDXLED{1:2}* MDC...
Description DUAL PORT 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
Dual Port 10/100/1000BASE-T Gigabit Copper Transceiver

File Size 129.67K  /  2 Page

View it Online

Download Datasheet

    BCM5421

ETC
Part No. BCM5421
OCR Text ...k. Provides compliance with PCI 2.2 and PC99/PC2000. Reduces system design constraints to meet EMI emissions standards. Automatically config...KB * IEEE 1149.1 (JTAG) boundary scan * MII, GMII, TBI, RGMII, and RTBI interface options * 117 BGA ...
Description 10/100/1000 BASE-T GIGABIT COPPER TRANSCEIVER

File Size 161.52K  /  2 Page

View it Online

Download Datasheet

For 2-kb Found Datasheets File :: 6380    Search Time::1.843ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2-kb

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1779451370239