Part Number Hot Search : 
USD750C 90110 CSD2490 BAT54AW BAS16S CJ26A SLA5007 DA05CP
Product Description
Full Text Search
  2 3a Datasheet PDF File

For 2 3a Found Datasheets File :: 33017    Search Time::2.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1104

WINGS[Wing Shing Computer Components]
Part No. 2SA1104
OCR Text 2SA1104 GENERAL DESCRIPTION Silicon Epitaxial Planar Transistor Silicon PNP high frequency, high power transistors in a plastic envel...3a; VCE = 5V IC = 1A; VCE = 12V VCB = 10V TYP 120 50 20 300 MAX 0.2 0.2 2 250 - UNIT mA mA ...
Description Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)

File Size 78.06K  /  1 Page

View it Online

Download Datasheet





    2SA1128

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1128
OCR Text 2 4.00.2 q q Low collector to emitter saturation voltage VCE(sat). Optimum for low-voltage operation and for converter circuits. s ...3a -2A -1A - 0.6 - 0.4 - 0.3 - 0.1 - 0.03 Ta=75C 25C -25C - 0.2 - 0.01 - 0.01 - 0....
Description Silicon PNP epitaxial planer type

File Size 35.79K  /  2 Page

View it Online

Download Datasheet

    2SA2011 2SC5564

SANYO[Sanyo Semicon Device]
Sanyo Electric Co., Ltd.
Part No. 2SA2011 2SC5564
OCR Text ...power dissipation. 0.5 3 1.5 2 3.0 0.75 1 1.0 0.4 2.5 4.25max 0.4 Specifications ( ) : 2SA2011 Absolute Maximum Ratings a...3a, IB=(-)60mA IC=(-)1.5A, IB=(-)30mA (-)15 (-12) 15 (-)5 (35)30 (110) 190 15 Ratings min typ (-)120...
Description    DC/DC Converter Applications
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications 直流/直流转换器应

File Size 48.71K  /  5 Page

View it Online

Download Datasheet

    2SA2025

SANYO[Sanyo Semicon Device]
Part No. 2SA2025
OCR Text ...allowable power dissipation. 2.2 0.4 0.5 0.6 1.8 15.0 0.4 0.4 12 1.3 0.7 3 1.3 0.7 Specifications Absolute Maxim...3a 10 DC op s 0 1m s s 0m 100 7 5 3 2 era tio n 10 7 --0.01 2 3 5 7 --0.1...
Description PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 37.46K  /  4 Page

View it Online

Download Datasheet

    2SA2043 2SC5709 2SA2043TP-FA 2SC5709TP-FA

Sanyo Electric Co., Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA2043 2SC5709 2SA2043TP-FA 2SC5709TP-FA
OCR Text ...issipation. 0.85 0.7 1.5 2.3 0.5 5.5 7.0 0.8 1.6 1.2 0.6 7.5 0.5 1 2 3 1 : Base 2 : Collector 3 :...3a, IB=(-)60mA IC=(--)4.5A, IB=(-)90mA IC=(--)3a, IB=(-)60mA IC=(--)10A, IE=0 IC=(--)1mA, RBE= IE=(-...
Description CABLE ASSEMBLY; UHF MALE TO UHF MALE; 50 OHM, RG58C/U COAX 直流/直流转换器应
NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 10A I(C) | TO-252VAR
TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 10A I(C) | TO-251VAR

File Size 37.35K  /  5 Page

View it Online

Download Datasheet

    2SA2071

ROHM[Rohm]
Part No. 2SA2071
OCR Text 2SA2071 Transistor Power transistor (-60V, -3a) 2SA2071 !Features 1) High speed switching. (Tf : Typ. : 20ns at IC = -3a) 2) Low saturation voltage, typically (Typ. : -200mV at IC = -2A, IB = -0.2A) 3) Strong discharge power for induc...
Description Power transistor (-60V, -3a)
Power transistor (W22;60V W22;3a)
Power transistor (W22;60V, W22;3a)

File Size 42.30K  /  4 Page

View it Online

Download Datasheet

    2SB1050

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1050
OCR Text 2.50.1 1.0 s Features q q q 1.5 R0.9 R0.9 0.4 2.40.2 2.00.2 3.50.1 0.85 0.550.1 0.450.05 (Ta=25C) Ratings -30 -20 ...3a, IB = -0.1A*2 VCB = -6V, IE = 50mA, f = 200MHz VCB = -20V, IE = 0, f = 1MHz *2 min typ ...
Description Silicon PNP epitaxial planer type(For low-frequency amplification)

File Size 36.25K  /  2 Page

View it Online

Download Datasheet

    2SB1073

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1073
OCR Text ... Features q q q 4.50.1 1.60.2 1.50.1 1.0-0.2 +0.1 Low collector to emitter saturation voltage VCE(sat). Large peak collector...3a, IB = -0.1A*2 VCB = -6V, IE = 50mA, f = 200MHz VCB = -20V, IE = 0, f = 1MHz min typ max ...
Description Silicon PNP epitaxial planer type(For low-frequency amplification)

File Size 34.72K  /  2 Page

View it Online

Download Datasheet

    2SB1133

WINGS[Wing Shing Computer Components]
Part No. 2SB1133
OCR Text 2SB1133 PNP EPITAXIAL SILICON TRANSISTOR POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT SC-67 ! ABSOLUTE MAXIMUM RATINGS (TA=25) Cha...3a ,IB=-0.3mA VCE= -10V ,IC=-0.5A Min Typ Max -10 -10 240 -1.4 60 Unit A A 70 V MHZ Wing S...
Description PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)

File Size 68.87K  /  1 Page

View it Online

Download Datasheet

    2SB1148 2SB1148A B1148

Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. 2SB1148 2SB1148A B1148
OCR Text ...2SD1752A Unit: mm 7.00.3 3.00.2 3.50.2 s Features q q q Low collector to emitter saturation voltage VCE(sat) High-speed switching I...3a IC = -10A, IB = - 0.33a IC = -10A, IB = - 0.33a VCE = -10V, IC = - 0.5A, f = 10MHz VCB = -10V, IE...
Description Silicon PNP epitaxial planar type(For low-voltage switching)

File Size 57.43K  /  3 Page

View it Online

Download Datasheet

For 2 3a Found Datasheets File :: 33017    Search Time::2.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2 3a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.028892993927