|
|
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
Part No. |
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EPA MAX1649ESA MAX1651 MAX1651C_D MAX1651CPA MAX1651CSA MAX1651EPA MAX1651ESA MAX1651C/D MAX1649C/D
|
Description |
5V/3.3V or adjustable, High-Efficiency,low-dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or adjustable / High-Efficiency / low-dropout / Step-Down DC-DC Controllers 5V/3.3V or adjustable High-Efficiency low-dropout Step-Down DC-DC Controllers 5V/3.3V or adjustable, High-Efficiency, low-dropout, Step-Down DC-DC Controllers
|
File Size |
165.76K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices, Inc. AD[Analog Devices]
|
Part No. |
ADP3331 ADP3331aRT ADP3331aRT-REEL7
|
Description |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V adjustable POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V adjustable POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
File Size |
135.40K /
8 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|