Part Number Hot Search : 
SA30A 2SA1689 SF10A400 IN4045R 13130 2SA1689 NTE21 LT450BW
Product Description
Full Text Search
  1a 2.7a Datasheet PDF File

For 1a 2.7a Found Datasheets File :: 4759    Search Time::2.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BK/GMA-2-R

Cooper Bussmann, Inc.
Part No. BK/GMA-2-R
OCR Text ...65063, 63ma-6a ? miti approval, 1a-15a ? ccc approval, 63ma-6a ordering ? specify packaging, product, and option code ? for -r option, drop ma or a from product code (i.e. gma-2-r) ? ratings above 6.3a have a 0.8mm diameter lead ? with tr2...
Description FUSE 2A 250V FAST GLASS GMA FAST BLOW ELECTRIC FUSE, 2A, 250VAC, 100A (IR), INLINE/HOLDER

File Size 92.13K  /  2 Page

View it Online

Download Datasheet





    DST-2-16 DST-2-20 DST-2-24 DST-2-48 DST-3-48 DST-4-12 DST-4-20 DST-2-36 DST-3-12 DST-3-20 DST-3-36 DST-3-120 DST-3-24 DS

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. DST-2-16 DST-2-20 DST-2-24 DST-2-48 DST-3-48 DST-4-12 DST-4-20 DST-2-36 DST-3-12 DST-3-20 DST-3-36 DST-3-120 DST-3-24 DST-3-28 DST-4-28 DST-2-56 DST-3-16 DST-4-120 DST-2-120 DST-4-16 DST-4-24 DST-6-10 DST-6-20 DST-6-28 DST-6-36 DST-6-48 DST-6-16 DST-6-24 ST-2-28 ST-4-36 ST-4-48 ST-4-56 ST-3-56 ST-6-12
OCR Text ...st-3-24* dst-3-24* 24vct @ 0.1a (1) 12v @ 0.2a (4) st-4-24* dst-4-24*# 24vct @ 0.25a (5) 12v @ 0.5a (9) st-5-24* dst-5-24*...2-28 dst-2-28 28vct @ 0.04a 14v @ 0.08a st-3-28 dst-3-28 28vct @ 0.085a 14v @ 0.17a st-4-2...
Description Split/TranTM ,Specialty Purpose & Class 2 Transformers ?Printed Circuit Mount

File Size 304.61K  /  2 Page

View it Online

Download Datasheet

    LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR

Linear Technology, Corp.
Part No. LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR
OCR Text ...Ultralow Shutdown Current: IQ < 1a Power-On Reset Output Externally Synchronizable Oscillator Small Thermally Enhanced 3mm x 3mm DFN Package The LTC(R)3548-2 is a dual, constant frequency, synchronous step down DC/DC converter. Intended ...
Description Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40&deg;C to 125&deg;C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator

File Size 219.23K  /  16 Page

View it Online

Download Datasheet

    LT3468-2 LT3468ES5-2 LT3468ES5-1 LT3468 LT3468-1 LT3468ES5

LINER[Linear Technology]
Part No. LT3468-2 LT3468ES5-2 LT3468ES5-1 LT3468 LT3468-1 LT3468ES5
OCR Text ...mit of 1.4A, the LT3468-2 has a 1a limit, and the LT3468-1 has a 0.7A limit. These different current limit levels result in well controlled input currents of 500mA for the LT3468, 375mA for the LT3468-2 and 225mA for the LT3468-1. Aside fro...
Description Photoflash capacitor charger.
Photoflash Capacitor Chargers in ThinSOT

File Size 452.62K  /  12 Page

View it Online

Download Datasheet

    NT73-2

ETC
Part No. NT73-2
OCR Text ... 1a spstno 1b spstnc 1c spdt(b-m) contact material agcdo agsno 2 contact rating (resistive) 5a,6a,10a,12a,15a/125vac,28vdc;20a/125...
Description Relay

File Size 387.83K  /  1 Page

View it Online

Download Datasheet

    2-1393128-0 2-1393130-0 PRD-11AG0-24 PRD-11AG0-120 PRD-11AG0-240 PRD-11AH0-120 PRD-11AY0-120 PRD-11AY0-24 PRD-11AY0-240

Tyco Electronics
Part No. 2-1393128-0 2-1393130-0 PRD-11aG0-24 PRD-11aG0-120 PRD-11aG0-240 PRD-11aH0-120 PRD-11aY0-120 PRD-11aY0-24 PRD-11aY0-240 PRD-11aY0-480 PRD-11DF0-110 PRD-11DF0-12 PRD-11DH0-12 PRD-11DY0-48 PRD-3DH0-24 PRD-11DY0-110 PRD-11DJ0-24 PRD-3DY0-24 PRD-11DG0-12 PRD-11DG0-24 PRD-3AG0-120 PRD-3AJ0-120 PRD-11DH0-110 PRD-11DH0-24 PRD-11DY0-12 PRD-11DY0-24 PRD-3AY0-120 PRD-3DY0-110 PRD-3DY0-12 PRD-7AY3-120 PRD-5AY0-240 PRD-7AY0-240 PRD-7AY0-120 PRD-5AY0-120
OCR Text ...n. recommended contact load 1a, 12vdc or 12vac initial contact resistance 75m? max initial voltage drop 75mv frequency of operat...2 pole 25a, 240vac 100x10 3 20a, 277vac 100x10 3 1hp, 120vac 100x10 3 2hp, 250vac ...
Description PRD Series Power Relay
   PRD Series Power Relay

File Size 500.78K  /  4 Page

View it Online

Download Datasheet

    2SD1383K-2 2SD1383K

Rohm
Part No. 2SD1383K-2 2SD1383K
OCR Text ...A VCB=24V VEB=4.5V VCE=5V, IC=0.1a IC=200mA, IB=0.4mA 1 VCE=5V, IE= -10mA, f=100MHz 2 VCB=10V, IE=0A, f=1MHz Rev.C 1/2 2SD1383K Transistors Electrical characteristic curves 125 POWER DISSIPATION : PC/PCMax (%) 500 VCE...
Description High-gain Amplifier Transistor (32V , 0.3A)

File Size 75.36K  /  3 Page

View it Online

Download Datasheet

    Ensign Corporation
Part No. L100-2-528X L100-1-516X L100-1-520X L100-2-510X L100-2-512X L100-2-516X L100-2-520X L100-2-524X L100-3-510X L100-1-510X L100-1-512X L100-1-524X L100-1-528X L050-3-512X L050-3-510X L050-3-516X L002-2-510X L012-2-510X L002-2-512X L012-2-512X L002-2-516X L012-2-516X L002-2-520X L012-2-520X L002-2-524X L012-2-524X L002-2-528X L012-2-528X L030-1-512X L030-1-528X L030-2-528X L030-3-510X L030-3-516X L030-3-524X L030-1-510X L030-2-524X L030-1-516X L030-1-524X L030-2-510X L030-2-512X L030-2-520X L030-3-512X L030-3-520X L030-3-528X L012-1-510X L012-1-512X L012-1-516X L012-1-524X L012-1-528X L006-2-512X L006-2-516X L006-2-510X L002-1-516X L002-3-512X L002-1-510X L002-3-528X L002-1-520X L002-3-510X L002-3-516X L002-3-520X L002-3-524X L002-1-528X L002-1-512X L002-1-524X L075-3-524X L075-3-516X L075-3-528X L075-3-512X L075-3-520X L020-3-510X L020-3-520X L020-1-528X L020-2-524X L020-1-510X L020-1-524X L020-1-516X L020-2-516X L020-1-512X L020-3-528X L020-2-520X L020-3-516X L020-2-510X L020-3-524X L020-2-512X L020-1-520X L020-3-512X L040-2-516X L040-2-520X L040-2-524X L040-3-512X L040-1-510X L040-1-516X L040-1-524X L040-2-510X L040-3-516X L040-3-520X L040-1-520X L040-1-528X L040-2-528X L040-3-528X
OCR Text ...x l075 - 2 - 524x 24vct @ 3.1a l075 - 3 - 524x l100 - 1 - 524x l100 - 2 - 524x 24vct @ 4.0a l100 - 3 - 524x l002 - 1 - 528x l002 - 2 - 528x 28vct @ 85ma l002 - 3 - 528x l006 - 1 - 528x l006 - 2 - 528x 28vct @ 200...
Description Commander Class

File Size 499.79K  /  4 Page

View it Online

Download Datasheet

    EDD1204ALTA-1A EDD1208ALTA-1A EDD1216ALTA-1A EDD1204ALTA-75 EDD1208ALTA-75 EDD1216ALTA-75 EDD1204ALTA-7A EDD1208ALTA-7A

http://
Elpida Memory
Part No. EDD1204ALTA-1a EDD1208ALTA-1a EDD1216ALTA-1a EDD1204ALTA-75 EDD1208ALTA-75 EDD1216ALTA-75 EDD1204ALTA-7A EDD1208ALTA-7A EDD1216ALTA-7A EDD1216ALTA EDD1208ALTA EDD1204ALTA
OCR Text ...A-7A EDD1204ALTA-75 EDD1204ALTA-1a EDD1208ALTA-7A EDD1208ALTA-75 EDD1208ALTA-1a EDD1216ALTA-7A EDD1216ALTA-75 EDD1216ALTA-1a 2M x 16 x 4 4M ...2 Preliminary Data Sheet E0136E30 EDD1204ALTA, EDD1208ALTA, EDD1216ALTA Part Number E D D ...
Description 128 M-bit Synchronous DRAM with Double Data Rate (4-bank, SSTL_2)

File Size 1,652.92K  /  78 Page

View it Online

Download Datasheet

For 1a 2.7a Found Datasheets File :: 4759    Search Time::2.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1a 2.7a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66715407371521