Part Number Hot Search : 
PCA9698 CSDC12V 5KP90 5ZSXI CPC1916Y LTC17 2SC4245 P2301
Product Description
Full Text Search
  187 Datasheet PDF File

For 187 Found Datasheets File :: 42201    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PRECI-DIP S.A.
Part No. 803-87-012-10-001101 803-87-015-10-001101 803-87-013-10-001101 803-87-014-10-001101 803-87-011-10-001101
OCR Text ... to 0.90 mm, 0.635 mm square 1.2 n typ. 0.6 n typ. (polished steel gauge ? 0.76 mm) min. 500 cycles 3 a max. 10 m ? min. 1000 v rms 803-pp-nnn-10-001101 page 1 of 1 preci-dip sa - 05-se p -2011 htt p ://www. p recidi p ....
Description 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET ROHS COMPLIANT
30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET ROHS COMPLIANT
26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET ROHS COMPLIANT
28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET ROHS COMPLIANT
22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET ROHS COMPLIANT

File Size 98.21K  /  1 Page

View it Online

Download Datasheet





    FN5040-115-87 FN5040-1200-99 FN5040-17-83 FN5040-260-99 FN5040-38-84 FN5040-4.5-82 FN5040-410-99 FN5045-38-33 FN5045-24-

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. FN5040-115-87 FN5040-1200-99 FN5040-17-83 FN5040-260-99 FN5040-38-84 FN5040-4.5-82 FN5040-410-99 FN5045-38-33 FN5045-24-33 FN5040-48-85 FN5040-480-99 FN5040-8-82 FN5045-115-35 FN5040-660-99 FN5040-750-99 FN5040-62-86 FN5040-75-87 FN5045-1200-99 FN5040-880-99
OCR Text ...l test voltage p C> e 3000 vac, 1 minute p C> p 2500 vac, 1 minute protection category ip00 (fn 5040) ip20 (fn 5045) overload capability...87 75 67.5 37 0.75 30 y 3 330 -87 42.0 fn 5040-115-87 115 103.5 45/55 0.5 20 ? 3 500 -87 68.0 fn 50...
Description LC Sine Wave Filter for Motor Drives

File Size 882.50K  /  8 Page

View it Online

Download Datasheet

    LA38B-87-I-PF

LIGITEK electronics co., ltd.
Part No. LA38B-87-I-PF
OCR Text ...ly PART NO. LA38B-87/I-PF Page 1/5 Package Dimensions 3.1 3.8 5.7 6.7 6.0 5.2 0.5 TYP 19.0MIN 1.0MIN 2.54TYP + - LI4141-PF 3.1 3.8 5.7 6.7 1.5MAX 25.0MIN 0.5 TYP 1.0MIN 2.54TYP + - Note :...
Description LED ARRAY

File Size 104.66K  /  6 Page

View it Online

Download Datasheet

    ICS9248-87 ICS9248YF-87 ICS9248YF-87LF AV9248F-87

Integrated Device Technology, Inc.
ICST[Integrated Circuit Systems]
Integrated Circuit Syst...
Part No. ICS9248-87 ICS9248YF-87 ICS9248YF-87LF AV9248F-87
OCR Text ...o 155MHz. * 8 - PCICLK @ 3.3V * 1 - IOAPIC @ 2.5V, * 2 - 3V66MHz @ 3.3V * 2- 48MHz, @3.3V fixed. * 1- 24/48MHz, @3.3V * 1- REF @3.3V, 14.318...87 20.67 25.83 18.00 17.50 18.67 25.00 17.50 17.08 17.83 23.00 17.17 16.70 16.70 22.27 16.70 27.7...
Description Frequency generator and integrated buffer for Celeron and PII/III
150 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48
16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85
810E Single Chip Clock, Supports 66 - 155MHz (P)
Frequency Generator & Integrated Buffers for Celeron & PII/III⑩
Frequency Generator & Integrated Buffers for Celeron & PII/III?

File Size 359.72K  /  13 Page

View it Online

Download Datasheet

    AA264-87

Alpha Industries
Part No. AA264-87
OCR Text ... (4.40 mm) 0.004 (0.10 mm) PIN 1 INDICATOR PIN 1 0.197 (5.00 mm) 0.004 (0.10 mm) 0.047 (1.20 mm) MAX. 0.252 (6.4 mm) BSC 0.0256 (0.65 mm) BSC R 0.004 (0.09 mm) MIN. Description The AA264-87 is a 4 bit, single positive control Ga...
Description GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz

File Size 244.05K  /  5 Page

View it Online

Download Datasheet

    LA38B-87-G-PF

LIGITEK electronics co., ltd.
Part No. LA38B-87-G-PF
OCR Text ...ly PART NO. LA38B-87/G-PF Page 1/5 Package Dimensions 3.1 3.8 5.7 6.7 6.0 5.2 0.5 TYP 19.0MIN 1.0MIN 2.54TYP + - LG4141-PF 3.1 3.8 5.7 6.7 1.5MAX 25.0MIN 0.5 TYP 1.0MIN 2.54TYP + - Note :...
Description LED ARRAY

File Size 105.16K  /  6 Page

View it Online

Download Datasheet

    AA226-87 AA226-87LF

Skyworks Solutions Inc.
Part No. AA226-87 AA226-87LF
OCR Text 1 dB LSB LF-2.5 GHz Features Pin Out CBL 16 Attenuation 1 dB steps to 15 dB with high accuracy Single positive control (3 to ...87 is a 4-bit, single positive control GaAs IC FET digital attenuator. It requires DC blocking capac...
Description GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz

File Size 533.37K  /  7 Page

View it Online

Download Datasheet

    671-293-87-50 671-294-87-50 671-292-87-50 671-289-87-50 671-295-91-50

Marl International Limited
Part No. 671-293-87-50 671-294-87-50 671-292-87-50 671-289-87-50 671-295-91-50
OCR Text 1 PIECE Black anodised aluminium housing Bi-Polar product fitted with a bridge rectifier for true AC/DC operation Sealed to IP67 ...87-50 671-293-87-50 671-292-87-50 671-294-87-50 671-295-87-50 671-295-91-50 UNITS 295 *Typical emiss...
Description PROFESSIONAL LED INDICATORS ?25.4mm Mounting
PROFESSIONAL LED INDICATORS ?25.4mm Mounting

File Size 171.88K  /  2 Page

View it Online

Download Datasheet

    Skyworks Solutions
Part No. AA226-87
OCR Text 1 dB LSB Positive Control 0.5-2.5 GHz AA226-87 Features Attenuation 1 dB Steps to 15 dB with High Accuracy Single Positive Control (+3 to +5 V) for Each Bit Low DC Power Consumption Small Low Cost TSSOP-16 Plastic Package TSSOP-16 ...
Description GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz

File Size 738.31K  /  6 Page

View it Online

Download Datasheet

    Skyworks Solutions
Part No. AA264-87
OCR Text ... (4.40 mm) 0.004 (0.10 mm) PIN 1 INDICATOR PIN 1 0.197 (5.00 mm) 0.004 (0.10 mm) 0.047 (1.20 mm) MAX. 0.252 (6.4 mm) BSC 0.0256 (0.65 mm) BSC R 0.004 (0.09 mm) MIN. Description The AA264-87 is a 4 bit, single positive control Ga...
Description GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz

File Size 665.63K  /  6 Page

View it Online

Download Datasheet

For 187 Found Datasheets File :: 42201    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 187

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7994232177734