Part Number Hot Search : 
ADP3302 74HCT 48S15 R7NZF 1582E B1007 BCM56 MAX125
Product Description
Full Text Search
  16-kbit Datasheet PDF File

For 16-kbit Found Datasheets File :: 2990    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC

Advanced Micro Devices
Part No. AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC
OCR Text ...etectors -- 32-byte receive and 16-byte transmit FIFOs BLOCK DIAGRAM SBP/IOM-2 Interface CAP1 CAP2 SBIN SCLK BCL/CH2STRB* SBIOUT SFS ...Kbit/s full duplex digital path over four wires between the TE located on the subscriber's premises ...
Description Digital Subscriber Controller⑩ (DSC⑩) Circuit
Digital Subscriber Controller (DSC) Circuit

File Size 636.67K  /  101 Page

View it Online

Download Datasheet





    CY14C512PA13

Cypress Semiconductor
Part No. CY14C512PA13
OCR Text ...5 v ? industrial temperature ? 16-pin small outline integrated circuit (soic) package ? restriction of hazardous s ubstances (rohs) compliant overview the cypress cy14x512pa combines a 512-kbit nvsram [1] with a full-featured rtc in a mon...
Description 512-Kbit (64 K x 8) SPI nvSRAM

File Size 1,325.86K  /  42 Page

View it Online

Download Datasheet

    CY14C512J CY14C512J13

Cypress Semiconductor
Part No. CY14C512J CY14C512J13
OCR Text ...industrial temperature ? 8- and 16-pin small outline in tegrated circuit (soic) package ? restriction of hazardous s ubstances (rohs) compli...kbit nvsram [2] with a nonvolatile element in each memory cell. the memory is organized as 64 k wor...
Description 512-Kbit (64 K x 8) Serial (I2C) nvSRAM

File Size 1,707.59K  /  30 Page

View it Online

Download Datasheet

    CYPRESS SEMICONDUCTOR CORP
Part No. CY24C08-SXIT CY24C16-SXI CY24C02-ZXI
OCR Text 16 1 kbit, 2 kbit, 4 kbit, 8 kbit, and 16 kbit (x8) two wire (i2c) serial eeprom cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 001-15632 rev. *c revised february 05, 2009 featu...
Description 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8

File Size 487.38K  /  16 Page

View it Online

Download Datasheet

    CY14E512I

Cypress Semiconductor
Part No. CY14E512I
OCR Text ...5 v ? industrial temperature ? 16-pin small outline integrated circuit (soic) package ? restriction of hazardous s ubstances (rohs) complia...kbit nvsram [1] with a full-featured rtc in a monolithic integrated circuit with serial i 2 c inter...
Description 512-Kbit (64 K x 8) Serial (I2C) nvSRAM

File Size 1,613.88K  /  41 Page

View it Online

Download Datasheet

    CY14E512Q

Cypress Semiconductor
Part No. CY14E512Q
OCR Text ...industrial temperature ? 8- and 16-pin small outline integrated circuit (soic) package ? restriction of hazardous s ubstances (rohs) compli...kbit nvsram [1] with a nonvolatile element in each memory cell with serial spi interface. the memor...
Description 512-Kbit (64 K x 8) SPI nvSRAM

File Size 1,379.75K  /  33 Page

View it Online

Download Datasheet

    M93C46-X

STMicroelectronics
Part No. M93C46-X
OCR Text ...6-x m93c66-x m93c56-x m93c46-x 16-kbit, 8-kbit, 4-kbit, 2-kbit and 1-kbit (8-bit or 16-bit wide) mi crowire serial access eeprom datasheet - production data features ? in d u s t ry st an da rd m i c r o w ire bu s ? sing ...
Description EEPROM

File Size 587.14K  /  33 Page

View it Online

Download Datasheet

    3912930 FM25C160B FM25C160B-GA

Cypress Semiconductor
Part No. 3912930 FM25C160B FM25C160B-GA
OCR Text 16-kbit (2 k 8) serial (spi) automotive f-ram cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 001-86150 rev. *a revised january 23, 2014 16-kbit (2 k 8) serial (spi) auto...
Description 16-kbit (2 K × 8) Serial (SPI) Automotive F-RAM

File Size 719.97K  /  20 Page

View it Online

Download Datasheet

    24C16 ST25C16 ST25C16B1TR ST25C16B3TR ST25C16B5TR ST25C16B6TR ST25C16M1TR ST25C16M3TR ST25C16M5TR ST25C16M6TR ST24C16 ST

STMicroelectronics N.V.
意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. 24C16 ST25C16 ST25C16B1TR ST25C16B3TR ST25C16B5TR ST25C16B6TR ST25C16M1TR ST25C16M3TR ST25C16M5TR ST25C16M6TR ST24C16 ST24C16B1TR ST24C16B3TR ST24C16B5TR ST24C16B6TR ST24C16M1TR ST24C16M3TR ST24C16M5TR ST24C16M6TR ST24W16 ST24W16B1TR ST24W16B3TR ST24W16B5TR ST24W16B6TR ST24W16M1TR ST24W16M3TR ST24W16M5TR ST24W16M6TR ST25W16 ST25W16B1TR ST25W16B3TR ST25W16B5TR ST25W16B6TR ST25W16M1TR ST25W16M3TR ST25W16M5TR ST25W16M6TR
OCR Text 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 1 MILLION ERASE/WRITE CYCLES, with 40 YEARS DATA RETENTION SINGLE SUPPLY VOLTAGE: - 4.5V to 5.5V for ST24x16 versions - 2.5V to 5.5V for ST25x16 versions HARDWARE WRITE...
Description MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-6.4A; Package/Case:PowerPAK 1212-8 16千位串行I2C总线的EEPROM与用户定义的块写保护
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16千位串行I2C总线的EEPROM与用户定义的块写保护
MOSFET, DUAL NN POWERPAKMOSFET, DUAL NN POWERPAK; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:100V; Case style:PowerPak SO-8; Current, Id cont:1.8A; Current, Idm pulse:10A; Power, Pd:1.3W; Resistance, Rds
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.6A; On-Resistance, Rds(on):0.065ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:MICRO FOOT; Leaded Process Compatible:No
MOSFET, DUAL, PP, POWERPAK; Transistor type:MOSFET; Current, Id cont:7A; Resistance, Rds on:0.02R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak; Charge, gate p channel:49nC; Current, Idm pulse:30A; Depth, RoHS Compliant: Yes
(ST2xxx) 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
16/8/4/2/1KbitSerialICBusEEPROM

File Size 125.39K  /  17 Page

View it Online

Download Datasheet

    Xilinx
Part No. XC5VLX20T XC5VLX220 XC5VLX30 XC5VLX30T XC5VLX220T
OCR Text ...,120 64 296 148 5,328 6 n/a 1 4 16 n/a 20 680 xc5vlx155t 160 x 76 24,320 1,640 128 424 212 7,632 6 n/a 1 4 16 n/a 20 680 xc5vlx220t 160 x 10...kbit blocks. 4. each clock management tile (cmt) contains two dcms and one pll. 5. this table lists ...
Description Fpga Integrated Circuit

File Size 221.27K  /  13 Page

View it Online

Download Datasheet

For 16-kbit Found Datasheets File :: 2990    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 16-kbit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2886710166931