Part Number Hot Search : 
AX17075 M28W231 AN3030 MC100LV X5643P N0936 XR1005 62T03G
Product Description
Full Text Search
  16 differential Datasheet PDF File

For 16 differential Found Datasheets File :: 44761    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Analog Devices, Inc.
Part No. AD827JRZ-16-REEL AD827JR-16
OCR Text ...dip and cerdip, 20-pin lcc, and 16-pin soic packages. chips and mil- std-883b processing are also available. 8-pin plastic (n) and cerdip (q...differential gain error f = 4.4 mhz 15 v 0.04 0.04 % differential phase error f = 4.4 mhz 15 v 0.1...
Description High Speed, Low Power Dual Op Amp; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial DUAL OP-AMP, 3500 uV OFFSET-MAX, 35 MHz BAND WIDTH, PDSO16

File Size 328.39K  /  9 Page

View it Online

Download Datasheet





    AD704AR-16

Analog Devices
Part No. AD704AR-16
OCR Text ...IN OUTPUT 1 2 3 4 5 6 7 14 16-Lead SOIC (R) Package 1 2 3 4 5 6 7 8 OUTPUT OUTPUT -IN +IN -VS +IN -IN 16 OUTPUT -IN +IN -VS +...differential Common-Mode INPUT VOLTAGE RANGE Common-Mode Voltage Common-Mode Rejection Ratio INPUT C...
Description Quad Picoampere Input Current Bipolar Op Amp

File Size 227.99K  /  13 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
时钟及定
ALSC[Alliance Semiconductor Corporation]
http://
Alliance Semiconductor ...
Part No. ASM3P623S00FG-16-TT ASM3I623S00AF-08-SR ASM3I623S00AF-08-ST ASM3I623S00AF-08-TR ASM3I623S00AF-08-TT ASM3I623S00AG-08-SR ASM3I623S00AG-08-ST ASM3I623S00AG-08-TR ASM3I623S00AG-08-TT ASM3I623S00BF-08-SR ASM3I623S00BF-08-ST ASM3I623S00BF-08-TR ASM3I623S00BF-08-TT ASM3I623S00BG-08-SR ASM3I623S00BG-08-ST ASM3I623S00BG-08-TR ASM3I623S00BG-08-TT ASM3I623S00CF-08-SR ASM3I623S00CF-08-ST ASM3I623S00CF-08-TR ASM3I623S00CF-08-TT ASM3I623S00CG-08-SR ASM3I623S00CG-08-ST ASM3I623S00CG-08-TR ASM3I623S00CG-08-TT ASM3I623S00DF-16-SR ASM3I623S00DF-16-ST ASM3I623S00DF-16-TR ASM3I623S00DF-16-TT ASM3I623S00DG-16-SR ASM3I623S00DG-16-ST ASM3I623S00DG-16-TR ASM3I623S00DG-16-TT ASM3I623S00EF-16-SR ASM3I623S00EF-16-ST ASM3I623S00EF-16-TR ASM3I623S00EF-16-TT ASM3I623S00EG-16-SR ASM3I623S00EG-16-ST ASM3I623S00EG-16-TR ASM3I623S00EG-16-TT ASM3I623S00FF-16-SR ASM3I623S00FF-16-ST ASM3I623S00FF-16-TR ASM3I623S00FF-16-TT ASM3I623S00FG-16-SR ASM3I623S00FG-16-ST ASM3I623S00FG-16-TR ASM3I623S00FG-16-TT ASM3P623S00A ASM3P623S00AF-08-SR ASM3P623S00AF-08-ST ASM3P623S00AF-08-TR ASM3P623S00AF-08-TT ASM3P623S00AG-08-ST ASM3P623S00AG-08-TR ASM3P623S00AG-08-TT ASM3P623S00BF-08-SR ASM3P623S00BF-08-ST ASM3P623S00BF-08-TR ASM3P62
OCR Text ...DLY CNTRL 1 2 3 4 5 6 7 8 16 15 14 CLKOUT8 CLKOUT7 CLKOUT6 VDD GND CLKOUT5 CLKOUT4 SSON ASM3P623S00 D/E/F 13 12 11 10 9 Ze...differential Cycle Slips and Spread Spectrum Control Table (Note: The values given in the table are...
Description    Zero Cycle Slip Peak EMI reduction IC
HDWR,HEATSINK FOR D2-PAK/TO-263, SMD
Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
PS EXT MED 10.2W 12V @ 0.85A 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
PS EXT MED 10.2W 12V @ 0.85A 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
Flat / Ribbon Cable; Number of Conductors:10; Pitch Spacing:0.05"; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Approval Bodies:UL RoHS Compliant: Yes
TOOL POSITIONER FOR 616336
TOOL INSERT PLIER MILITARY PT
Dust Cover; For Use With:Anderson Power SB175 Series Connectors; Color:Red
Dust Cover; For Use With:Anderson Power SB50 Series Connectors; Color:Red
TOOL EXTRACTION #4 CONTACT PLAST
PWR SPLY EXT MED 10W 9V @ 1.1A
SHIELDED RIBBON CABLE, TWIST N FLAT, 1.27MM TWISTED PAIR, 28AWG, PVC
PWR SPLY EXT MED 10W 5V @ 2A

File Size 296.94K  /  16 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
Part No. AD722JR-16-REEL AD722JR-16-REEL7
OCR Text ...c or pal encoding modes compact 16-pin soic applications rgb to ntsc or pal encoding product description the ad722 is a low cost rgb to ntsc...differential gain with respect to chroma 0.5 % differential phase with respect to chroma 2.0 % dc bl...
Description RGB to NTSC/PAL Encoder

File Size 364.99K  /  12 Page

View it Online

Download Datasheet

    AD844JR-16 AD844JR-16-REEL AD844JR-16-REEL7 AD84407 AD8883B

Analog Devices
Part No. AD844JR-16 AD844JR-16-REEL AD844JR-16-REEL7 AD84407 AD8883B
OCR Text ...ic (N), and Cerdip (Q) Packages 16-Lead SOIC (R) Package NC 1 OFFSETNULL 2 -IN 3 NC 4 +IN 5 NC 6 V- 7 NC 8 AD844 8 7 6 NULL +VS OU...differential gain and differential phase characteristics, making it suitable for a variety of video ...
Description 18V; 1.5W; 60MHz, 1.1W; 2000V/mS monolithic Op Amp. For flash ADC input amplifiers, high-speed current DAC interfaces
60 MHz, 2000 V/us Monolithic Op Amp
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C

File Size 242.53K  /  16 Page

View it Online

Download Datasheet

    AD8024AR-16 AD8024

AD[Analog Devices]
Part No. AD8024AR-16 AD8024
OCR Text ...s 2 mV (Typ) IBIAS is 3 A (Max) 16-Lead SOIC Package APPLICATIONS LCD Column Drivers High-Performance Test Equipment Video Line Driver ATE P...differential Gain (RL = 150 ) differential Phase (RL = 150 ) DC PERFORMANCE Input Offset Voltage Off...
Description Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C
Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
Quad 350 MHz 24 V Amplifier

File Size 162.65K  /  11 Page

View it Online

Download Datasheet

    PhaseLink
Part No. PLL205-16
OCR Text 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510...differential cpu clocks, one pair of differential push - pull cpu clocks, 3 agp and 10 pci. e...
Description Programmable Clock Generator

File Size 272.38K  /  16 Page

View it Online

Download Datasheet

    AD722JR-16 AD722JR-16-REEL AD722JR-16-REEL7 AD722

AD[Analog Devices]
Part No. AD722JR-16 AD722JR-16-REEL AD722JR-16-REEL7 AD722
OCR Text ...C or PAL Encoding Modes Compact 16-Pin SOIC APPLICATIONS RGB to NTSC or PAL Encoding RGB to NTSC/PAL Encoder AD722 The AD722 accepts eit...differential Gain differential Phase DC Black Level POWER SUPPLIES Recommended Supply Range Quiescen...
Description From old datasheet system
RGB to NTSC/PAL Encoder

File Size 357.92K  /  12 Page

View it Online

Download Datasheet

    HDAS-16 HDAS-8

Murata Manufacturing Co., Ltd.
Part No. HDAS-16 HDAS-8
OCR Text 16, HDAS-8 12-Bit, 50kHz, Complete Data Acquisition Systems FEATURES Miniature 62-pin cermanic package 12-Bit resolution, 50kHz throughpu...differential input channels Auto-sequencing channel addressing MIL-STD-883 versions No missing codes...
Description 12-Bit, 50kHz, Complete Data Acquisition Systems

File Size 184.66K  /  7 Page

View it Online

Download Datasheet

For 16 differential Found Datasheets File :: 44761    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 16 differential

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.71794319152832