|
|
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
Part No. |
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C33128PFD32B AS7C33128PFD32B-133TQC AS7C33128PFD32B-133TQCN AS7C33128PFD32B-133TQI AS7C33128PFD32B-133TQIN AS7C33128PFD32B-166TQC AS7C33128PFD32B-166TQCN AS7C33128PFD32B-166TQI AS7C33128PFD32B-166TQIN AS7C33128PFD32B-200TQC AS7C33128PFD32B-200TQCN AS7C33128PFD32B-200TQI AS7C33128PFD32B-200TQIN AS7C33128PFD36B-133TQC AS7C33128PFD36B-133TQCN AS7C33128PFD36B-133TQI AS7C33128PFD36B-133TQIN AS7C33128PFD36B-166TQC AS7C33128PFD36B-166TQCN AS7C33128PFD36B-166TQI AS7C33128PFD36B-166TQIN AS7C33128PFD36B-200TQC AS7C33128PFD36B-200TQCN AS7C33128PFD36B-200TQI
|
Description |
Sync sram - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128k x 32/36 pipeline burst synchronous sram 128k x 32 STANDARD sram, 4 ns, PQFP100 3.3V 128k x 32/36 pipeline burst synchronous sram 128k x 36 STANDARD sram, 4 ns, PQFP100 128k x 36 STANDARD sram, 4 ns, PQFP100 14 x 20 MM, TQFP-100 128k x 32 STANDARD sram, 4 ns, PQFP100 14 x 20 MM, TQFP-100 128k x 32 STANDARD sram, 4 ns, PQFP100 14 x 20 MM, LeAD FRee, TQFP-100 128k x 36 STANDARD sram, 4 ns, PQFP100 14 x 20 MM, LeAD FRee, TQFP-100 3.3V 128k x 32/36 pipeline burst synchronous sram 128k x 32 STANDARD sram, 3 ns, PQFP100 3.3V 128k x 32/36 pipeline burst synchronous sram 128k x 32 STANDARD sram, 3.5 ns, PQFP100 3.3V 128k x 32/36 pipeline burst synchronous sram 3.3 128k的x 32/36管道爆裂同步sram
|
File Size |
530.02K /
19 Page |
View
it Online |
Download Datasheet |
|
|
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPReSS[Cypress Semiconductor]
|
Part No. |
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350F-100BGI CY7C1350F-100BGC CY7C1350F-225AI CY7C1350F-225BGI CY7C1350F-250BGI CY7C1350F-133AC CY7C1350F-133AI CY7C1350F-133BGC CY7C1350F-133BGI CY7C1350F-166AC CY7C1350F-166AI CY7C1350F-166BGC CY7C1350F-166BGI CY7C1350F-200AC CY7C1350F-200AI CY7C1350F-200BGC CY7C1350F-200BGI CY7C1350F-225AC CY7C1350F-225BGC CY7C1350F-250AC CY7C1350F-250AI CY7C1350F-250BGC
|
Description |
4-Mb (128k x 36) Pipelined sram with Nobl Architecture 128k x 36 ZBT sram, 2.8 ns, PBGA119 4-Mb (128k x 36) Pipelined sram with Nobl Architecture 128k x 36 ZBT sram, 4.5 ns, PQFP100 4-Mb (128k x 36) Pipelined sram with Nobl Architecture 128k x 36 ZBT sram, 2.6 ns, PBGA119 4-Mb (128k x 36) Pipelined sram with Nobl Architecture 128k x 36 ZBT sram, 2.6 ns, PQFP100 CABLe ASSeMBLY; LeAD-FRee SOLDeR; SMA MALe TO SMA MALe; 50 OHM, Pe-SR047FL (.047" Re-SHAPABLe) 128k x 36 ZBT sram, 3.5 ns, PQFP100 4-Mb (128k x 36) Pipelined sram with Nobl Architecture 128k x 36 ZBT sram, 2.8 ns, PQFP100 4-Mb (128k x 36) Pipelined sram with Nobl(TM) Architecture
|
File Size |
391.04K /
16 Page |
View
it Online |
Download Datasheet |
|
|
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
Part No. |
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128FT32B-10TQC AS7C33128FT32B-10TQCN AS7C33128FT32B-10TQI AS7C33128FT32B-10TQIN AS7C33128FT32B-65TQC AS7C33128FT32B-65TQCN AS7C33128FT32B-65TQI AS7C33128FT32B-65TQIN AS7C33128FT32B-75TQC AS7C33128FT32B-75TQCN AS7C33128FT32B-75TQI AS7C33128FT32B-75TQIN AS7C33128FT32B-80TQC AS7C33128FT32B-80TQCN AS7C33128FT32B-80TQI AS7C33128FT32B-80TQIN AS7C33128FT36B-10TQC AS7C33128FT36B-10TQCN AS7C33128FT36B-10TQI AS7C33128FT36B-10TQIN AS7C33128FT36B-65TQC AS7C33128FT36B-65TQCN AS7C33128FT36B-65TQI AS7C33128FT36B-65TQIN AS7C33128FT36B-75TQC AS7C33128FT36B-75TQCN AS7C33128FT36B-75TQI AS7C33128FT36B-75TQIN AS7C33128FT36B-80TQC AS7C33128FT36B-80TQCN AS7C33128FT36B-80TQI AS7C33128FT32B
|
Description |
3.3V 128k x 32/36 Flow Through Synchronous sram 3.3 128k的x 32/36流通过同步sram 3.3V 128k x 32/36 Flow Through Synchronous sram 128k x 36 STANDARD sram, 8 ns, PQFP100 3.3V 128k x 32/36 Flow Through Synchronous sram 128k x 32 STANDARD sram, 10 ns, PQFP100 3.3V 128k x 32/36 Flow Through Synchronous sram 128k x 32 STANDARD sram, 7.5 ns, PQFP100 3.3V 128k x 32/36 Flow Through Synchronous sram 128k x 32 STANDARD sram, 6.5 ns, PQFP100 3.3V 128k x 32/36 Flow Through Synchronous sram 128k x 36 STANDARD sram, 6.5 ns, PQFP100 128k x 32 STANDARD sram, 10 ns, PQFP100 14 x 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATeD TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync sram - 3.3V
|
File Size |
404.75K /
19 Page |
View
it Online |
Download Datasheet |
|
|
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
Part No. |
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025B-10JCN AS7C1025B-10JI AS7C1025B-10JIN AS7C1025B-10TJC AS7C1025B-10TJCN AS7C1025B-10TJI AS7C1025B-10TJIN AS7C1025B-12JC AS7C1025B-12JCN AS7C1025B-12JI AS7C1025B-12JIN AS7C1025B-12TJC AS7C1025B-12TJCN AS7C1025B-12TJI AS7C1025B-12TJIN AS7C1025B-15JC AS7C1025B-15JCN AS7C1025B-15JI AS7C1025B-15JIN AS7C1025B-15TJC AS7C1025B-15TJCN AS7C1025B-15TJI AS7C1025B-15TJIN AS7C1025B-20JC AS7C1025B-20JCN AS7C1025B-20JI AS7C1025B-20JIN AS7C1025B-20TJC AS7C1025B-20TJCN AS7C1025B-20TJI
|
Description |
128 x 64 pixel format, LeD or eL Backlight available 128k x 8 STANDARD sram, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128k x 8 STANDARD sram, 12 ns, PDSO32 5V 128k x 8 CMOS sram (Center power and ground) 128k x 8 STANDARD sram, 20 ns, PDSO32 5V 128k x 8 CMOS sram (Center power and ground) 128k x 8 STANDARD sram, 15 ns, PDSO32 High Speed CMOS Logic dual Negative-edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic dual Negative-edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 sram - 5V Fast Asynchronous
|
File Size |
90.07K /
9 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|