Part Number Hot Search : 
TC400 MP6301 MAX15026 MPX530 1N5238B MC68EC03 57K50 PA5155
Product Description
Full Text Search
  1250 2500 Datasheet PDF File

For 1250 2500 Found Datasheets File :: 1590    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF1607

International Rectifier
Part No. IRF1607
OCR Text ... Max. 142 100 570 380 2.5 20 1250 See Fig.12a, 12b, 15, 16 5.2 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C V...2500 VDS L D R IV E R ID 35A 60A 85A 2000 RG VV 2 0GS D .U .T IA S tp 0 .0 1 ...
Description Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A)

File Size 179.50K  /  9 Page

View it Online

Download Datasheet





    VSC6048

VITESSE[Vitesse Semiconductor Corporation]
ETC
Part No. VSC6048
OCR Text ...C ps/100mV ps rms ps 2500 ps ps 1250 ps ps ps ps ns 800 300 250 1750 250 3500 2 NOTE: (1) The rising edge of the input (INA, INB) must fall in the setup region defined from 250ps to 1250ps before the rising edge of the reference clock...
Description High-Speed Octal Programmable Timing Generator

File Size 204.26K  /  18 Page

View it Online

Download Datasheet

    MAX6381 MAX6381XRD-T MAX6382 MAX6382XRD-T MAX6383 MAX6383XRD-T MAX6384 MAX6384XSD-T MAX6385XSD-T MAX6386XSD-T MAX6387XSD

Maxim Integrated Produc...
MAXIM INTEGRATED PRODUCTS INC
电源管理
友顺科技股份有限公司
Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
http://
MAXIM - Dallas Semiconductor
Part No. MAX6381 MAX6381XRD-T MAX6382 MAX6382XRD-T MAX6383 MAX6383XRD-T MAX6384 MAX6384XSD-T MAX6385XSD-T MAX6386XSD-T MAX6387XSD-T MAX6388XSD-T MAX6389XSD-T MAX6390 MAX6390XS2 MAX6381XS24D4-T MAX6390XS29D4-T MAX6387XS34D6-T MAX6384XS39D4-T MAX6388XS29D3-T MAX6385XS18D4-T MAX6389XS38D1-T MAX6384XS19D7-T MAX6385XS16D6-T MAX6384XS31D6-T MAX6386XS29D1-T MAX6386XS29D2-T MAX6386XS29D3-T MAX6386XS29D4-T MAX6386XS29D5-T MAX6386XS29D6-T MAX6386XS29D7-T MAX6390XS46D7-T MAX6381XS16D1-T MAX6381XS16D2-T MAX6381XS16D3-T MAX6381XS16D4-T MAX6381XS16D5-T MAX6381XS16D6-T MAX6381XS16D7-T MAX6381XS17D1-T MAX6381XS17D2-T MAX6381XS17D3-T MAX6381XS17D4-T MAX6381XS17D5-T MAX6381XS17D6-T MAX6381XS17D7-T MAX6381XS18D1-T MAX6381XS18D2-T MAX6381XS18D3-T MAX6381XS18D4-T MAX6381XS18D5-T MAX6381XS18D6-T MAX6381XS18D7-T MAX6381XS19D1-T MAX6381XS19D2-T MAX6381XS19D3-T MAX6381XS19D4-T MAX6381XS19D5-T MAX6381XS19D6-T MAX6381XS19D7-T MAX6381XS20D1-T MAX6381XS20D2-T MAX6381XS20D3-T MAX6381XS20D4-T MAX6381XS20D5-T MAX6381XS20D6-T MAX6381XS20D7-T MAX6381XS21D1-T MAX6381XS21D2-T MAX6381XS21D3-T MAX6381XS21D4-T MAX6381XS21D5-T MAX6381XS21D6-T MAX6381XS21D7-T MAX6381XS22D1-T MAX6381XS22D2-T MAX6381XS22D3-T MAX6381XS22D4-T MAX6381X
OCR Text ... 0.5 0 12 0 250 500 750 1000 1250 1500 ISOURCE (A) 0.990 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C) MAXIMUM TRANSIENT ...2500 pieces. Nonstandard versions have an order increment requirement of 10,000 pieces. Contact fact...
Description 4.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit
2.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit
2.19 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
2.31 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.67 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.58 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.58 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.58 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit
2.63 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit
3.08 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
3.08 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit
3.08 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit
3.08 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit
Analog IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
1024x4 CMOS RAM; Temperature Range: -55°C to 125°C; Package: 18-CerDIP
500MHz Rail-to-Rail Amplifier; Temperature Range: -55°C to 125°C; Package: 8-SBDIP
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack
±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC
N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape &amp; Reel
360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape &amp; Reel
SC70, Single/Dual Low-Voltage, Low-Power ?? Reset Circuits
700-mW Mono, Class-AB Audio Amplifier with Active High Shutdown 8-MSOP-PowerPAD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
Quad Operational Amplifier; Package: SOP; No of Pins: 14; Container: Rail 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
DIODE SWITCHING DUAL COMMON-CATHODE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SC70封装,单/双低电压,低功耗レP复位电路
CONNECT-CRIMP WL MT RCPT L/C SC70封装,单/双低电压,低功耗レP复位电路
*** UNUSED GENERIC #'S *** 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
SC70 Single/Dual Low-Voltage Low-Power &#181.P Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路
PCB PLUG-IN BASE FOR LPB RoHS Compliant: Yes SC70封装,单/双低电压,低功耗レP复位电路
700-mW Mono, Class-AB Audio Amplifier with Mono Headphone Drive 8-SOIC -40 to 85 SC70封装,单/双低电压,低功耗レP复位电路
SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路
1.25-W Mono, Fully Differential, Class-AB Audio Amp w/ 1.8V Compatible Shutdown Voltage (TPA6205) 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
1.7-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-MSOP-PowerPAD 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
1.25-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
FC/PC F.O. SINGLE MODE IN-LINE ATTENUATOR 10DB SC70封装,单/双低电压,低功耗レP复位电路
N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Tape &amp; Reel SC70封装,单/双低电压,低功耗レP复位电路
N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk SC70封装,单/双低电压,低功耗レP复位电路
N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Tape &amp; Reel SC70封装,单/双低电压,低功耗レP复位电路
N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Ammo SC70封装,单/双低电压,低功耗レP复位电路
SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
CONNECT-CRIMP WL MT RCPT L/C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
Fuses, 400mA 250V SB 5X15 BULK SC70封装,单/双低电压,低功耗レP复位电路
TWINAX T ADAPTER, JACK- JACK-J
USB 2.0 B MALE (RT ANGLE)TO A M 4 FEET
FF-LS Series, Type 4, Safety Light Curtain, 14 mm [0.55 in] resolution, 561 mm [22.10 in] protection height
Chip Bead; Current Rating:200mA; Resistance:0.5ohm; Package/Case:1806; Frequency:100MHz; Impedance:150ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:No; Mounting Type:Surface Mount RoHS Compliant: Yes
CABLE ASSEMBLY; SMA MALE TO TNC MALE; 50 OHM, RG178B/U COAX
1A/650V 70KHz Power Switch; ; No of Pins: 8; Container: Rail
SOLDER JAM NUT RECPT -SR
SOLDER PLUG -SR
670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP
500MHz Rail-to-Rail Amplifiers; Temperature Range: -55°C to 125°C; Package: 10-FlatPack
±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC
±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC
LOW DROP POSITIVE VOLTAGE REGULATORS
360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel
EcoSPARK 500mJ, 450V, N-Channel Ignition IGBT
BOOT,HEATSHRINKABLE,STRAIN-RELIEF
SC70 / Single/Dual Low-Voltage / Low-Power P Reset Circuits
SC70 Single/Dual Low-Voltage Low-Power P Reset Circuits
" SC70, Single/Dual Low- Voltage, Low-Power ?P Reset Circuits"
SC70, Single/Dual Low-Voltage, Low-Power 楼矛P Reset Circuits
SC70, Single/Dual Low-Voltage, Low-Power 渭P Reset Circuits
SC70, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
700-mW Mono, Class-AB Audio Amplifier 8-SOIC
3.08 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit
3.08 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit
3.08 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.58 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.58 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.58 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.58 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.67 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit
2.93 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit
4.63 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit
4.38 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit
2.63 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
1.67 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit

File Size 192.14K  /  11 Page

View it Online

Download Datasheet

    VNS1NV04D VNS1NV04D13TR VNS1NV04D-E

http://
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. VNS1NV04D VNS1NV04D13TR VNS1NV04D-E
OCR Text ...(on) 0.25 0 0 250 500 750 1000 1250 1500 1750 2000 2250 2500 100 50 0 3.25 td(on) 3.5 3.75 4 4.25 4.5 4.75 5 5.25 Rg(ohm) Vin(V) Output Characteristics ID(A) 2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 ...
Description “OMNIFET II? FULLY AUTOPROTECTED POWER MOSFET
OMNIFET II: FULLY AUTOPROTECTED POWER MOSFET
“OMNIFET II”: FULLY AUTOPROTECTED POWER MOSFET
"OMNIFET II": FULLY AUTOPROTECTED POWER MOSFET

File Size 242.99K  /  14 Page

View it Online

Download Datasheet

    DG408BP45

DYNEX[Dynex Semiconductor]
Part No. DG408BP45
OCR Text ...0A/s, 1750 dIFG/dt = 30A/s 1500 1250 1000 750 500 250 0 VD = 3000V VD = 2000V VD = 1000V 0 250 500 750 1000 On-state curre...2500 Turn-on energy loss EON - (mJ) 2250 2000 1750 1500 Conditions: Tj = 25C, IT = 1000A, CS ...
Description Gate Turn-off Thyristor

File Size 223.10K  /  19 Page

View it Online

Download Datasheet

    HDMP-1022 HDMP-1024

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HDMP-1022 HDMP-1024
OCR Text ... Data Rate (Mbit/sec) Range 583 1250 (max) 292 750 146 375 125 (min) 187.5 Serial Baud Rate (MBaud/sec) Range 700 1500 (max) 350 900 175 ...2500 SERIAL DATA RATE (Mbaud) 619 EHCLKSEL FLAGSEL INPUT LATCH INTERNAL CLOCKS CONTRO...
Description Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os

File Size 292.53K  /  40 Page

View it Online

Download Datasheet

    HDMP-1636 HDMP-1646

Dantona Industries, Inc.
HP[Agilent(Hewlett-Packard)]
Agilent (Hewlett-Packard)
Part No. HDMP-1636 HDMP-1646
OCR Text ...t Ethernet Compatible, Supports 1250 MBd Gigabit Ethernet * Based on X3T11 "10 Bit Specification" * Low Power Consumption * Transmitter and ...2500 60 8.5 Notes: 1. This is the recovery time for input phase jumps, per the Fibre Channel S...
Description Gigabit Ethernet Transceiver Chip 千兆以太网收发器芯片
Software

File Size 314.09K  /  15 Page

View it Online

Download Datasheet

    HIP7010 HIP7010B HIP7010P FN3644

INTERSIL[Intersil Corporation]
Part No. HIP7010 HIP7010B HIP7010P FN3644
OCR Text ...lock detect frequency limit 650 1250 450 450 -10 750 1300 500 500 10 -10 10 10 850 1400 550 550 50 40 40 ns ns ns ns ns ns ns ns 450 1150 750 1225 850 1300 ns ns (See Figure 1- Figure 7) TA = -40oC to +125oC, VDD = 5VDC 10%, Unless Otherwis...
Description From old datasheet system
J1850 Byte Level Interface Circuit

File Size 105.36K  /  20 Page

View it Online

Download Datasheet

    ZX10-4-11 ZX10-4-14 ZX10-4-19 ZX10-4-24 ZX10-4-27 ZX10-4-SERIES

MINI[Mini-Circuits]
Part No. ZX10-4-11 ZX10-4-14 ZX10-4-19 ZX10-4-24 ZX10-4-27 ZX10-4-SERIES
OCR Text ... 6.2 6.0 1100 S-1(dB) 1150 1200 1250 1300 1350 S-3(dB) 1400 1450 ZX10-4-14 INSERTION LOSS at RF level of -10 dBm 60 50 40 VSWR 30 20 10 ISO ...2500 2600 2700 ISOLATION (dB) at RF level of -10 dBm S-1(dB) S-3(dB) 60 50 at RF level of -10 dBm ...
Description Power Splitters/Combiners 4 Way-0∑ 50з 800 to 2700 MHz
Power Splitters/Combiners 4 Way-0 50 800 to 2700 MHz

File Size 158.52K  /  2 Page

View it Online

Download Datasheet

For 1250 2500 Found Datasheets File :: 1590    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1250 2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.7515881061554