|
|
|
Analog Devices, Inc.
|
Part No. |
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5
|
Description |
High precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High precision anyCAPDual Low Dropout Linear Regulator
|
File Size |
304.52K /
8 Page |
View
it Online |
Download Datasheet |
|
|
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
Part No. |
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I/SO PIC16FR710-16I/SO PIC16FR710-16I/SS PIC16FR711-16I/SS PIC16FR73A16I/SO PIC16FR711-16I/SO PIC16LFR711-16I/SS PIC16FR73-16I/SO PIC16LFR710-16I/SS PIC16FR72-16I/SO PIC16LFR73-16I/SO PIC16LFR710-16I/SO PIC16LFR711-16I/SO PIC16LFR73A16I/SO PIC16LFR72-16I/SS PIC16FR73A20I/P PIC16LFR73A20I/P PIC16FR72-10I/SS PIC16LFR72-10I/P PIC16FR72-10I/P PIC16FR72-10I/SO PIC16FR72-20I/SS PIC16LFR72-10I/SS PIC16FR72-20I/P PIC16LFR72-10I/SO PIC16FR72-20I/SO PIC16FR710-04I/SO PIC16LFR710-04I/SS PIC16LFR710-04I/SO PIC16FR710-20I/SS PIC16LFR74-16/L PIC16FR74-16/L PIC16FR74-20/PQ PIC16LFR73A10I/SO PIC16LFR710-20I/P PIC16FR710-10I/SS PIC16LFR710-10I/SS PIC16LFR74-04I/PQ PIC16LFR74-04/L PIC16LFR74-16I/L PIC16LFR710-16I/P PIC16LFR711-16I/P PIC16LFR72-16I/SO PIC16LFR74-16I/P PIC16LFR74-16I/PQ PIC16LFR73A16/SO PIC16LFR74A04/L PIC16LFR74A16/L PIC16LFR74A10/L PIC16LFR710-10/P PIC16LFR74A20/PQ PIC16FR74A20/L PIC16LFR72-04I/SO PIC16LFR74A04/PQ PIC16LFR710-10/SO
|
Description |
Micropower, Dual and Quad, Single Supply, precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C precision 5 volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 precision 5 volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 precision 5 volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
File Size |
2,821.75K /
29 Page |
View
it Online |
Download Datasheet |
|
|
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
Part No. |
RC1616 RC1616D-3.3 RC1616S-3.3 RC1616D-2.5 RC1616ST RC1616S33T RC1616S5T RC1616M33T RC1616M25
|
Description |
0.5A Fixed 2.5V Low Dropout voltage Regulator (LDO) 0.5A Fixed 5V Low Dropout voltage Regulator (LDO) 0.5A Fixed 3.3V Low Dropout voltage Regulator (LDO) 0.5A Adjustable Low Dropout voltage Regulator (LDO) 0.5A Adjustable/Fixed Low Dropout Linear Regulator volt REGULATOR|FIXED| 3.3V|BIPOLAR|SIP|3PIN|PLASTIC volt REGULATOR|FIXED| 3.3V|BIPOLAR|SOT-223|3PIN|PLASTIC volt REGULATOR|FIXED| 2.5V|BIPOLAR|SIP|3PIN|PLASTIC
|
File Size |
325.48K /
8 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|