Part Number Hot Search : 
ISL9230 NTX1N ATAR090 40020 CS842 DSP56 A170D SMCJ30
Product Description
Full Text Search
  100mhz Datasheet PDF File

For 100mhz Found Datasheets File :: 20802    Search Time::2.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    813-SL60.0M-10

Oscilent Corporation
Part No. 813-SL60.0M-10
OCR Text ...roduct description 813-sl60.0m-10 60.0mhz if saw filter 23.55mhz bandwidth specification contents o mechanical dimensions o test circuit o maximum ratings o electrical specification o frequency response notes o electrostati...
Description 60.0MHz IF SAW Filter 23.55MHz Bandwidth

File Size 113.40K  /  4 Page

View it Online

Download Datasheet





    EUROQUARTZ LTD
Part No. EMV15GT33-128.0-1.0/-3075 EMV15GT33-128.0-2.5/-4085
OCR Text ... range (c) 0 ~ +50 p p p p p p -10 ~ +60 ask p p p p p -20 ~ +70 x p p p p p -30 ~ +75 x p p p p p -40 ~ +85 x x x ask ask p p = available,...0mhz to 200.0mhz output waveform: squarewave, hcmos initial calibration tolerance models with...
Description TCXO, CLOCK, 128 MHz, HCMOS OUTPUT

File Size 137.11K  /  1 Page

View it Online

Download Datasheet

    EUROQUARTZ LTD
Part No. EMV9GT33-32.768-1.0/-1060
OCR Text ... range (c) 0 ~ +50 p p p p p p -10 ~ +60 ask p p p p p -20 ~ +70 x p p p p p -30 ~ +75 x p p p p p -40 ~ +85 x x x ask ask p p = available,...0mhz to 200.0mhz output waveform: squarewave, hcmos initial calibration tolerance models with...
Description TCXO, CLOCK, 32.768 MHz, HCMOS OUTPUT

File Size 111.98K  /  1 Page

View it Online

Download Datasheet

    MB62T28-38.880-1.0/-1060

EUROQUARTZ LTD
EUROQUARTZ limited
Part No. MB62T28-38.880-1.0/-1060
OCR Text ...s. load change: 0.3 ppm max. 10% change vs. reflow (smd type): 1.0ppm max. for one reflow ( measured after 24 hours ) supply v...0mhz: 8ma max. at 200.0mhz: 20ma max. output load: 15pf storage temperature: -55~+125c...
Description TCXO, CLOCK, 38.88 MHz, HCMOS OUTPUT
11.4 x 9.6 x 2.5mm 6 pad SMD HCMOS

File Size 184.51K  /  1 Page

View it Online

Download Datasheet

    HMS12832M4V-10 HMS12832M4V-12 HMS12832M4V-15 HMS12832M4V-20 HMS12832M4V-8 HMS12832M4V

Hanbit Electronics Co.,Ltd
Part No. HMS12832M4V-10 HMS12832M4V-12 HMS12832M4V-15 HMS12832M4V-20 HMS12832M4V-8 HMS12832M4V
OCR Text ... FEATURES w Access times : 8, 10, 12, 15 and 20ns w High-density 512KByte design w High-reliability, high-speed design w Single + 3.3V 0.3...0MHZ, /CEVCC-0.2V, VIN VCC-0.2V or VIN0.2V ISB ISB1 200 20 200 20 200 20 mA mA ICC 640 620 600 mA SY...
Description SRAM MODULE 512KByte (128K x 32-Bit) 3.3V, 64Pin-SIMM

File Size 57.18K  /  6 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
ABRACON CORP
Part No. ABM3C-10.0000MHZ-10-T ABM3C-10.0000MHZ-10-2-Y ABM3C-10.0000MHZ-10-B-3-Z-T ABM3C-FREQ1-10-E-2-H ABM3C-FREQ1-10-E-2-Z-T ABM3C-FREQ1-10-E-2-Y-T ABM3C-FREQ1-S-B-T ABM3C-50.0000MHZ-10-C-3-Z ABM3C-16.0000MHZ-10-C-3-Z-T
OCR Text ...k if standard) revised: 08.19.10 visit www.abracon.com for terms & conditions of sale frequency t olerance +25 c frequency stability o...0mhz - 50.0mhz fundamental -10c to + 70c (see options) - 40 c to + 90 c 50ppm max. (see option...
Description QUARTZ CRYSTAL RESONATOR, 10 MHz ROHS COMPLIANT, MINIATURE, CERAMIC, SMD, 4 PIN
QUARTZ CRYSTAL RESONATOR, 10 MHz - 15.99 MHz
QUARTZ CRYSTAL RESONATOR, 50 MHz
QUARTZ CRYSTAL RESONATOR, 16 MHz

File Size 732.58K  /  2 Page

View it Online

Download Datasheet

    Samsung Electronics
Part No. KM641003CJ-10
OCR Text ...M FEATURES * Fast Access Time 10,12,15,20ns(Max.) * Low Power Dissipation Standby (TTL) : 30mA(Max.) (CMOS) : 5mA(Max.) 0.5mA(Max.) L-Ver....0MHz, CS VCC-0.2V, VINVCC-0.2V or VIN0.2V IOL=8mA IOH=-4mA IOH1=-0.1mA Normal L-Ver. Min -2 -2 2.4 M...
Description 256K x 4 Bit (with inverted OE) High-Speed CMOS Static RAM

File Size 150.88K  /  9 Page

View it Online

Download Datasheet

    RWP03060-10

RFHIC
Part No. RWP03060-10
OCR Text 10 korean facilities : 82 - 31 - 250 - 5078 / rfsales@rfhic.com all specifications may change without notice us facility : 919 - ...0mhz 37 38 - 50 ~ 512 mhz power gai n flatness @ pin 11dbm dbpp - 1 .0 2.0 ...
Description Wideband Power Amplifier

File Size 622.11K  /  5 Page

View it Online

Download Datasheet

    GVXO-513 GVXO-513_SB GVXO-513_SA GVXO-513/SA GVXO-513/SB

GOLLEDGE[Golledge Electronics Ltd]
Part No. GVXO-513 GVXO-513_SB GVXO-513_SA GVXO-513/SA GVXO-513/SB
OCR Text 10% linearity Frequency pullability (min): 100ppm Other S specify A B specify Product GVXO-513 Option Codes 5.20 (max) 3.40 (max) Freq...0MHz) 25mA max (>30.0 ~ 52.0MHz) Driving ability: 15pF CMOS TOP VIEW PAD 1 2 3 4 5 6 CONNECTION C...
Description 3.3V VCXO

File Size 55.05K  /  1 Page

View it Online

Download Datasheet

For 100mhz Found Datasheets File :: 20802    Search Time::2.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 100mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69208884239197