|
|
|
Diodes, Inc.
|
Part No. |
TB0720H-13-F TB2300H-13-F
|
Description |
100a bi-directional surface moUNT THYRISTOR SURGE PROTECTIVE DEVICE 88 V, 50 A, SILICON SURGE PROTECTOR 100a bi-directional surface moUNT THYRISTOR SURGE PROTECTIVE DEVICE 265 V, 50 A, SILICON SURGE PROTECTOR
|
File Size |
99.79K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
Part No. |
T3A6CI
|
Description |
RECTIFIER STANDARD SINGLE 3A 400V 400 100a-ifsm 10uA-ir 1.15V-vf PowerDI5 5K/REEL bi-directional TRIODE THYRISTOR 3A moLD TRIAC
|
File Size |
81.22K /
3 Page |
View
it Online |
Download Datasheet |
|
|
|
SCHURTER AG Schurter Inc.
|
Part No. |
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.XX 3404.0017.XX OMF125 3404.0008.XX 3404.0048.XX 3404.0018.XX 3404.0007.XX 3404.0047.XX 3404.0049.XX 3404.0010.XX 3404.0011.XX 3404.0012.XX 3404.0013.XX 3404.0015.XX 3404.0016.XX 3404.0020.XX 3404.0045.XX 3404.0021.XX 3404.0006.XX 3404.0003.XX 3404.0004.XX 3404.0005.XX 3404.0009.XX 3404.0046.XX 3404.0020.11 3404.0018.24
|
Description |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100a (IR), surface moUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100a (IR), surface moUNT surface mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
File Size |
418.79K /
3 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|