Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
  1000mw Datasheet PDF File

For 1000mw Found Datasheets File :: 444    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AC4490-1000 AC4490-1000M AC4490-1X1 AC4490-200 AC4490-200A AC4490-200M

List of Unclassifed Manufacturers
ETC
Part No. AC4490-1000 AC4490-1000M AC4490-1X1 AC4490-200 AC4490-200A AC4490-200M
OCR Text ...* Variable output power: 5mW to 1000mw. Recreation Areas * * * * * Golf cart tracking Score keeping Order entry Irrigation systems Grounds maintenance PARAMETER Interface Frequency (software selectable) Modulation Serial interface o...
Description The fastest way to wireless

File Size 185.49K  /  2 Page

View it Online

Download Datasheet





    SLD304B

Sony Corporation
Part No. SLD304B
OCR Text 1000mw High Power Laser Diode Description The SLD304B is a high power laser diode mounted on a 3 x 3 x 5mm Copper block. It is ideal for applications which require a minimal distance between the laser facet and external optical parts. Feat...
Description BLOCK-TYPE 1000mw HIGH POWER LASER DIODE

File Size 63.53K  /  7 Page

View it Online

Download Datasheet

    DBLECTRO[DB Lectro Inc]
Part No. 8013-2323-AU
OCR Text 1000mw IR Laser Diodes AUTO PACKAGE Laser Diode TO-5(p 9.0mm) 1/2 Absolute Maximum Ratings(Tc=25J ) Symbols Characteristics Po Reverse Voltage Reverse Voltage Vr Voltage PIN PD Vr(PIN) Top Operating Temperature Tstg Storage Temperatur...
Description 808nm 1000mw IR Laser Diodes AUTO PACKAGE

File Size 61.18K  /  1 Page

View it Online

Download Datasheet

    Sony, Corp.
SONY[Sony Corporation]
Part No. SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 SLD323V-24 SLD323V-25
OCR Text ...ensity (optional scale) PO = 1000mw PO = 800mW PO = 600mW PO = 400mW PO = 200mW 100 -10 0 10 20 30 -90 -60 -30 0 30 60 90 Tc - Case temperature [C] Angle [degree] Power dependence of far field...
Description Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管
Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes
Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD;
A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
High Power Density 1W Laser Diode

File Size 66.85K  /  7 Page

View it Online

Download Datasheet

    SONY[Sony Corporation]
Part No. SLD323XT-3 SLD323XT SLD323XT-1 SLD323XT-2 SLD323XT-21 SLD323XT-24 SLD323XT-25
OCR Text ...ensity (optional scale) PO = 1000mw PO = 800mW PO = 600mW PO = 400mW PO = 200mW 100 -10 0 10 20 30 -90 -60 -30 0 30 60 90 Tth - Thermistor temperature [C] Angle [degree] Power dependence of fa...
Description 1W High Power Laser Diode

File Size 95.61K  /  7 Page

View it Online

Download Datasheet

    SP784CT SP784CP SP782CT SP782CP SP782 SP784

SIPEX[Sipex Corporation]
Part No. SP784CT SP784CP SP782CT SP782CP SP782 SP784
OCR Text ...c DIP...........................1000mw 16-pin Plastic SOIC.........................1000mw Package Derating: 16-pin Plastic DIP oJA....................................................62 C/W 16-pin Plastic SOIC oJA...............................
Description Programmable Charge Pump

File Size 225.08K  /  16 Page

View it Online

Download Datasheet

    SP481R

Sipex Corporation
Part No. SP481R
OCR Text ...c dip...........................1000mw 8-pin plastic n-soic.......................1000mw package derating: 8-pin plastic dip ? ja ....................................................62 c/w 8-pin plastic n-soic ? ja ..........................
Description High-Fanout Half-Duplex RS-485 Transceiver(高扇出,半双工RS-485/RS-422收发

File Size 84.52K  /  9 Page

View it Online

Download Datasheet

    MAX9701EUP MAX9701 MAX9701EBP-T MAX9701ETG

MAXIM - Dallas Semiconductor
Maxim Integrated Products
Part No. MAX9701EUP MAX9701 MAX9701EBP-T MAX9701ETG
OCR Text ...d 87% Efficiency (RL = 8, PO = 1000mw) Less Than 0.1% THD+N High 80dB PSRR Fully Differential Inputs Integrated Click-and-Pop Suppression Typical Low Quiescent Current (9mA) Typical Low-Power Shutdown Mode (0.1A) Short-Circuit and T...
Description 1.3W, Filterless, Stereo Class D Audio Power Amplifier

File Size 1,321.43K  /  21 Page

View it Online

Download Datasheet

    DN4N08TTE DN4N08TTEB DN4S03TTE DN4S03TTEB DN4S04TTE DN4S04TTEB DN4S06TTEB DN2N08TTE DN2N08TTEB DN5N08TTE DN7N08TTE DN7N0

KOA Speer Electronics, Inc.
Part No. DN4N08TTE DN4N08TTEB DN4S03TTE DN4S03TTEB DN4S04TTE DN4S04TTEB DN4S06TTEB DN2N08TTE DN2N08TTEB DN5N08TTE DN7N08TTE DN7N08TTEB DN2Q24TTE DN2Q20TTE DN2Q24TTEB DN2Q20TTEB DNAQ20TTE DNAQ20TTEB DNAQ24TTE DNAQ24TTEB DN4Q20TTE DN4Q24TTE DN4Q20TTEB DN4Q24TTEB DN6N08TTE DN6Q20TTE DN6Q20TTEB DN6Q24TTEB DN6S03TTE DN6S03TTEB DN6S04TTE DN6N08TTEB DN5Q20TTE DN5Q20TTEB DN5Q24TTE DN5Q24TTEB DN5N08TTEB DN7Q20TTE DN7Q20TTEB DN7Q24TTE DN7Q24TTEB DN7S03TTE DN7S03TTEB DN7S04TTE DN7S04TTEB DN7S06TTEB DN3S04TTE DN2S04TTEB DN3S04TTEB DN6S04TTEB
OCR Text ...S06 N08 225mw 225mw 225mw 400mw 1000mw 1000mw Pins 3 4 6 8 20 24 Dimensions inches (mm) L 0.2 W 0.2 p 0.1 Pkg Ht d 0.05 0.2 .115 (2.92) .115 (2.92) .115 (2.92) .190 (4.83) .341 (8.66) .341 (8.66) .091 (2.30) .091 (2.30) .110 (2.80) .2...
Description diode terminator network

File Size 103.54K  /  2 Page

View it Online

Download Datasheet

    MAX9701ETG MAX970109 MAX9701EBPTG45

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX9701ETG MAX970109 MAX9701EBPTG45
OCR Text ... 87% Efficiency (RL = 8, POUT = 1000mw) o Less Than 0.1% THD+N o High 80dB PSRR o Fully Differential Inputs o Integrated Click-and-Pop Suppression o Typical Low Quiescent Current (9mA) o Typical Low-Power Shutdown Mode (0.1A) o Short-Circui...
Description 1.3W, Filterless, Stereo Class D Audio Power Amplifier

File Size 397.83K  /  22 Page

View it Online

Download Datasheet

For 1000mw Found Datasheets File :: 444    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1000mw

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.53827285766602