|
|
|
ANAREN INC
|
Part No. |
H0115 2A0755
|
Description |
1000 MHz - 2000 MHz RF/MICROWAVE single BALANCED MIXER, 8 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz, RF/MICROWAVE PHASE SHIFTER
|
File Size |
2,295.77K /
13 Page |
View
it Online |
Download Datasheet |
|
|
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
Part No. |
Tdc-10-1 Tdc-10-2 Tdc-6-1 Pdc-10-1 Pdc-10-1-75 Pdc-10-2 Pdc-10-21 Pdc20-400HP Pdc20-900HP Pdc20-970HP Pdc-20-6-75 Pdc-10-6-75 Pdc-10-5 Pdc-15-21 Pdc-20-3-75 Pdc-20-1W Pdc-10-54 Pdc-15-6 P4dc-30A-2 Pdc-10-22 Pdc20-400H
|
Description |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
File Size |
44.77K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
MINI[Mini-Circuits]
|
Part No. |
SCA-4-20
|
Description |
Power Splitter/Combiner 4 Way-0° 50?/a> 1000 to 2000 MHz Power Splitter/Combiner 4 Way-0∑ 50з 1000 to 2000 MHz Power Splitter/Combiner 4 Way-0 50 1000 to 2000 MHz Power Splitter/Combiner 4 Way-050з 1000 to 2000 MHz
|
File Size |
122.63K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
GHz Technology Microsemi, Corp.
|
Part No. |
2021-25
|
Description |
25 W, 24 V, 2000-2130 MHz common base transistor 25 watts, 24 Volts, Class C Microwave 2000 - 2130 MHz BJT 2000-2400 MHz, Class C, Common Base; fO (MHz): 2100; P(out) (W): 25; P(in) (W): 5; Gain (dB): 7.5; Vcc (V): 24; Case Style: 55AW-1 S BAND, Si, NPN, RF POWER TRANSISTOR
|
File Size |
23.84K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Murata Manufacturing Co., Ltd.
|
Part No. |
DEA1X3D220JP2A DEA1X3D330JP2A DEA1X3D270JP2A DEA1X3D390JP2A DEA1X3A471JB2B DEA1X3A470JC1B DEA1X3A470JD1B DEA1X3A680JD1B DEA1X3A471JN2A DEA1X3D560JA2B
|
Description |
CAPACITOR, CERAMIC, 2000 V, SL, 0.000022 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, SL, 0.000033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, SL, 0.000027 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, SL, 0.000039 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 1000 V, SL, 0.00047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAP CER DISC 47PF 1KV SL RAD CAPACITOR, CERAMIC, 1000 V, SL, 0.000047 uF, THROUGH HOLE MOUNT CAPACITOR, CERAMIC, 1000 V, SL, 0.000047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 1000 V, SL, 0.000068 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAP CER DISC 56PF 2KV SL RAD CAPACITOR, CERAMIC, 2000 V, SL, 0.000056 uF, THROUGH HOLE MOUNT
|
File Size |
92.40K /
5 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|