Part Number Hot Search : 
RM220C MDDMB8M MAN3680A GC500 LC72135M R4S2454 DI156 2SK2938
Product Description
Full Text Search
  10 15 25 35a Datasheet PDF File

For 10 15 25 35a Found Datasheets File :: 3003    Search Time::1.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SB1155

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1155
OCR Text ....2 3.20.1 2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2 A A W C C 1:Base 2:Collector 3:Emitter TOP-3 Full Pack Package(a) s Electrical Characteristics Parameter Collector cutoff current Emitter cutoff current Collector to ...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 59.98K  /  3 Page

View it Online

Download Datasheet





    IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR

IRF[International Rectifier]
Part No. IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR
OCR Text ...ange Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew Max. 84 59 330 200 1.4 20 50 17 4.0 -55 to + 175 300 (1.6mm...15) 1 0.29 (.4 05) 1.4 0 (.055 ) M AX. -A2 4.69 (.1 85) 4.20 (.1 65) -B 1.3 2 (.05 2) 1.2 2 (....
Description 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?

File Size 122.02K  /  10 Page

View it Online

Download Datasheet

    IRF1010E

International Rectifier
Part No. IRF1010E
OCR Text ...ange Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew Max. 84 59 330 200 1.4 20 50 17 4.0 -55 to + 175 300 (1.6mm...15) 10 .29 (.4 05) 3 .7 8 (.149 ) 3 .5 4 (.139 ) -A 6.47 (.25 5) 6.10 (.24 0) -B 4.69 ( .18 5 ) 4.20...
Description Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?

File Size 143.91K  /  8 Page

View it Online

Download Datasheet

    IRF1607

International Rectifier
Part No. IRF1607
OCR Text ...ange Soldering Temperature, for 10 seconds Mounting Torque, 6-32 or M3 screw Max. 142 100 570 380 2.5 20 1250 See Fig.12a, 12b, 15, 16 5.2 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C V mJ A mJ V/ns C The...
Description Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A)

File Size 179.50K  /  9 Page

View it Online

Download Datasheet

    LTC1384 LTC1384CG LTC1384CN LTC1384CS LT1384

Linear Technology, Corp.
LINER[Linear Technology]
Part No. LTC1384 LTC1384CG LTC1384CN LTC1384CS LT1384
OCR Text ... 0 LOGIC OUTPUT ON/OFF 10 18 5k 9 16 232 INPUT 1 RX EN LTC1384 * TA01 U 50 SHUTDOWN CURRENT (A) UO UO SHU...15 RX1 OUT 14 TR1 IN 13 TR2 IN 12 RX2 OUT 11 NC G PACKAGE 20-LEAD SSOP TJMAX = 125C, JA = 135C/W ...
Description 5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown LINE TRANSCEIVER, PDSO18
Hex 2-Input NAND Drivers 20-SOIC 0 to 70 5V的低功耗的RS232收发器在关机2有源接收
From old datasheet system

File Size 214.96K  /  8 Page

View it Online

Download Datasheet

    MAX6198A MAX6198AESA MAX6198B MAX6198BESA MAX6198C MAX6198CESA MAX6193A MAX6193AESA MAX6193B MAX6193BESA MAX6193C MAX619

MAXIM - Dallas Semiconductor
Maixm
Maxim Integrated Products
Part No. MAX6198A MAX6198AESA MAX6198B MAX6198BESA MAX6198C MAX6198CESA MAX6193A MAX6193AESA MAX6193B MAX6193BESA MAX6193C MAX6193CESA MAX6195 MAX6190 MAX6192CESA MAX6192BESA MAX6192A MAX6192AESA MAX6192B MAX6192C MAX6194A MAX6194BESA MAX6194CESA MAX6194AESA MAX6190CESA MAX6190AESA MAX6191BESA MAX6191C MAX6191CESA
OCR Text ...INITIAL ACCURACY (mV) 2 4 6 2 5 10 2 5 10 2 5 10 2 5 10 2 5 10 2 5 10 TEMPERATURE COEFFICIENT (ppm) <5 <10 <25 <5 <10 <25 <5 <10 <25 <5 <10 ...15 4 4 75 50 1.252 1.254 1.256 5 10 25 80 0.5 0.6 V/V V/A mA ppm ppm/ 1000hrs ppm/C V SYMBOL CONDITI...
Description Precision / Micropower / Low-Dropout Voltage References
Precision, Micropower,Low-Dropout Voltage References
Precision, Micropower, Low-Dropout Voltage References

File Size 231.29K  /  16 Page

View it Online

Download Datasheet

    MAX709 MAX709CPA MAX709CSA MAX709CUA MAX709T MAX709LC_D MAX709L MAX709M MAX709R MAX709S 1152 MAX709LCSA MAX709LESA MAX70

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
MAXIM INTEGRATED PRODUCTS INC
Part No. MAX709 MAX709CPA MAX709CSA MAX709CUA MAX709T MAX709LC_D MAX709L MAX709M MAX709R MAX709S 1152 MAX709LCSA MAX709LESA MAX709SCSA MAX709TCSA MAX709MCSA MAX709SESA MAX709LCPA MAX709RESA MAX709MESA MAX709SEPA MAX709TEPA MAX709MCPA MAX709SCPA MAX709TCPA MAX709LCUA MAX709TEUA MAX709LEPA MAX709LEUA MAX709MC_D MAX709MCUA MAX709MEPA MAX709MEUA MAX709RC_D MAX709RCPA MAX709RCSA MAX709RCUA MAX709REPA MAX709REUA MAX709SC_D MAX709SCUA MAX709SEUA MAX709TC_D MAX709TCUA MAX709TESA MAX709TC/D MAX709LC/D MAX709RC/D MAX709MC/D MAX709SC/D MAXIMINTEGRATEDPRODUCTSINC-MAX709LCUA
OCR Text ...MAX709L/M 50 10ns MAX709R/S/T 0 10 100 1k 10k RESET COMPARATOR OVERDRIVE, VTH - VCC (mV) 7 RESET __________Applications Information...15/0.60/1.2 /10ns /10ns /10ns /10ns /10ns PowerFail Comparator Manual- Watch- LowReset dog Lin...
Description Power-Supply Monitor with Reset
Power Supply Monitor with 4.65V Reset Threshold
From old datasheet system
Quadruple 2-Input Positive-OR Gates 14-CDIP -55 to 125
Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125

File Size 67.81K  /  8 Page

View it Online

Download Datasheet

    PN2907A PN2907

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PN2907A PN2907
OCR Text ...Tamb 25 C IC = -150 mA; VCE = -10 V IC = -50 mA; VCE = -20 V; f = 100 MHz ICon = -150 mA; IBon = -15 mA; IBoff = 15 mA open emitter open base CONDITIONS - - - - 100 200 - MIN. MAX. -60 -60 -600 500 300 - 365 MHz ns UNIT V V mA mW 1997 M...
Description PNP switching transistor

File Size 70.80K  /  8 Page

View it Online

Download Datasheet

    2SJ400

SANYO[Sanyo Semicon Device]
Part No. 2SJ400
OCR Text ... unit:mm 2093A [2SJ400] 0.9 10.2 4.5 1.3 11.5 1.6 20.9 1.2 9.4 0.8 11.0 8.8 0.4 1 2 3 2.55 2.55 1 : ...15 --20 --25 --30 IT00715 Case Temperature, Tc - C 2 1000 7 5 3 2 100 7 5 3 2 10 3 5 7 ...
Description P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications

File Size 41.78K  /  4 Page

View it Online

Download Datasheet

    2SJ466

SANYO[Sanyo Semicon Device]
Part No. 2SJ466
OCR Text ...8 [2SJ466] 8.2 7.8 6.2 3 8.4 10.0 0.4 0.2 0.6 4.2 1.2 1.0 2.54 1 2 1.0 2.54 6.2 5.2 0.3 0.6 7.8 5.08 10.0 6.0...15 --20 --25 --30 IT00686 Case Temperature, Tc - C 2 1000 7 5 3 2 100 7 5 Drain-to-S...
Description P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications

File Size 38.71K  /  4 Page

View it Online

Download Datasheet

For 10 15 25 35a Found Datasheets File :: 3003    Search Time::1.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 10 15 25 35a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.0294380187988