|
|
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
Part No. |
LM2575-12 LM2575-12BN LM2575-12BT LM2575-12BU LM2575-12BWM LM2575-3.3BN LM2575-3.3BT LM2575-3.3BU LM2575-3.3BWM LM2575-5.0BN LM2575-5.0BT LM2575-5.0BU LM2575-5.0BWM LM2575BN LM2575BT LM2575BU LM2575BWM
|
OCR Text |
...ve an output voltage range from 1.23V to 37V. Both versions are capable of driving a 1A load with excellent line and load regulation. These ...3s (Note 4) 0.9 1.2/1.4 98 93 ICL 2.2 1.7/1.3 3.0/3.2 2 7.5 30 5 10 Standby Quiescent Current Therma... |
Description |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator(固定频率52kHz 输出电流 1A 可调转换电压步降稳压 52kHz简A降压稳压器(固定频率52kHz输出电流1A条可调转换电压步降稳压器 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP16 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 14-PDIP 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 8-PDIP 52kHz Simple 1A Buck Regulator(固定频率B>52kHz 输出电流 1A 可调转换电压步降稳压
|
File Size |
89.81K /
7 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|