Part Number Hot Search : 
29LV160 DHM185AA ES110 B5NC90Z RT9229 MMSZ523 A26K1V1 4431C
Product Description
Full Text Search
  1.2v 25a Datasheet PDF File

For 1.2v 25a Found Datasheets File :: 10992    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ... 0.5A IC = 2A, IB = 0.05A VCE = 12V, IC = 0.2A, f = 10MHz IC = 1A, IB1 = 0.05A, IB2 = - 0.1A, VCC = 50V min typ max 100 100 100 ...2 0.3mA 0.2mA 0.1mA 0 0 2 4 6 8 10 3 1 0.4 2 0.1 1 0 0 0.2 0.4 0.6 0.8 1.0 1.2 ...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet





    2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK

Leshan Radio Company, Ltd.
乐山无线电股份有限公
Part No. 2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK
OCR Text ...(MHz) 500 T A = 25C V CE = -12V -0.5 -0.2 200 -0.1 T A = 100C 25C -40C 100 -0.05 50 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100 ...
Description General Purpose Transistors(PNP Silicon) 通用晶体管(民进党硅
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No

File Size 143.20K  /  3 Page

View it Online

Download Datasheet

    2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA9

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA933ASTPR 2SA933ASTPS 2SA1037AKT2L 2SA1037AKT2LQ 2SA1037AKT2LR 2SA1576AT146 2SA1576AT146R 2SA1576AT146S 2SA1774 2SA1037AKQ 2SA1037AKR 2SA1037AKS 2SA1576A 2SA1576AQ 2SA1576AR 2SA1576AS 2SA1774Q 2SA1774R 2SA1774S 2SA1774T106 2SA1774T106Q 2SA1774T106R 2SA1774T106S 2SA2029Q 2SA2029R 2SA2029S 2SA2029TL 2SA2029TLQ 2SA2029TLR 2SA2029TLS 2SA1774H
OCR Text ...50mA/-5mA VCE=-6V, IC=-1mA VCE=-12V, IE=2mA, f=30MHz VCB=-12V, IE=0A, f=1MHz Conditions !Packaging specifications and hFE Package Code B...2 -7.0 -3.5A 0 -0.4 -0.8 -1.2 IB=0 -1.6 -2.0 -100 COLLECTOR CURRENT : IC (mA) -20 -10 -5 -2 -...
Description 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
General Purpose Transistor
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 73.92K  /  3 Page

View it Online

Download Datasheet

    2SA1038S 2SA1579 2SA1514K

Rohm Co., Ltd.
ROHM[Rohm]
Part No. 2SA1038S 2SA1579 2SA1514K
OCR Text ...A/-1mA VCE= -6V, IC= -2mA VCE= -12V, IE=2mA, f=100MHz VCB= -12V, IE=0A, f=1MHz Conditions Collector-base breakdown voltage Collector-emit...2/3 2SA1579 / 2SA1514K / 2SA1038S Transistors Electrical characteristic curves -10 Ta=25C ...
Description ER 3C 3#12 PIN PLUG
High-voltage Amplifier Transistor (−120V/ −50mA)
High-voltage Amplifier Transistor (-120V, -50mA)
High-voltage Amplifier Transistor (−120V −50mA)
High-voltage Amplifier Transistor (−120V, −50mA)

File Size 65.63K  /  4 Page

View it Online

Download Datasheet

    2SA1104

WINGS[Wing Shing Computer Components]
Part No. 2SA1104
OCR Text ...C = 3A; VCE = 5V IC = 1A; VCE = 12V VCB = 10V TYP 120 50 20 300 MAX 0.2 0.2 2 250 - UNIT mA mA V V MHz pF us us us Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com Tel:(852)2341 9276 Fax:(852)...
Description Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)

File Size 78.06K  /  1 Page

View it Online

Download Datasheet

    2SA2011 2SC5564

SANYO[Sanyo Semicon Device]
Sanyo Electric Co., Ltd.
Part No. 2SA2011 2SC5564
OCR Text ...bol ICBO IEBO hFE fT Cob VCB=(-)12V, IE=0 VEB=(-)4V, IC=0 VCE=(-)2V, IC=(-)500mA VCE=(-)2V, IC=(-)500mA VCB=(-)10V, f=1MHz 200 (350) 380 (41...2 Unit mV mV mV V V V V V ns ns ns ns V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO ...
Description    DC/DC Converter Applications
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications 直流/直流转换器应

File Size 48.71K  /  5 Page

View it Online

Download Datasheet

    2SA2012 2SC5565

SANYO[Sanyo Semicon Device]
Part No. 2SA2012 2SC5565
OCR Text ...1 IB2 OUTPUT 24 VBE=--5V VCC=12V 20IB1= --20IB2= IC=500mA (For PNP, the polarity is reversed.) --5 IC -- VCE 2SA2012 0 --1 0m A ...2 2 20mA 10mA --10mA --1 1 0 0 --0.2 --0.4 --0.6 --0.8 IB=0 --1.0 IT00134 0 0...
Description    DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 48.24K  /  5 Page

View it Online

Download Datasheet

    2SA2025

SANYO[Sanyo Semicon Device]
Part No. 2SA2025
OCR Text ...E fT Cob VCE(sat) VBE(sat) VCB=-12V, IE=0 VEB=-4V, IC=0 VCE=-2V, IC=-500mA VCE=-2V, IC=-500mA VCB=-10V, f=1MHz IC=-1.5A, IB=-30mA IC=-1.5A, IB=-30mA 200 280 36 -110 -0.85 -165 -1.2 Conditions Ratings min typ max -0.1 -0.1 560 MHz pF mV V Un...
Description PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 37.46K  /  4 Page

View it Online

Download Datasheet

    2SA2043 2SC5709 2SA2043TP-FA 2SC5709TP-FA

Sanyo Electric Co., Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA2043 2SC5709 2SA2043TP-FA 2SC5709TP-FA
OCR Text ... ton tstg tf Conditions VCB=(--)12V, IE=0 VEB=(--)4V, IC=0 VCE=(--)2V, IC=(-)500mA VCE=(--)2V, IC=(-)500mA VCB=(--)10V, f=1MHz IC=(--)3A, IB...2 (--160)180 (--240)280 Ratings min typ max (--)0.1 (--)0.1 560 MHz pF mV mV V V V V ns ns ns Unit A...
Description CABLE ASSEMBLY; UHF MALE TO UHF MALE; 50 OHM, RG58C/U COAX 直流/直流转换器应
NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 10A I(C) | TO-252VAR
TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 10A I(C) | TO-251VAR

File Size 37.35K  /  5 Page

View it Online

Download Datasheet

    2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA

SANYO[Sanyo Semicon Device]
Matsshita / Panasonic
Part No. 2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA
OCR Text ... RB + 100F VBE= --5V + 470F VCC=12V RL IC=20IB1= --20IB2=2.5A For PNP, the polarity is reversed. No.6915-2/5 2SA2044 / 2SC5710 --8 IC -- VCE 2SA2044 --90mA --80mA mA 00 --1 --70mA --60mA --50mA 8 IC -- VCE 90mA -...
Description Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR
DC / DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP / NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 37.49K  /  5 Page

View it Online

Download Datasheet

For 1.2v 25a Found Datasheets File :: 10992    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.2v 25a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.74425196647644