Part Number Hot Search : 
305RMB DTC115 7D0N65P N03LS STD3NB30 3A2065 KIA78L05 DD502
Product Description
Full Text Search
  0201 Datasheet PDF File

For 0201 Found Datasheets File :: 13922    Search Time::2.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PSA-15-201

Phihong USA Inc.
Part No. PSA-15-201
OCR Text ...Load PSA-15-201 5V 12V 0.4A 1A 1.5A 0.05A 0.75A 1.5A 50mV 120mV +1% +1% +5% -5%, +8% (1) Measured at 15W by using a 12 inch twisted pair terminated with a 10mfd capacitor and a 0.1mfd ceramic in parallel. (2) Peak outpu...
Description Dual Output Adaptor

File Size 64.26K  /  2 Page

View it Online

Download Datasheet





    CV-HB-201 CV-HB201

List of Unclassifed Manufacturers
ETC
Part No. CV-HB-201 CV-HB201
OCR Text ...ent Momentary Output Current, T=0.5 second 5 V Output, Maximum Current Logic Level Input Max 28 2 3 100 7 Units V A A mA V Warning - oper...201 H-Bridge Pin-out: 8 pin SIP header pins (left to right): Pin Number 1 2 3 4 5 6 7 8 Pin L...
Description 2-Amp H-Bridge

File Size 209.75K  /  7 Page

View it Online

Download Datasheet

    M-201-T43 M-201-T M-201-T31 M-201-T33 M-201-T41

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. M-201-T43 M-201-T M-201-T31 M-201-T33 M-201-T41
OCR Text ...are' 1/2" Flare's : Water: Air: 0.03 - 3 gpm 1 - 30 scfm 0.1 - 5 gpm 1 - 50 scfm Operation The flow switch is activated by flow forcing ...201-T Series Design Considerations/Construction Adjustable Flow Switches The M-201-T Series compr...
Description High flow,adjustable flow switch with right-angle flow

File Size 202.17K  /  4 Page

View it Online

Download Datasheet

    TSIC-201

Zentrum Mikroelektronik Dresden AG
Zentrum Mikroelektronik Dresden GmbH
N.A.
Part No. TSIC-201
OCR Text 0-1 Volt Product Accuracy 0.5 C Measurement range -50 +150 C.. C Analog 0-1 Volt signal output Resolution 0.1 C The temperature sensor fam...201 Temperature Sensor IC Specification Features * * * * * * * * * * Analog 0-1 Volt signal output...
Description Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt

File Size 164.38K  /  3 Page

View it Online

Download Datasheet

    ROHM[Rohm]
Part No. LD-201 LD-2.1
OCR Text ... 6.00.1 3.18 3.680.1 1.7 1.7 0.38 Pin No.1 2 (2.5) Cathode cut 2.51.0 !Selection guide Emitting color Type Red LD-201VR Orange ...201 Series LED displays !Electrical and optical characteristics (Ta=25C) Parameter Forward voltag...
Description Flat displays

File Size 52.26K  /  2 Page

View it Online

Download Datasheet

    201-301-04-38 201-325-13-38 201-324-04-38 201-381-20 201-301-04 201-301-13-38 201-325-04-38 201-934-04-38 201-934-13-38

Marl International Limited
Part No. 201-301-04-38 201-325-13-38 201-324-04-38 201-381-20 201-301-04 201-301-13-38 201-325-04-38 201-934-04-38 201-934-13-38 201-324-13-38 201-351-04 201-382-20 201-998-04-38 201-998-13-38
OCR Text ...0 ~ +85^ -30 ~ +85^ -30 ~ +85^ 0 -40 ~ +85 -40 ~ +120 -40 ~ +100 -40 ~ +100 -40 ~ +100 0 Yes Yes Yes Yes Yes C C 998 x *...201 Series Dimensions in mm (Typical) Not to scale Green dot on base indicates centre contact ...
Description FILAMENT REPLACEMENT LEDs - T1

File Size 196.41K  /  3 Page

View it Online

Download Datasheet

    HOSIDEN CORP
Part No. TCS7136-01-201
OCR Text 0.4 9.4 5.6 4.6 4 2 3 1 ee model no. tcs7948-01-201 hole layout (bottom view) 6 1.6 2.7 0.4 2.4 9.4 5.6 4.6 1 1.3 6 4 5 3 12 e e tcs7948-16-201 tcs71 6 series number of contact 3 0.4 1.9 1 9.4 5.6 2 3 ee model no. tcs7136-01-201 hole layout...
Description 3 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR, SOCKET

File Size 69.71K  /  1 Page

View it Online

Download Datasheet

   
Part No. VRG8657-201-1S
OCR Text ...v +2%, -3.2% ? load regulation: 0.3% max ? line regulation: 0.25% max ? ripple rejection: >60db ? packaging ? hermetic metal - thru-hole or ...201-1s vrg8657-201-2s 5962-0920102kxc 5962-0920102kxa in accordance with dscc smd 6 lead thru-hole ...
Description ADJUSTABLE POSITIVE LDO REGULATOR, MDFM6

File Size 172.53K  /  7 Page

View it Online

Download Datasheet

For 0201 Found Datasheets File :: 13922    Search Time::2.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59277200698853