Part Number Hot Search : 
AD7533LR 76K016AS RT8058 HIP5061 XP04878 39504 7461148 H0025
Product Description
Full Text Search
  0.76m Datasheet PDF File

For 0.76m Found Datasheets File :: 3072    Search Time::4.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MDT10P55B

List of Unclassifed Manufacturers
ETC
Part No. MDT10P55B
OCR Text ...E/ HFXT---AE3/4IaOnAE/ u x/AEAE 0~20MHZ u xiIOAiOE1/4aECOU 20MHz IAy*OOOAi IaAEuOOUAEUOAiA 200ns u 3 OOOnAE/AEE1/4a 20 ms, 40 ms, 80 ms u o ...76M 860K 190K 90.8K 30K 18.8K 776K 376K 82K 39.2K 12.8K 8K Current 1mA 630uA 180uA 130uA 114uA 110uA...
Description MDT10P55B

File Size 63.95K  /  12 Page

View it Online

Download Datasheet





    LT1074 LT1074IY

Linear Technology
Part No. LT1074 LT1074IY
OCR Text ....8k 1% R2 2.21k 1% + + C2 0.01 F C1 500 F 25V *USE MBR340 FOR LT1076 **COILTRONICS #50-2-52 (LT1074) #100-1-52 (LT1076) PULSE EN...76M, LT1074HVM/76HVM ... -55C to 125C Maximum Operating Junction Temperature Range LT1074C/76C, LT10...
Description From old datasheet system
Step-Down Switching Regulator

File Size 288.81K  /  16 Page

View it Online

Download Datasheet

    CDRH8D28 CDRH8D28-330NB

Sumida Corporation
Part No. CDRH8D28 CDRH8D28-330NB
OCR Text ...3M AX. 2 .5 6.1 10.1 2.0 ( 2.5H - 100H ) CDRH8D28 Parts No. L (H) D.C.R.( ) : Max.(Typ.) 1R8 2R5 3R3 3R5 4R7 6R0 7R3 100 15...76m) 156m(120m) 195m(150m) 286m(220m) 430m(330m) 2.80 2.50 1.90 1.60 1.30 1.15 920m 750m 3.40 3.20 2...
Description 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
POWER INDUCTORS (SMD Type)

File Size 210.62K  /  1 Page

View it Online

Download Datasheet

    CDRH8D43 CDRH8D43HP CDRH8D38 CDRH8D28

SUMIDA[Sumida Corporation]
Part No. CDRH8D43 CDRH8D43HP CDRH8D38 CDRH8D28
OCR Text ...8.3MAX. 2.5 6.1 10.1 2.0 ( 2.5H - 100H ) CDRH8D38 8.3MAX. DIMENSIONS (mm) LAND PATTERNS (mm) 2.8 CONSTRUCTION ...76m) 156m(120m) 195m(150m) 286m(220m) 430m(330m) 2.80 2.50 1.90 1.60 1.30 1.15 920m 750m 3.40 3.20 2...
Description POWER INDUCTORS

File Size 109.06K  /  2 Page

View it Online

Download Datasheet

    RCR1616 RCR-110D RCR-108D RP1315 RCR-110D-271LC RCR-108DNP270MC RCR-108DNP120MC

SUMIDA[Sumida Corporation]
Part No. RCR1616 RCR-110D RCR-108D RP1315 RCR-110D-271LC RCR-108DNP270MC RCR-108DNP120MC
OCR Text ...UCTION 8.5MAX. 3.5 o0.7 4.0 2 1 3 4 2 1 3 4 5.0 ( 1.0H - 8.2H ) ( 10H - 1.0mH ) BOTTOM VIEW ( 1.0H - 1.0mH ) RCR-11...76m 100m 110m 150m 160m 190m 210m 230m 260m 290m 360m 510m 690m 980m 1.1 1.2 1.3 1.5 3.51 3.24 2.88 ...
Description 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR
POWER INDUCTORS , Pin Type>
POWER INDUCTORS
POWER INDUCTORS Type

File Size 159.07K  /  2 Page

View it Online

Download Datasheet

    HITACHI
Part No. SP14Q003C1A
OCR Text ...8) LCD TYPE SP14Q003-C1A 167.0(W)mmx109.0(H)mmx11.4 (D)mm(max.) 120 mm min. x 89 mm min 0.345(W)min. x 0.345(H)min 0.360(W)mm x 0.360(H)m...76m/s VIBRATION (0.25G) (1.2G) NOTE 4 NOTE 5 1 HOUR MAX. 29.4m/s2 490.0m/s2 SHOCK (3 G) (50 G) XYZ D...
Description LCD_Module

File Size 510.49K  /  26 Page

View it Online

Download Datasheet

    HITACHI
Part No. SP14Q003C1
OCR Text ...(8) LCD TYPE SP14Q003-C1 167.0(W)mmx109.0(H)mmx10.0 (D)mm(max.) 120 mm min. x 89 mm min 0.345(W)min. x 0.345(H)min 0.360(W)mm x 0.360(H)m...76m/s2 VIBRATION (0.25G) (1.2G) NOTE 5 29.4m/s2 490.0m/s2 SHOCK (3 G) (50 G) NOTE 5 CORROSIVE GAS NO...
Description LCD_Module

File Size 262.18K  /  21 Page

View it Online

Download Datasheet

    HITACHI
Part No. SP14Q003ZZA
OCR Text 0 Fax:+49-61197320-88 http://www.msc-ge.com w w w .D a ta Sh et e 4U . om c KAOHSIUNG HITACHI ELECTRONICS ...76m/s VIBRATION (0.25G) (1.2G) NOTE 4 NOTE 5 1 HOUR MAX. 2 29.4m/s 490.0m/s2 SHOCK (3 G) (50 G) XYZ ...
Description LCD_Module

File Size 434.22K  /  26 Page

View it Online

Download Datasheet

    HITACHI
Part No. SP14Q003
OCR Text ...7) DUTY (8) LCD SP14Q003 167.0(W)mmx109.0(H)mmx10.0 (D)mm(max.) 120 mm min. x 89 mm min 0.345(W)min. x 0.345(H)min 0.360(W)mm x 0.360(H)m...76m/s2 VIBRATION (0.25G) (1.2G) NOTE 5 2 29.4m/s 490.0m/s2 SHOCK (3 G) (50 G) NOTE 5 CORROSIVE GAS N...
Description LCD_Module

File Size 153.32K  /  21 Page

View it Online

Download Datasheet

    HSB-ARA62-SN15A HSB-R001BJ HSB-R001BN HSB-R001NJ HSB-R001NN

http://
List of Unclassifed Manufacturers
ETC
Part No. HSB-ARA62-SN15A HSB-R001BJ HSB-R001BN HSB-R001NJ HSB-R001NN
OCR Text ...hell Copper alloy/Mating area : 0.76m Gold over Nickel plating Tail area :Tin-lead plating PA resin or LCP resin (UL94V-0) color black Copper alloy or Steel/Tin-lead plating 1 HSB Series Unit : mm HSB 6Pin - 6Pin Cable Asse...
Description For IEEE-1394 High Performance Serial Bus Connectors

File Size 479.61K  /  7 Page

View it Online

Download Datasheet

For 0.76m Found Datasheets File :: 3072    Search Time::4.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.76m

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6929111480713