Part Number Hot Search : 
MC12080 21367 MUR60 VCO55 M3E25ZPD 2880150 AD7547TQ CD4687
Product Description
Full Text Search
  0.38m Datasheet PDF File

For 0.38m Found Datasheets File :: 3137    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DS2741 DS2741N DS2741NT

Maxim Integrated Products
Part No. DS2741 DS2741N DS2741NT
OCR Text 0; 8/08 Current Monitor and Accumulator with Integrated Sense Resistor General Description The DS2741 current monitor/accumulator is a ...38m Sense Resistor Current Measurement: Signed 10-Bit Bidirectional Measurement 2.5A Dynamic Range ...
Description Current Monitor and Accumulator with Integrated Sense Resistor

File Size 168.83K  /  9 Page

View it Online

Download Datasheet





    87715-9X00 87715-9X01 87715-9X02 87715-9X03 87715-9X04 87715-9X05 87715-9X06 87715-9X07 87715-9X08 87715-9X09

Molex Electronics Ltd.
Part No. 87715-9X00 87715-9X01 87715-9X02 87715-9X03 87715-9X04 87715-9X05 87715-9X06 87715-9X07 87715-9X08 87715-9X09
OCR Text ...s from version 1.1 to version 2.0. This revision doubles the PCI Express interconnect bit rate from 2.5 GT/s (gigatransfer per second) to 5 ...38m (15") Gold (Au) Gold Flash 0.254m (10") Gold (Au) 0.38m (15") Gold (Au) 0.76m (30") Gold (Au) Go...
Description PCI Express* connector

File Size 146.58K  /  2 Page

View it Online

Download Datasheet

    CD7678CP

ETC
Part No. CD7678CP
OCR Text ... ?e3??a 2 f i l a?2 1 0 t a sif ???a? 3 c o n rf agc ?? agc ?3 ???? 11 v cc ?? 4 o u t rf agc ?? agc ?3? 1...38m hz v i =15m v 2 . 3 2 . 5 2 . 7 v 4 . 1 ...
Description CD7678CP

File Size 162.45K  /  8 Page

View it Online

Download Datasheet

    809-IF85.38M-B

Oscilent Corporation
Part No. 809-IF85.38M-B
OCR Text ...B Bandwidth Attenuation at Fo - 0.9 MHz Attenuation at Fo + 0.9 MHz Attenuation at Fo 1.25 MHz Attenuation at Fo 1.7 MHz Input / Output Im...38M-B Page 2 of 2 Part No.: 809-IF85.38M-B Crystal Oscillators | Quartz Crystal | TCXO |...
Description Mobile Communication

File Size 159.53K  /  2 Page

View it Online

Download Datasheet

    809-IF85.38M-G

Oscilent Corporation
Part No. 809-IF85.38M-G
OCR Text ....8 3.8 41 44 43 42 50 50 Quartz 0.7 Maximum 12.5 5.0 5.0 1.2 Units MHz dB dB dB dB dB dB dB ohm ohm dB * With Matching Network (Ref. Test...38M-G Page 2 of 2 SOURCE AND LOAD IMPEDANCE: 50 ohm INPUT: OUTPUT: L1: TBD nH, C1: TBD pF L2: ...
Description Mobile Communication

File Size 243.69K  /  2 Page

View it Online

Download Datasheet

    811-IF85.38M-A

Oscilent Corporation
Part No. 811-IF85.38M-A
OCR Text ...F85.38M-A . TYPE : 11.6 x 5.0 SMD Mobile Communication June 17 2003 85.38 MHz Bandpass Filter 1.26 MHz Bandwidth PART NUMBER : 811-IF85.38M-A . Horizontal : 0.5 MHz/Div Veritical : 10 dB/Div Horizontal : 0.2 MHz/Di...
Description Mobile Communication

File Size 132.43K  /  2 Page

View it Online

Download Datasheet

    50394-8100-C 51110-0460 51110-0660 63819-0100 51110-1451 87831-1620 87831-0620 87831-1420 51110-1060 76650-0187 51110-16

MolexKits
Part No. 50394-8100-C 51110-0460 51110-0660 63819-0100 51110-1451 87831-1620 87831-0620 87831-1420 51110-1060 76650-0187 51110-1651 87831-0420 87831-1020
OCR Text ... 4, 6, 10; Latching: 14 and 16 (0.5-2) Amps - Dependant on Wire Gauge 125 VoltsDC 30-24 AWG For additional Molex / Waldom Design and Solu...38m (15") Gold 2.00mm (.079") Pitch Milli-GridTM Header, Vertical, Through Hole, 6 Circuits, 0.38m (...
Description Shrouded Gold Vertical Header and Receptacle

File Size 30.58K  /  2 Page

View it Online

Download Datasheet

    DS274109 DS2741NT

Maxim Integrated Products, Inc.
Part No. DS274109 DS2741NT
OCR Text ...perature Current Accumulation: 0.247mAhr LSB 8.1Ahrs Full-Scale Range Industry-Standard I2C Interface with FactoryProgrammable Slave Addre...38m must be connected together. sense resistor. All RS+ pins DS2741 Serial Data Input/Output. ...
Description Current Monitor and Accumulator with Integrated Sense Resistor; ; Temperature Range: -40&#176;C to 85&#176;C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14

File Size 181.03K  /  10 Page

View it Online

Download Datasheet

    R5F2138AMDXXXFD R5F2138AMDXXXFP R5F21386MDXXXFD R5F21386MDFP R5F21386MNFD R5F21386MNXXXFD R5F21386MDXXXFP R5F21386MDFD R

Renesas Electronics Corporation
Part No. R5F2138AMDXXXFD R5F2138AMDXXXFP R5F21386MDXXXFD R5F21386MDFP R5F21386MNFD R5F21386MNXXXFD R5F21386MDXXXFP R5F21386MDFD R5F21386MNFP R5F21388MDFD R5F21388MDFP R5F21388MDXXXFD R5F21388MDXXXFP R5F21388MNFD R5F21388MNFP R5F21388MNXXXFD R5F21388MNXXXFP R5F21386MNXXXFP R5F21387MNFD R5F21387MDXXXFP R5F21387MNFP R5F21387MDFD R5F21387MDFP R5F21387MDXXXFD R5F21387MNXXXFD R5F21387MNXXXFP R5F2138AMDFD R5F2138AMDFP R5F2138CMDFD R5F2138CMDFP R5F2138CMDXXXFP R5F2138CMDXXXFD R5F2138CMNXXXFD R5F2138AMNXXXFD
OCR Text ...ESAS MCU R01DS0082EJ0110 Rev.0.10 Mar 04, 2011 1. 1.1 Overview Features The R8C/38M Group of single-chip MCUs incorporates the R8C CPU core, employing sophisticated instructions for a high level of efficiency. With 1 Mbyte of ...
Description The R8C/38M Group has data flash (1 KB × 4 blocks) with the background operation

File Size 546.52K  /  58 Page

View it Online

Download Datasheet

    48206-0001 48206-0002 48206-0003 48206-0004 48206-0005 48206-0006 48206-0101 48206-0102 48206-0103 48206-0104 48206-0105

Molex Electronics Ltd.
Part No. 48206-0001 48206-0002 48206-0003 48206-0004 48206-0005 48206-0006 48206-0101 48206-0102 48206-0103 48206-0104 48206-0105 48206-0106 48206-9001 48206-9002 48206-9003 48206-9004 48206-9005
OCR Text ...lectrical Voltage: 30V Current: 0.5A Contact Resistance: 20 milliohms max Dielectric Withstanding Voltage: 500V AC Insulation Resistance: 10...38m (15") Gold (Au) 0.76m (30") Gold (Au) 0.38m (15") Gold (Au) Features Solder Tail Length Latch...
Description Fully Buffered DIMM Socket 240 CircuitWith Color Options

File Size 157.28K  /  3 Page

View it Online

Download Datasheet

For 0.38m Found Datasheets File :: 3137    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.38m

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.41597509384155