Part Number Hot Search : 
AT513M 0100CT 2SC2782 55N6T MAZT068H T90SC 4212L MSK707
Product Description
Full Text Search
  0.35a Datasheet PDF File

For 0.35a Found Datasheets File :: 4028    Search Time::1.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1104

WINGS[Wing Shing Computer Components]
Part No. 2SA1104
OCR Text ...E = 0V TYP MAX 120 120 8 80 2 2.0 UNIT V V A A W V V s VCESM VCEO IC ICM Ptot VCEsat VF tf PARAMETER Collector-emitter voltage peak va...35A IF = 3.5A 1.5 LIMITING VALUES SYMBOL VCESM VCEO VEBO IC IB Ptot Tstg Tj PARAMETER C...
Description Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)

File Size 78.06K  /  1 Page

View it Online

Download Datasheet





    2SA608 2SA608N 2SC536N

Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA608 2SA608N 2SC536N
OCR Text ...current capacity and wide ASO. 0.45 3.5 1.4max 0.6 1.27 4.0max 13.7 14.0 0.5 0.45 4.5 0.44 1 2.5 2 2.5 ...35A 12 30A 25A 8 20A 15A --4 --10A --5A 4 10A 5A IB=0 40 50 IT00497 0 0...
Description    Low-Frequency General-Purpose Amplifier Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications
NPN Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications

File Size 39.56K  /  4 Page

View it Online

Download Datasheet

    2SA921

PANASONIC[Panasonic Semiconductor]
Part No. 2SA921
OCR Text ...50.5 5.10.2 s Features 0.45 -0.1 1.27 +0.2 0.45 -0.1 1.27 +0.2 123 2.30.2 2.540.15 1:Emitter 2:Collector 3:Ba...35A -30A -12 -25A -20A -8 -15A -10A -4 -5A 0 0 40 80 120 160 200 0 -2 -4 -6 -8 -10 -12 0 0 - 0.4 - 0...
Description Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)

File Size 36.24K  /  2 Page

View it Online

Download Datasheet

    2SB1036

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1036
OCR Text ... 4.00.2 s Features q q q 0.70.1 s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Emitt...35A -12 -30A -25A -8 -20A -15A -4 -10A -5A 0 350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 1...
Description Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)

File Size 36.41K  /  2 Page

View it Online

Download Datasheet

    2SB1155

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1155
OCR Text ...the heat sink with one screw 0.7 15.00.3 11.00.2 5.00.2 3.2 3.20.1 2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2 A A W...35A IC = -15A, IB = -1.5A IC = -7A, IB = - 0.35a IC = -15A, IB = -1.5A VCE = -10V, IC = - 0.5A, f = ...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 59.98K  /  3 Page

View it Online

Download Datasheet

    2SD958

PANASONIC[Panasonic Semiconductor]
Part No. 2SD958
OCR Text ...omplementary to 2SB788 6.90.1 0.4 Unit: mm 2.50.1 1.0 1.0 2.40.2 2.00.2 3.50.1 s Features q q q 1.5 1.5 R0.9 R0.9 0.85...35A 30A 12 25A 8 20A 15A 4 10A 5A 200 100 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8...
Description Silicon NPN epitaxial planer type(For high breakdown voltage and low-noise amplification)

File Size 36.40K  /  2 Page

View it Online

Download Datasheet

    IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR

IRF[International Rectifier]
Part No. IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR
OCR Text ... 84 59 330 200 1.4 20 50 17 4.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C V A mJ V/ns C Thermal Resistan...35A 50A RG VV 2 0GS D .U .T IA S tp 0 .0 1 + - VD D A 400 Fig 12a. Unclamped Ind...
Description 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?

File Size 122.02K  /  10 Page

View it Online

Download Datasheet

    IRF1010E

International Rectifier
Part No. IRF1010E
OCR Text ... 84 59 330 200 1.4 20 50 17 4.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C V A mJ V/ns C Thermal Resistan...35A 50A RG VV 2 0GS D .U .T IA S tp 0 .0 1 + - VD D A 400 Fig 12a. Unclamped Ind...
Description Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?

File Size 143.91K  /  8 Page

View it Online

Download Datasheet

    IRF1607

International Rectifier
Part No. IRF1607
OCR Text ...efits q q q q q q RDS(on) = 0.0075 ID = 142A Description Specifically designed for Automotive applications, this Stripe Planar desig...35A 60A 85A 2000 RG VV 2 0GS D .U .T IA S tp 0 .0 1 + - VD D A 1500 Fig 12a. ...
Description Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A)

File Size 179.50K  /  9 Page

View it Online

Download Datasheet

    LTC1384 LTC1384CG LTC1384CN LTC1384CS LT1384

Linear Technology, Corp.
LINER[Linear Technology]
Part No. LTC1384 LTC1384CG LTC1384CN LTC1384CS LT1384
OCR Text ...ver 10kV Uses Small Capacitors: 0.1F Operates to 120kBaud Output Overvoltage Does Not Force Current Back into Supplies RS232 I/O Lines Can B...35A. The receiver outputs may be forced into three-state at any time using the receiver enable (EN) ...
Description 5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown LINE TRANSCEIVER, PDSO18
Hex 2-Input NAND Drivers 20-SOIC 0 to 70 5V的低功耗的RS232收发器在关机2有源接收
From old datasheet system

File Size 214.96K  /  8 Page

View it Online

Download Datasheet

For 0.35a Found Datasheets File :: 4028    Search Time::1.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.35a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5465638637543