Part Number Hot Search : 
2SC32 04304 70475 2N3898 EDI7F BU9795 FMMT5551 221MT
Product Description
Full Text Search
  0.15a Datasheet PDF File

For 0.15a Found Datasheets File :: 10343    Search Time::4.563ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G

http://
ONSEMI[ON Semiconductor]
Part No. 1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G 1.5SMC7.5AT3 1.5SMC8.2AT3 1.5SMCXXXAT3 15SMC68AT3 1.5SMCXXXAT3G 1.5SMC11AT3 1.5SMC13AT3 1.5SMC15AT3 1.5SMC16AT3 1.5SMC18AT3 1.5SMC20AT3 1.5SMC22AT3 1.5SMC27AT3 1.5SMC36AT3 1.5SMC39AT3 1.5SMC43AT3 1.5SMC47AT3 1.5SMC6.8AT3 1.5SMC62AT3G 1.5SMC82AT3 1.5SMC9.1AT3 1.5SMC91AT3 1.5SMC62AT3 1.5SMC16A 1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC68A 1.5SMC82A 1.5SMC15A 1.5SMC62A 1.5SMC75A 1.5SMC75AT3
OCR Text ...1 V Peak Power - 1500 Watts @ 1.0 ms ESD Rating of Class 3 (>16 kV) per Human Body Model Maximum Clamp Voltage @ Peak Pulse Current Low Leak...15A 15A 16A 18A 20A 22A 24A 27A 30A 12.8 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 5 5 5 5 5 ...
Description Zener Diode
Transistor Suppressor
High Power
1500 Watt Peak Power Zener Transient Voltage Suppressors
ELR 2/1-230Z
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 73.47K  /  8 Page

View it Online

Download Datasheet





    2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA9

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA933ASTPR 2SA933ASTPS 2SA1037AKT2L 2SA1037AKT2LQ 2SA1037AKT2LR 2SA1576AT146 2SA1576AT146R 2SA1576AT146S 2SA1774 2SA1037AKQ 2SA1037AKR 2SA1037AKS 2SA1576A 2SA1576AQ 2SA1576AR 2SA1576AS 2SA1774Q 2SA1774R 2SA1774S 2SA1774T106 2SA1774T106Q 2SA1774T106R 2SA1774T106S 2SA2029Q 2SA2029R 2SA2029S 2SA2029TL 2SA2029TLQ 2SA2029TLR 2SA2029TLS 2SA1774H
OCR Text 0.15a) 2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 / 2SA933AS !Features 1) Excellent hFE linearity. 2) Complements the 2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S. !External dimensions (Units : mm) 2SA1037AK (1) 2SA1576A (1) 0...
Description 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
General Purpose Transistor
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 73.92K  /  3 Page

View it Online

Download Datasheet

    2SA2031 2SC5669

SANYO[Sanyo Semicon Device]
Formosa MS
Sanyo Electric Co.,Ltd.
Part No. 2SA2031 2SC5669
OCR Text ...ion of MBIT process. 15.6 14.0 2.6 3.2 4.8 2.0 1.6 2.0 20.0 1.3 1.2 15.0 20.0 0.6 1.0 1 0.6 2 3 1.4 Spec...15A Collector Current, IC -- A 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 Collector Dissipation, PC...
Description NPN Triple Diffused Planar Silicon Transistor 230V / 15A, AF100W Output Applications
PNP Epitaxial Planar Silicon Transistor 230V / 15A, AF100W Output Applications
230V / 15A/ AF100W Output Applications

File Size 33.17K  /  4 Page

View it Online

Download Datasheet

    2SA608 2SA608N 2SC536N

Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA608 2SA608N 2SC536N
OCR Text ...current capacity and wide ASO. 0.45 3.5 1.4max 0.6 1.27 4.0max 13.7 14.0 0.5 0.45 4.5 0.44 1 2.5 2 2.5 ...15A 35A 12 30A 25A 8 20A 15A --4 --10A --5A 4 10A 5A IB=0 40 50 IT00497...
Description    Low-Frequency General-Purpose Amplifier Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications
NPN Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications

File Size 39.56K  /  4 Page

View it Online

Download Datasheet

    2SA921

PANASONIC[Panasonic Semiconductor]
Part No. 2SA921
OCR Text ...50.5 5.10.2 s Features 0.45 -0.1 1.27 +0.2 0.45 -0.1 1.27 +0.2 123 2.30.2 2.540.15 1:Emitter 2:Collector 3:Ba...15A -10A -4 -5A 0 0 40 80 120 160 200 0 -2 -4 -6 -8 -10 -12 0 0 - 0.4 - 0.8 -50 25C Ta=75C -25C 2...
Description Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)

File Size 36.24K  /  2 Page

View it Online

Download Datasheet

    2SB1036

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1036
OCR Text ... 4.00.2 s Features q q q 0.70.1 s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Emitt...15A -4 -10A -5A 0 350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160 Collector current...
Description Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)

File Size 36.41K  /  2 Page

View it Online

Download Datasheet

    2SB1155

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1155
OCR Text ...the heat sink with one screw 0.7 15.00.3 11.00.2 5.00.2 3.2 3.20.1 2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2 A A W...15A, IB = -1.5A IC = -7A, IB = - 0.35A IC = -15A, IB = -1.5A VCE = -10V, IC = - 0.5A, f = 10MHz IC =...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 59.98K  /  3 Page

View it Online

Download Datasheet

    2SB819

Panasonic, Corp.
PANASONIC[Panasonic Semiconductor]
Part No. 2SB819
OCR Text ...to 2SD1051 6.90.1 1.5 2.50.1 1.0 1.0 2.40.2 2.00.2 3.50.1 Unit: mm s Features q q q 1.5 R0.9 R0.9 0.85 0.550.1 0.450.05...15A*2 -0.2A*2 VCB = -5V, IE = 0.5A, f = 200MHz VCB = -20V, IE = 0, f = 1MHz min typ max -1 ...
Description Silicon PNP epitaxial planer type(For low-frequency output amplification) 1500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR

File Size 46.30K  /  3 Page

View it Online

Download Datasheet

    2SB932 2SD1255

PANASONIC[Panasonic Semiconductor]
Part No. 2SB932 2SD1255
OCR Text ...to +150 Unit V 10.5min. 2.0 0.80.1 0.5max. 2.540.3 5.080.5 1 2 3 s Absolute Maximum Ratings Parameter Collector to base v...15A IC = -3A, IB = - 0.15a VCE = -10V, IC = - 0.5A, f = 10MHz 30 0.15 0.8 0.15 -80 45 90 260 - 0.5 -...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 56.95K  /  3 Page

View it Online

Download Datasheet

    2SB944 2SD1269

PANASONIC[Panasonic Semiconductor]
Part No. 2SB944 2SD1269
OCR Text 0.70.1 10.00.2 5.50.2 2.70.2 4.20.2 Unit: mm 4.20.2 s Features q q q q Low collector to emitter saturation voltage VCE(sat) Satis...15A IC = -3A, IB = - 0.15a VCE = -10V, IC = - 0.5A, f = 10MHz 30 0.15 0.8 0.15 -80 45 90 260 - 0.5 -...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 54.41K  /  3 Page

View it Online

Download Datasheet

For 0.15a Found Datasheets File :: 10343    Search Time::4.563ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.15a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.61365103721619