Part Number Hot Search : 
237KFKR3 5N2008 APT60 710MTRP STP4NB30 ZSLS7025 D1858 BZT52B75
Product Description
Full Text Search
  0.125a Datasheet PDF File

For 0.125a Found Datasheets File :: 767    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA2023 2SC5611

Sanyo Electric Co., Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA2023 2SC5611
OCR Text ...t:mm 2165 [2SA2023/2SC5611] 8.0 1.0 4.0 1.0 1.4 3.3 3.0 Features * Low collector-to-emitter saturation voltage. * Excellent d...125A 110 100 (-)0.4 Conditions Ratings min typ max (-)0.1 (-)0.1 200 MHz V Unit mA mA Continued o...
Description 60V / 5A High-Speed Switching Applications 0V / 5A条高速开关应
PNP/NPN Epitaxial Planar Silicon Transistors
NPN Epitaxial Planar Silicon Transistors 60V / 5A High-Speed Switching Applications
PNP Epitaxial Planar Silicon Transistors 60V / 5A High-Speed Switching Applications

File Size 40.45K  /  4 Page

View it Online

Download Datasheet





    2SB954 2SB954A

PANASONIC[Panasonic Semiconductor]
Part No. 2SB954 2SB954A
OCR Text ... s Features q q q Unit: mm 0.70.1 10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1 1.30.2 0.5 +0.2 -0.1 0.80.1 2.540.25 5.080.5 1 2 3 4.20.2 ...125A VCE = -4V, IC = -1A VCE = -5V, IC = - 0.2A, f = 10MHz IC = -1A, IB1 = - 0.1A, IB2 = 0.1A, VCC =...
Description Silicon PNP epitaxial planar type(For power amplification)

File Size 45.35K  /  2 Page

View it Online

Download Datasheet

    GA125TS120U

IRF[International Rectifier]
Part No. GA125TS120U
OCR Text ...Weight of Module Typ. -- -- 0.1 -- -- 200 Max. 0.20 0.35 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 GA125T...125A -- 2.1 -- V VGE = 15V, IC = 125A, TJ = 125C Gate Threshold Voltage 3.0 -- 6.0 VCE = 6.0V, IC = ...
Description 1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
HALF-BRIDGE IGBT INT-A-PAK

File Size 220.37K  /  10 Page

View it Online

Download Datasheet

    CXA1391Q CXA1391R

SONY[Sony Corporation]
Part No. CXA1391Q CXA1391R
OCR Text ...Description 5V 9 CLP4 0 1k 30k CLP4 pulse input pin (BLK clamp) (CMOS level input, VTH = 2.5V) 9 5V 10 40A 10 CL...125A 40A 36 CLP C B 3.0 to 3.6V Capacitor connecting pin for B WB amplifier clamp (Clamp...
Description From old datasheet system
Processing IC for Complementary Color Mosaic CCD Camera

File Size 732.68K  /  33 Page

View it Online

Download Datasheet

    MAX1793 MAX1793EUE-15 MAX1793EUE-18 MAX1793EUE-20 MAX1793EUE-25 MAX1793EUE-33 MAX1793EUE-50

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX1793 MAX1793EUE-15 MAX1793EUE-18 MAX1793EUE-20 MAX1793EUE-25 MAX1793EUE-33 MAX1793EUE-50
OCR Text ...ay) o Low 125A Ground Current o 0.1A Shutdown o Low 115VRMS Output Noise o Thermal Overload Protection o Output Current Limit o Tiny TSSOP Power Package (1.5W) 30% Smaller than SOT223 (only 1.1mm high) Features Ordering Information __...
Description Low-Dropout, Low IQ, 1A Linear Regulator FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO16
Low-Dropout, Low IQ, 1A Linear Regulator FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO16

File Size 445.69K  /  10 Page

View it Online

Download Datasheet

    MAX1818 MAX1818EUAT MAX1818EUT15 MAX1818EUT18 MAX1818EUT20 MAX1818EUT25 MAX1818EUT33 MAX1818EUT50 MAX1818EUAT__ MAX1818E

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
MAXIM INTEGRATED PRODUCTS INC
Part No. MAX1818 MAX1818EUAT MAX1818EUT15 MAX1818EUT18 MAX1818EUT20 MAX1818EUT25 MAX1818EUT33 MAX1818EUT50 MAX1818EUAT__ MAX1818EUAT20 MAX1818EUAT33 MAX1818EUAT18 MAX1818EUAT50 MAX1818EUAT25 MAX1818EUAT15
OCR Text ... output is out of regulation, a 0.1A shutdown, short-circuit protection, and thermal shutdown protection. The device is available in a minia...125A Ground Current o 0.1A Shutdown Current o Thermal Overload Protection o Output Current Limit o T...
Description 500mA Low-Dropout Linear Regulator in SOT23
Analog IC
Replaced by TMS320VC5506 : Digital Signal Processors 144-LQFP
Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP -40 to 85

File Size 259.59K  /  9 Page

View it Online

Download Datasheet

    TC170COE TC170CPE TC170

MICROCHIP[Microchip Technology]
Part No. TC170COE TC170CPE TC170
OCR Text ... + x 3.15 Current Amplifier + - 0.75V PWM Comparator S - S Limit Buffer Amplifier + - Q4 Shutdown Comparator 16 + 350 mV 6k Q3 Shutdown PWM ...125A. The error amplifier output voltage is clamped from going above V1 through the limit buffer amp...
Description CMOS Current Mode PWM Controller

File Size 473.47K  /  16 Page

View it Online

Download Datasheet

    ML6420CS-4 ML6420CS-1 ML6420CS-3 ML6420CS-5 ML6420CS-7 ML6420

MICRO-LINEAR[Micro Linear Corporation]
Part No. ML6420CS-4 ML6420CS-1 ML6420CS-3 ML6420CS-5 ML6420CS-7 ML6420
OCR Text ...ut-off frequencies are either 3.0, 5.5, 8.0, or 9.3MHz. Each channel incorporates a 6th-order low-pass filter, a first order all-pass filter...125A of bias current). LAYOUT CONSIDERATIONS In order to obtain full performance from these triple f...
Description Triple/Dual Phase-Equalized, Low-Pass Video Filter
Triple/Dual Phase-Equalized / Low-Pass Video Filter

File Size 269.92K  /  20 Page

View it Online

Download Datasheet

    EWS3000T-10 EWS3000T-12 EWS3000T-15 EWS3000T-2 EWS3000T-24 EWS3000T-3.3 EWS3000T-36 EWS3000T-48 EWS3000T-5 EWS5000T-2 EW

LAMBDA[DENSEI-LAMBDA]
Part No. EWS3000T-10 EWS3000T-12 EWS3000T-15 EWS3000T-2 EWS3000T-24 EWS3000T-3.3 EWS3000T-36 EWS3000T-48 EWS3000T-5 EWS5000T-2 EWS5000T-3.3 EWS5000T-5 EWS1500T EWS1500T-1 EWS1500T-5 EWS1500T-48 EWS1500T-36 EWS1500T-10 EWS1500T-12 EWS1500T-15 EWS1500T-2 EWS1500T-24 EWS1500T-3.3
OCR Text ...er Input: 3o200V, Power factor: 0.95 Output voltage programmable: 0V to nominal output voltage by external control. Voltage adjustable range...125A 100A 63A 42A 32A 600A 600A 600A 300A 250A 200A 125A 84A 63A 1000A 1000A 1000A Max. DC output po...
Description CABLE TIE INTERMED BLK 10.4,1
Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-41; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No
Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-41 RoHS Compliant: No
Single output 1500W ~ 5000W

File Size 161.06K  /  2 Page

View it Online

Download Datasheet

    THDT6511D THDT6511DRL 5646 -THDT6511D

STMICROELECTRONICS[STMicroelectronics]
Part No. THDT6511D THDT6511DRL 5646 -THDT6511D
OCR Text ...0s 10/700s 5/310s 1.2/50s 1/20s 0.5/700s 0.2/310s 2/10s 2/10s 2/10s 2/10s 10/1000s 10/1000s 1kV 38A 2kV 50A 1.5kV 40A 1kV 38A 2.5kV 125A (*) 2.5kV 125A (*) 1kV 40A (*) SCHEMATIC DIAGRAM TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION P...
Description TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
From old datasheet system

File Size 53.58K  /  6 Page

View it Online

Download Datasheet

For 0.125a Found Datasheets File :: 767    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.125a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2211768627167