Part Number Hot Search : 
MX7847BQ 1N5926 STS126 1N4409B SUM90UF 4762A DTA114TE S2186
Product Description
Full Text Search
  0.036 Datasheet PDF File

For 0.036 Found Datasheets File :: 5839    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 146-99-640-41-036 146-91-306-41-035 146-91-306-41-036 146-91-308-41-035 146-91-308-41-036 146-91-314-41-035 146-91-314-41-036 146-91-316-41-035 146-91-316-41-036 146-91-318-41-035 146-91-318-41-036 146-91-320-41-035 146-91-320-41-036 146-91-422-41-035 146-91-422-41-036 146-91-624-41-035 146-91-624-41-036 146-91-628-41-035 146-91-628-41-036 146-91-632-41-035 146-91-632-41-036 146-91-640-41-035 146-91-640-41-036 146-93-306-41-035 146-93-306-41-036 146-93-308-41-035 146-93-308-41-036 146-93-314-41-035 146-93-314-41-036 146-93-316-41-035 146-93-316-41-036 146-93-318-41-035 146-93-318-41-036 146-93-320-41-035 146-93-320-41-036 146-93-422-41-035 146-93-422-41-036 146-93-624-41-035 146-93-624-41-036 146-93-628-41-035 146-93-628-41-036 146-93-632-41-035 146-93-632-41-036 146-93-640-41-035 146-93-640-41-036 146-99-306-41-035 146-99-306-41-036 146-99-308-41-035 146-99-308-41-036 146-99-314-41-035 146-99-314-41-036 146-99-316-41-035 146-99-316-41-036 146-99-318-41-035 146-99-318-41-036 146-99-320-41-035 146-99-320-41-036 146-99-422-41-035 146-99-422-41-036 146-99-624-41-035 146-99-624-41-036 146-99-628-41-035 146-99-628-41-036 146-99-632-41-035 146-99-632-41-036 146-99-640-41-035
OCR Text ...CB. For plated-thru-holes 1 (+ 0.09/- 0.06) mm Compliant pins New press-fit receptacle with modified eye of the needle which eliminates dam...036 146-xx-308-41-036 146-xx-314-41-036 146-xx-316-41-036 146-xx-318-41-036 146-xx-320-41-036 146-xx...
Description FILM INSULATING - XTAL 3LDS 双列直插式插座开放框架媒体与兼容的引脚适合
EJECTOR PCB WHITE 双列直插式插座开放框架媒体与兼容的引脚适合
Dual-in-line sockets Open frame Press-fit with compliant pins 双列直插式插座开放框架媒体与兼容的引脚适合
ECON-O-GIDE 4.5-In. Standard Card Guide 双列直插式插座开放框架媒体与兼容的引脚适合
LED Mounting Clip; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
CARD GUIDE 2.5X1.5 1/16 PCB
SPACER,NYLON,CAPACITOR MOUNT10MM CAPACITOR MOUNT
Fasteners; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
GMVSTBW 2.5/ 7-STF-7.62
GRIP-O-GIDE Deep-Channel Card Guide 8.0-In.
Deep Channel Card guides for 116th, 332nd and 18th PCBs
GROMMET-LED PANEL MOUNT BLACK 2 PIECE .2
LED Mount; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:20mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED MOUNT LEM 1.350
SPACER SPACER MYLAR INSULATOR/SPACER
LED Mount; Bulb Size:T-1 3/4; LED Color:High Efficiency Red; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED Mount; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2.2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes

File Size 38.04K  /  1 Page

View it Online

Download Datasheet





    61-036-GBRSB7W-B06-ET 61-036_GBRSB7W-B06_ET

Everlight Electronics Co., Ltd
Part No. 61-036-GBRSB7W-B06-ET 61-036_GBRSB7W-B06_ET
OCR Text .... Tolerance unless mentioned is 0.1mm Everlight Electronics Co., Ltd. Device No. : http://www.everlight.com Prepared date: 21-Sep-2007...036/GBRSB7W-B06/ET Absolute Maximum Ratings (Ta=25) Parameter Reverse Voltage Symbol VR RS Forward...
Description Luminosity Full Color LED

File Size 211.20K  /  15 Page

View it Online

Download Datasheet

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 546-99-108-12-101-036 546-91-108-12-101-035 546-91-108-12-101-036 546-93-108-12-101-028 546-93-108-12-101-036 546-99-108-12-101-035 546-93-108-12-101-035
OCR Text ... Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au 5 m Sn Pb Pin Ordering information Replace xxx-xx-xxx with the number of poles, body siz...036 546-93-xxx-xx-xxx-036 546-99-xxx-xx-xxx-036 PGA sockets with press-fit terminations for 1.5 t...
Description Pin Grid Array sockets Press-fit terminations 针栅阵列插座压接端子

File Size 41.31K  /  1 Page

View it Online

Download Datasheet

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 446-99-208-41-036 346-91-108-41-035 346-91-108-41-036 346-93-108-41-035 346-93-108-41-036 346-99-108-41-035 346-99-108-41-036 446-91-208-41-035 446-91-208-41-036 446-93-208-41-035 446-93-208-41-036 446-99-208-41-035
OCR Text ...B, plated-thru holes, for pins 0.40-0.56 mm For corresponding pin connectors see pages 43 to 46 New version with modified eye of the needle...036 346-93-1xx-41-036 346-99-1xx-41-036 Press-fit receptacle connector: single row, compliant pin...
Description PCB connectors 2.54 mm Single row / Double row Press-fit 电路板连接器2.54毫米单列/双列
OSC 5V SMT PLAS 14X9 CMOS

File Size 52.59K  /  1 Page

View it Online

Download Datasheet

    F011-036 F011-032 F011-059 F011-073 F011-126 F011-063

Eichhoff Electronics,Inc.
Part No. F011-036 F011-032 F011-059 F011-073 F011-126 F011-063
OCR Text 0,47 f + 2 x 4700 pf x1y2 0,47 f + 2 x 10000 pf x1y2 0,47 f + 2 x 20000 pf x1y2 2 x 1 mh 2 x 500 h 2 x 300 h f011-126/032 f011-126/063 f011-126/073 f011-126/036 f011-126/336 f011-126/436 f011-126/059 f011-126/359 f011-126/459 funk-e...
Description Funk-Entst?rfilter im runden Metallgeh?use mit Gewindezapfen

File Size 228.76K  /  6 Page

View it Online

Download Datasheet

    1MD03-036-08 1MD03-036-04 1MD03-036-05

RMT Ltd.
Part No. 1MD03-036-08 1MD03-036-04 1MD03-036-05
OCR Text ...d03-036-04 71 2.84 1.1 4.5 3.22 0.9 1md03-036-05 72 2.31 0.8 4.5 4.01 1.1 1md03-036-08 73 1.47 0.5 4.5 6.37 1.4 a. tec assembly: a. tec assembly: c. ceramics surface options: c. ceramics surface options: c. ceramics surface options: d. th...
Description Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper

File Size 1,836.27K  /  7 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. PCEI-036-02-F-D-TH
OCR Text ...n 20, 27, 30, 40 ?s = 30" (0,76m) gold on contact, matte tin on tail 01 a s no. of positions x (1,00) .03937 + (7,80) .3071 (5,45) .215 (1,50) .059 (6,16) .243 (2,10) .083 (1,20) .047 dia (0,25) .010 (1,90) .075 ...
Description 36 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER

File Size 513.28K  /  1 Page

View it Online

Download Datasheet

    http://
Part No. 50BR-036
OCR Text ...ohms nominal attenuation range 0-110 db in 1 db steps vswr 1.3:1 maximum dc-1000 mhz 1.5:1 maximum 1000-1500 mhz 1.7:1 maximum 1500-2000 mhz attenuation accuracy 0.3 db or 1% dc-500 mhz 0.5 db or 2% 500-1000 mhz 0.5 db or 3% 1000...
Description BENCH TOP ROTARY ATTENUATOR

File Size 22.97K  /  1 Page

View it Online

Download Datasheet

    PS05-036 CER115

Sumida Corporation
Part No. PS05-036 CER115
OCR Text ...nce *Y Dimensions (mm) 2.0 2.0 2.0 2.0 0.2 }* 11.0 12.7 MAX . 0.7 ref 6.6 MAX. 9.2*0.5 } ADHESIVE *Y Schematics (Bottom) 5 1...036 Turns Ratio (Pri:Sec:Aux) 1:0.393:0.393 Primary Inductance 100kHz/0.1V 120|I g*} 15*" Pri-Sec. I...
Description Power over Ethernet Transformer<SMD Type: CER series>
Power over Ethernet Transformer Type: CER series

File Size 58.29K  /  1 Page

View it Online

Download Datasheet

For 0.036 Found Datasheets File :: 5839    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7659511566162