Part Number Hot Search : 
4LS32 MV5026A MRF650 RF1319 BDX67 10DRA20 23C315 SP233
Product Description
Full Text Search
  0.030- Datasheet PDF File

For 0.030- Found Datasheets File :: 26074    Search Time::2.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5010 2SC5010-T1 2SC5010-T1-T2

NEC Corp.
Part No. 2SC5010 2SC5010-T1 2SC5010-T1-T2
OCR Text ...High fT * Low Cre * Low NF : 12.0 GHz TYP. (@ VCE = 3 V, IC = 10 mA, f = 2 GHz) : 0.4 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz) : 1.5 dB TYP....030 .040 .048 .057 .064 .072 .080 .088 .095 .103 .111 .119 .127 .134 .142 .151 .158 .166 .176 .183 ....
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
128 x 128 pixel format, LED or EL Backlight available

File Size 59.95K  /  10 Page

View it Online

Download Datasheet





    AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X A

ALPHA Semiconductor
Alpha Industries Inc
ETC[ETC]
ALPHA[Alpha Industries]
Alpha Industries, Inc.
Part No. AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X AS1117R-5V AS1117R-2.85V AS1117R-1.5V AS1117R-3.3V AS1117S-3V AS1117M1-3V AS1117U-5V AS1117T-2.5V AS1117T-2.85V AS1117M1-2.85V AS1117M1-5V AS1117M1-2.5V AS1117M3-5V AS1117S-2.5V
OCR Text ....5V, 2.5V, 2.85V, 3.0V, 3.3V, 5.0, or Blank for Adjustable) PIN CONNECTIONS 8-Pin Surface Mount (S) TO-220-3 (U) SOT-89 (M1) SOT-223 (M3...030 3.060 3.333 3.366 5.050 5.100 1.262 1.270 0.05 6.00 7.00 7.00 10.00 10.00 12.00 12.00 15.00 1.10...
Description 800mA low dropout regulator 2,5V
800mA low dropout regulator 3V
800mA low dropout regulator 1,5V
800mA low dropout regulator 5V
800mA Low Dropout Regulator SCSI-II Active Terminator
AB 2C 2#16 SKT RECP
800mA low dropout regulator 2,85V
800mA low dropout regulator 3,3V

File Size 75.37K  /  11 Page

View it Online

Download Datasheet

    BD46295G BD46231G BD45411G BD45291G BD45292G BD45295 BD45295G BD45315 BD45315G BD45375G BD46392G BD45281G BD45282G BD452

ROHM[Rohm]
Part No. BD46295G BD46231G BD45411G BD45291G BD45292G BD45295 BD45295G BD45315 BD45315G BD45375G BD46392G BD45281G BD45282G BD45285 BD45285G BD45381G BD45382G BD45385G BD45385 BD45331G BD45332G BD45335 BD45335G BD45305G BD46305G BD45471G BD46471G BD45232G BD46232G BD45412G BD46412G BD46455G BD46472G BD46462G BD45272G BD45345G BD45275G BD46312G BD46235G BD46241G BD46261G BD46265G BD45301G BD45302G BD45305 BD45311G BD45312G BD45321G BD45322G BD45325 BD45325G BD45341G BD46242G BD46245G BD46251G BD46252G BD46255G BD46262G BD46271G BD46272G BD46275G BD46322G BD46XXXG BD45231G BD45235 BD45235G BD45241G BD45242G BD45245 BD45245G BD45251G BD45252G BD45255 BD45255G BD45261G BD45262G BD45265 BD45265G BD45271G BD45275 BD45342G BD45345 BD45351G BD45352G BD45355 BD45355G BD45361G BD45362G BD45365 BD45365G BD45371G BD45372G BD45375 BD45391G BD45392G BD45395 BD45395G BD45401G BD45402G BD45405 BD45405G BD45415 BD45415G BD45421G BD45422G BD45425 BD45425G BD45431G BD45432G BD45435 BD45435G BD45441G BD45442G BD45445 BD45445G BD45451G BD45452G BD45455 BD45455G BD45461G BD45462G BD45465 BD45465G BD45472G BD45475 BD45475G BD45481G BD45482G BD45485 BD45485G BD45XX1G BD45XX2G BD45XX5G BD45XXXG BD46281G BD46282G BD
OCR Text ... of which has 26 kinds in every 0.1V step (2.3~4.8V) and three kinds of delay time (50msec, 100msec, 200msec) have developed. Application...030 BD46295G BD45291G BD46291G BD45292G BD46292G 2.871 2.900 2.929 BD46285G BD45281G BD46281G BD4528...
Description VOLTAGE DETECTOR IC

File Size 443.27K  /  4 Page

View it Online

Download Datasheet

    BUH1215 4496

SGS Thomson Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. BUH1215 4496
OCR Text ...r Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current...030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054 DIM. A C L5 L3 L2 L6 D E...
Description HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
From old datasheet system

File Size 73.01K  /  7 Page

View it Online

Download Datasheet

    BUX48A BUV48A BUV48AFI BUX48

意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. BUX48A BUV48A BUV48AFI BUX48
OCR Text ...llector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Curre...030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054 DIM. A C L5 L3 L2 L6 D E...
Description    HIGH POWER NPN SILICON TRANSISTORS
RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated
HIGH POWER NPN SILICON TRANSISTORS

File Size 88.73K  /  7 Page

View it Online

Download Datasheet

    BUX48C BUV48C BUV48CFI

STMICROELECTRONICS[STMicroelectronics]
Part No. BUX48C BUV48C BUV48CFI
OCR Text ...llector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current...030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054 DIM. A C L5 L3 L2 L6 D E...
Description    HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS

File Size 47.06K  /  6 Page

View it Online

Download Datasheet

    DS2501

Advanced Monolithic Sys...
Advanced Monolithic Systems
Part No. DS2501
OCR Text ...2.85 AMS2502CS-2.85 AMS2501CS-3.0 AMS2502CS-3.0 AMS2501CS-3.3 AMS2502CS-3.3 AMS2501CS-3.5 AMS2502CS-3.5 AMS2501CS-5.0 AMS2502CS-5.0 OPERATIN...030 3.320 3.333 3.521 3.535 5.030 5.050 3 Units V V V V V V V V V V V V V V V V V V mV Output...
Description 1A VERY LOW DROPOUT VOLTAGE REGULATORS

File Size 72.69K  /  8 Page

View it Online

Download Datasheet

    G2SB20 G2SB60 G2SB80

VISAY[Vishay Siliconix]
Vishay Intertechnology,Inc.
Vishay Intertechnology, Inc.
Part No. G2SB20 G2SB60 G2SB80
OCR Text ...ridge Rectifier Case Type GBL 0.125 (3.17) x 45 degrees Chamfer 0.825 (20.9) 0.815 (20.7) Reverse Voltage 200 to 800V Forward Current 1...030 (0.76) 0.022 (0.56) 0.018 (0.46) 0.098 (2.5) 0.075 (1.9) 0.718 (18.2) 0.682 (17.3) Lead Depth...
Description Glass Passivated Single-Phase Bridge Rectifier, Forward Current 1.5A
Glass Passivated Single-Phase Bridge Rectifier 玻璃钝化单相桥式整流

File Size 20.93K  /  2 Page

View it Online

Download Datasheet

    HCC4043 HCC4043B HCC4043BC1 HCC4043BEY HCC4043BF HCC4043BM1 HCF4043B HCF4043BC1 HCF4043BEY HCF4043BF HCF4043BM1 HCC_HCF4

意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. HCC4043 HCC4043B HCC4043BC1 HCC4043BEY HCC4043BF HCC4043BM1 HCF4043B HCF4043BC1 HCF4043BEY HCF4043BF HCF4043BM1 HCC_HCF4044B HCC_HCF4043B HCF4044B HCF4044BM1 HCC4044B HCC4044BC1 HCC4044BEY HCC4044BF HCC4044BM1 HCF4044BC1 HCF4044BEY HCF4044BF
OCR Text ...ates to the Q outputs. A logic "0" or "low" on the ENABLE input disconnects the latch states from the Q outputs, resulting in an open circui...030 0.020 0.010 0.787 0.065 inch TYP. MAX. DIM. P001C 9/13 HCC/HCF4043B/4044B Ceramic...
Description Dual Line Driver 14-SOIC 0 to 70
Dual Line Driver 14-SO 0 to 70
QUAD 3-STATE R-S LATCHES
MICRMICROPOWER PHASE-LOCKED LOOP _

File Size 301.44K  /  13 Page

View it Online

Download Datasheet

    HD404314H HD404314S HD404316H HD404316S HD404318 HD404318H HD404318S HD4074318H HD4074318S HS4318ESH01H HS4318ESS01H

HITACHI[Hitachi Semiconductor]
Part No. HD404314H HD404314S HD404316H HD404316S HD404318 HD404318H HD404318S HD4074318H HD4074318S HS4318ESH01H HS4318ESS01H
OCR Text 0 Sept. 1998 Description The HD404318 Series is 4-bit HMCS400-series microcomputer with large-capacity memory designed to increase program ...030 2. Undefined. Not used R: Read only W: Write only R/W: Read/write $033 $034 Port R3 DCR Port R4 ...
Description 4-bit HMCS400-series microcomputer

File Size 298.75K  /  66 Page

View it Online

Download Datasheet

For 0.030- Found Datasheets File :: 26074    Search Time::2.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.030-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.46986389160156