Part Number Hot Search : 
C8051 SPN2038 10120 133AI S1002 R2060C BDC02D 78E51
Product Description
Full Text Search
  0-30v Datasheet PDF File

For 0-30v Found Datasheets File :: 33424    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PAIRUI GROUP INC.
Part No. LMB-30V LMB30-V12 LMB30-V24
OCR Text ... min. max. lmb30-v12 200-240 12 0 2500 30 lmb30-v24 24 0 1250 30 electrical input parameters symbols test conditions / comment min. typ. max...30v series, 30watt electrical output parameters symbols test conditions / comment min. typ. max. uni...
Description Constant voltage LED Drivers

File Size 350.44K  /  3 Page

View it Online

Download Datasheet





    C565-30V

Roithner LaserTechnik GmbH
Part No. C565-30V
OCR Text ...ard voltage vf if=20ma 2.0 2.3 v reverse c u r r e n t i r v r = 5 v 1 0 ua b r i g h t n e s s i v i f = 2 0 m a 1 4 m c d power intensity po if=20ma 0.05 mw peak wavelength p if=20m...
Description LED CHIP Yellow Green

File Size 51.33K  /  1 Page

View it Online

Download Datasheet

    C568-30V

Roithner LaserTechnik GmbH
Part No. C568-30V
OCR Text ...g.1 Fig.2 Fig.2 Fig.2 Typ. 2.0 14 0.05 565 15 - Max. 2.3 10 570 Unit V uA mcd mW nm nm ns ns Die shall be mounted on TO=18 gold header without resin coated. [Unit : um] Fig.1 Electrode Pattern Fig.2 Chip size and Emi...
Description LED CHIP Yellow Green

File Size 51.41K  /  1 Page

View it Online

Download Datasheet

    JO32-3.0V

Jauch Quartz Gmbh
Part No. JO32-3.0V
OCR Text ...s compliant oscillator jo32 3.0 v actual size reflow soldering temperature: 260 c max. compact & flat ceramic/metal package blank = -20 c~ +70 c t1 = -40 c~ +85 c order information example: o 20.0-jo32-b-3.0-1 (lf = rohs compliant ...
Description SMD Oscillator with Stop Function

File Size 148.71K  /  2 Page

View it Online

Download Datasheet

    JO22-3.0V

Jauch Quartz Gmbh
Part No. JO22-3.0V
OCR Text 0 V SMD Oscillator with Stop Function * 2.5 x 2.0 mm actual size low current consumption low phase noise type for WLAN available** reflow soldering temperature: 260 C max. ultra flat ceramic / metal package 2002/95/EC RoHS complia...
Description SMD Oscillator with Stop Function

File Size 160.53K  /  2 Page

View it Online

Download Datasheet

    JO53-3.0V

Jauch Quartz Gmbh
Part No. JO53-3.0V
OCR Text 0 V SMD Oscillator with Stop Function * 5.0 x 3.2 mm actual size reflow soldering temperature: 260 C max. ceramic/metal package 2002/95/EC RoHS compliant Pb free: pins / pads RoHS General Data type frequency range JO53 3.0 V ...
Description SMD Oscillator with Stop Function

File Size 154.21K  /  2 Page

View it Online

Download Datasheet

    ISB-A40-0

Sanyo Semicon Device
Part No. ISB-A40-0
OCR Text 0 Overview Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBDx4 The ISB-A40-0 incorporates four chips of schottky b...30V/1A and 30V/200mA, respectively. * Miniature package makes this IC ideal for miniaturization of e...
Description Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD×4
Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD】4

File Size 53.60K  /  4 Page

View it Online

Download Datasheet

    MTP3LP01N3-0-T1-G

Cystech Electonics Corp.
Part No. MTP3LP01N3-0-T1-G
OCR Text ... package shipping mtp3lp01n3-0-t1-g sot-23 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel mtp3lp01n3 sot-23 d g gate s s source g d drain environment friendly grade : s...
Description 30V P-CHANNEL Enhancement Mode MOSFET

File Size 273.79K  /  9 Page

View it Online

Download Datasheet

    MTP3LP01S3-0-T1-G

Cystech Electonics Corp.
Part No. MTP3LP01S3-0-T1-G
OCR Text ... package shipping mtp3lp01s3-0-t1-g sot-323 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel mtp3lp01s3 sot-323 d g gate s s source g d drain cystech electronics corp. ...
Description 30V P-CHANNEL Enhancement Mode MOSFET

File Size 268.10K  /  9 Page

View it Online

Download Datasheet

    SIPEX[Sipex Corporation]
Part No. SP6133_06 SP6133 SP6133EB SP6133ER1 SP613306
OCR Text 0 to 10A Output Synchronous Buck Converter Precision 0.80V, 1% High Accuracy Reference Small form factor Feature Rich: Single supply operati...30V 0-10A GND2 C5 EN 1 2 3 J1 PTC36SAAN Rs2 5.11K,1% CZ2 1,500pF RZ2 23.2K,1%...
Description Evaluation Board Manual

File Size 503.76K  /  10 Page

View it Online

Download Datasheet

For 0-30v Found Datasheets File :: 33424    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0-30v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50820803642273