Part Number Hot Search : 
2SB891 24LC32AP ER1002 Q6704 VC2G0 24006 2SC4466Y 1N4735A
Product Description
Full Text Search
  -55 Datasheet PDF File

For -55 Found Datasheets File :: 279798    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    C-13-155-T-SSC3-55 C-13-155-T-SSC3-55-G5 C-13-155-T-SST3-G5 C-13-155-T-SFC3-55 C-13-155-T-SFC3-55-G5 C-13-155-T-SFC3-G5

Source Photonics, Inc.
Part No. C-13-155-T-SSC3-55 C-13-155-T-SSC3-55-G5 C-13-155-T-SST3-G5 C-13-155-T-SFC3-55 C-13-155-T-SFC3-55-G5 C-13-155-T-SFC3-G5 C-13-155-T-SST3 C-13-155-T-SST3-55-G5 C-13-155-T-SST3-55
OCR Text 55)-G5 Features * Duplex SC\ST\FC Single Mode Transceiver * Industry Standard 1x9 Footprint * Intermediate reach SONET OC-3 SDH STM-1 Compliant * Single +5V Power Supply * PECL/LVPECL Differential Inputs and Outputs * PECL/LVPECL Signal ...
Description FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
155 Mbps Single Mode Transceiver

File Size 495.06K  /  8 Page

View it Online

Download Datasheet





    BUK7575-55 BUK7575-55_2 BUK7575-55127

NXP SEMICONDUCTORS
Philips
Part No. BUK7575-55 BUK7575-55_2 BUK7575-55127
OCR Text ...tching applications. BUK7575-55 QUICK REFERENCE DATA SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 10 V MAX. 55 19....
Description 19.7 A, 55 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
From old datasheet system
TrenchMOS TM transistor Standard level FET

File Size 48.54K  /  8 Page

View it Online

Download Datasheet

    E-55

Tyco Electronics
Part No. E-55
OCR Text 55 4pdt, 2 amps, 28 vdc product specifications time delay 3.0 +1, -0 seconds input voltage 22-30 vdc temperature -55 c to +85 c contact arrangement 4 pdt contact rating 2 amps resistive recycle time 50 milliseconds rated duty continuous w...
Description E-55 4PDT,2 Amps, 28 VDC

File Size 28.26K  /  1 Page

View it Online

Download Datasheet

    ICS9248-55 ICS9248BF-55

ICST[Integrated Circuit Systems]
http://
Part No. ICS9248-55 ICS9248BF-55
OCR Text 55 Pentium/Pro/IITM System Clock Chip General Description The ICS9248-55 is a Clock Synthesizer chip for Pentium and PentiumPro CPU based Desktop/Notebook systems that will provide all necessary clock timing. Features include four CPU ...
Description Pentium/Pro/IITM System Clock Chip 奔腾/专业/ IITM系统时钟芯片
BX Main Clock, Supports 66.6 - 100MHz

File Size 268.23K  /  10 Page

View it Online

Download Datasheet

    MBM29LV001BC-55 MBM29LV001BC-55PD MBM29LV001BC-55PFTN MBM29LV001BC-55PFTR MBM29LV001BC-70 MBM29LV001BC-70PD MBM29LV001BC

FUJITSU[Fujitsu Media Devices Limited]
Part No. MBM29LV001BC-55 MBM29LV001BC-55PD MBM29LV001BC-55PFTN MBM29LV001BC-55PFTR MBM29LV001BC-70 MBM29LV001BC-70PD MBM29LV001BC-70PFTN MBM29LV001BC-70PFTR MBM29LV001TC MBM29LV001TC-55 MBM29LV001TC-55PD MBM29LV001TC-55PFTN MBM29LV001TC-55PFTR MBM29LV001TC-70 MBM29LV001TC-70PD MBM29LV001TC-70PFTN MBM29LV001TC-70PFTR MBM29LV001BC
OCR Text 55/-70/MBM29LV001BC-55/-70 s FEATURES * Single 3.0 V read, program, and erase Minimizes system level power requirements * Compatible with JEDEC-standard commands Uses same software commands as E2PROMs * Compatible with JEDEC-standard worl...
Description 1M (128K x 8) BIT

File Size 264.77K  /  49 Page

View it Online

Download Datasheet

    BUK7608-55

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BUK7608-55
OCR Text ...tching applications. BUK7608-55 QUICK REFERENCE DATA SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 10 V MAX. 55 75 ...
Description TrenchMOS transistor Standard level FET

File Size 65.96K  /  8 Page

View it Online

Download Datasheet

    BUK9608-55

NXP Semiconductors
Philips Semiconductors
Part No. BUK9608-55
OCR Text ...tching applications. BUK9608-55 QUICK REFERENCE DATA SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 5 V MAX. 55 75 1...
Description TrenchMOS transistor Logic level FET

File Size 68.11K  /  8 Page

View it Online

Download Datasheet

   
Part No. KM736V799T-55 KM736V799T-50
OCR Text ...yc from 5.5ns to 5.4ns at bin -55. change t cd from 3.5ns to 3.1ns at bin -55. change t oe from 3.5ns to 3.1ns at bin -55. change setup from 1.5ns to 1.4ns at bin -55. add t cyc 175mhz. change i sb2 from 20ma to 30ma. modify dc charac...
Description 128K X 36 CACHE SRAM, 3.1 ns, PQFP100

File Size 408.77K  /  15 Page

View it Online

Download Datasheet

    C-13-155-F-SLCA-55-G5 C-13-155-F-SLC5A-55-G5 C-13-155-F-SLC3A-G5 C-13-155-F-SLC3AS-G5 C-13-155-F-SLC5AS-G5 C-13-155-F-SL

Source Photonics, Inc.
Part No. C-13-155-F-SLCA-55-G5 C-13-155-F-SLC5A-55-G5 C-13-155-F-SLC3A-G5 C-13-155-F-SLC3AS-G5 C-13-155-F-SLC5AS-G5 C-13-155-F-SLCAS-55-G5 C-13-155-F-SLC5AS-55-G5 C-13-155-F-SLC3AS-55-G5 C-13-155-F-SLC3A-55-G5 C-13-155-F-SLC5A-G5 C-13-155-F-SLCAS-G5 C-13-155-F-SLCA-G5
OCR Text 55)-G5 Features * Duplex LC Single Mode Transceiver * Small Form Factor Multi-sourced 2x5 Pin Package * Ultra Long reach SONET OC-3/SDH STM-1 Compliant * Single +3.3V Power Supply * LVPECL Differential Inputs and Outputs * LVPECL Signal De...
Description 155 Mbps Single Mode SFF LC Transceiver

File Size 856.88K  /  10 Page

View it Online

Download Datasheet

    http://
ETRON[Etron Technology, Inc.]
Part No. EM564161BC-55 EM564161_04 EM564161BA-70 EM564161BA-70E EM564161BA-85 EM564161BA-85E EM564161BC-55E EM564161BC-70 EM564161BC-70E EM564161BC-85 EM56416104
OCR Text ....6 V IDDS2 Typical EM564161BC -55 EM564161BC/BA -70/85 EM564161BC -55E EM564161BC/BA -70E/85E 1 A 1 A 5 A 5 A Maximum 10 A 10 A 80 A 80 A D GND DQ11 A17 A7 EM564161 256K x 16 Low Power SRAM Rev 3.1 Pin Configuration 48-Ball BGA (CSP...
Description 256K x 16 Low Power SRAM

File Size 250.43K  /  14 Page

View it Online

Download Datasheet

For -55 Found Datasheets File :: 279798    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of -55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.1694009304047