Part Number Hot Search : 
T041659 UTC3563 D15AA LAS15A06 M28W640 FR204 HF38903M 36410
Product Description
Full Text Search
  wire Datasheet PDF File

For wire Found Datasheets File :: 81029    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC2732

HITACHI[Hitachi Semiconductor]
Part No. 2SC2732
OCR Text ...3 L1 : 1 mm Enameled Copper wire 11 90 120 4 13 22 L2 : 1 mm Enameled Copper wire 90 20 90 13 90 90 3 7 L3 : 1 mm Enameled Copper wire 7 130 11 90 Unit : mm L4 : 1 mm Enameled Copper wire L5 L6 C1 C2...
Description Silicon NPN Transistor
Silicon NPN Epitaxial

File Size 35.50K  /  7 Page

View it Online

Download Datasheet





    PB-12332Z3B PB-12632Z3B PB-12612CB PB-12613CB PB-12323CB PB-12613ZB PB-12633Z3B

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. PB-12332Z3B PB-12632Z3B PB-12612CB PB-12613CB PB-12323CB PB-12613ZB PB-12633Z3B
OCR Text ...ion options c printed circuit w wire-wrap w1 wire-wrap w3 wire-wrap w4 wire-wrap z standard z3 quick connect mating receptacle from amp special ind., p.o. box 984, paoli, pa. 19301 amp p/n single piece 61454 series, strip from 60900 note: ...
Description Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)

File Size 197.87K  /  4 Page

View it Online

Download Datasheet

    LG
Part No. LC300W01-A3
OCR Text ...ducting tape to lamp connecting wire. if the lamp wire attach to conducting tape, tft-lcd module have a low luminance and the inverter has abnormal action because leakage current occurs between lamp wire and conduction tape. product spe...
Description WXGA TFT LCD

File Size 471.89K  /  28 Page

View it Online

Download Datasheet

    EVAL-AD7989-5SDZ

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. EVAL-AD7989-5SDZ
OCR Text ...hain several adcs on a single 3-wire bus. it is compatible with 1.8 v, 2.5 v, 3 v, and 5 v logic, using the separate vio supply. the ad7989-1 / ad7989-5 are available in a 10-lead msop or a 10-lead lfcsp with operation specified from ?...
Description 18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP

File Size 574.02K  /  24 Page

View it Online

Download Datasheet

    9WL0912P4G001 9WL0912P4H001 9WL0912P4J001 9WL0912P4S001

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. 9WL0912P4G001 9WL0912P4H001 9WL0912P4J001 9WL0912P4S001
OCR Text ...emperature ?????????????? lead wire ???????????????????????? mass ????????????????????????????? frame: aluminum (black coating), impeller: plastics (flammability: ul94v-1) refer to speci?cations (l10: survival rate: 90% at 60 , rated ...
Description Splash Proof Fan San Ace 92W

File Size 605.70K  /  4 Page

View it Online

Download Datasheet

    46408-1100

Molex Electronics Ltd.
Part No. 46408-1100
OCR Text ... application power, signal, wire-to-wire comments 46408-0001 housing & 465490001 tpa overview extreme ten60power? high-current connector product name extreme ten60power? upc 883906371296 physical circuits (maximum) 4...
Description PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

File Size 63.33K  /  2 Page

View it Online

Download Datasheet

    EVAL-AD7982SDZ AD7982BRMZRL7

Analog Devices
Part No. EVAL-AD7982SDZ AD7982BRMZRL7
OCR Text ... cnv 1.8v to 5v ada4941 3- or 4-wire interface (spi, cs daisy chain) 2.5v to 5 v 2.5 v 06513-001 10v, 5v, .. figure 1. general description the ad7982 is an 18-bit, successive approximation, analog-to- digital converter (adc) that ope...
Description 18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN

File Size 608.73K  /  24 Page

View it Online

Download Datasheet

    PANASONIC CORP
Part No. DN8797SE
OCR Text ...dhesive. 2. a case bending lead wire bend the lead wire without stressing the package. fixed w fixed correct (a) (b) fixed bending method of lead wire bending position of lead wire w w 3 mm * 3 mm * * : the distance can be within 3 mm, if n...
Description SPECIALTY ANALOG CIRCUIT, PSIP3

File Size 202.01K  /  6 Page

View it Online

Download Datasheet

    Vatroncis Technologies
Part No. NTC12D-11 NTC12D-13 NTC30D-15 NTC8D-9 NTC8D-20 NTC10D-13 NTC10D-9
OCR Text ...a chip diameter max b lead wire length min c pitch d chip thickness max e ? lead wire diameter f distance from lead wire to chip max g - molding distance h - post- molding pitch min 20 22 25 7.51/101 7 1.0 4 28...
Description NSP POWER TYPE NTC THERMISTORS

File Size 132.64K  /  5 Page

View it Online

Download Datasheet

    LG
Part No. LP154W01-A5
OCR Text ...ducting tape to lamp connecting wire. if the lamp wire attach to a conducting tape, tft - lcd module has a low luminance and the inverter has abnormal action. because leakage current is occurr ed between lamp wire and conducting tape. i p ...
Description Liquid Crystal Display

File Size 1,932.39K  /  27 Page

View it Online

Download Datasheet

For wire Found Datasheets File :: 81029    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of wire

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.726655960083