Description |
N-CH MOSFET SO8BWL 8MOHMS AT 10V PWM OPTIMIZED - LEAD FREE VERSION 3引脚微处理器复位电路 MOSFET; Transistor Polarity:Dual N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:6.9A; On-Resistance, Rds(on):26mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:8-SOIC; Leaded Process Compatible:No 3引脚微处理器复位电路 3-PIN MICROPROCESSOR RESET CIRCUITS 3引脚微处理器复位电路 MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:12A; On-Resistance, Rds(on):0.0085ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:11A; On-Resistance, Rds(on):0.011ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 2-way ALL.CLIP, EX-LARGE IEC1010 KIT RoHS Compliant: Yes (aic809 / AIC810) 3-PIN MICROPROCESSOR RESET CIRCUITS
|