Part Number Hot Search : 
3055L OP755B SLA4041 ML1350PP CY2305S SP704CN MRM17109 MC14022B
Product Description
Full Text Search
  1 female Datasheet PDF File

For 1 female Found Datasheets File :: 11733    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1307032 ANPC-131 ANPC-128 ANPC-135

MA-Com
MACOM[Tyco Electronics]
Part No. 1307032 ANPC-131 ANPC-128 ANPC-135
OCR Text ... .75 dbic typical @ zenith vswr 1.5:1 max (passive); 1.2:1 typical 1.5:1 max (active) temperature: -40 c to +95 c connector o p tions mounti...female no-show bracket osx: male, female or right angle jack visible bracket tnc: male or female suc...
Description Quck mount micro GPS patch antenna
QuickMount Micro GPS Patch Antennas
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes

File Size 119.43K  /  2 Page

View it Online

Download Datasheet





    SP6645UEB SP6644EB SP6644UEB SP6644 SP6644EU SP6645 SP6645EU

SIPEX[Sipex Corporation]
Part No. SP6645UEB SP6644EB SP6644UEB SP6644 SP6644EU SP6645 SP6645EU
OCR Text .... USING THE EVALUATION BOARD 1) Powering Up the SP6644/6645 Circuit The SP6644/6645 Evaluation Board can be powered from inputs from a +0...female Pin .23x.12 3-Pin Header .2x.1 Shunt Vendor Sipex 978-667-7800 Sipex Sipex Sanyo 978-922-6573...
Description Evaluation Board Manual

File Size 143.52K  /  5 Page

View it Online

Download Datasheet

    SP6648EB SP6648UEB SP6648EU

SIPEX[Sipex Corporation]
Part No. SP6648EB SP6648UEB SP6648EU
OCR Text ...BOARD SCHEMATIC VBATT C1 + 1 L1 10uH 3.3Vout VBATT LBI LBON RLIM SHDN VOUT 10 47uF LBI LBON SHDN RLIM 1.87K 2 3 4 5 ...female Pin 3-Pin Header Shunt Vendor Sipex 978-667-7800 Sipex Kemet 847-517-1030 Kemet 847-517-1030 ...
Description Evaluation Board Manual

File Size 123.17K  /  4 Page

View it Online

Download Datasheet

    SP6648LED SP6648LEDEB SP6648EU

SIPEX[Sipex Corporation]
Part No. SP6648LED SP6648LEDEB SP6648EU
OCR Text ...K USING THE EVALUATION BOARD 1) Powering Up the SP6648LED Circuit The SP6648LED Evaluation Board can be powered from inputs from a +1.8V ...female Pin 1 Sullins PTC36SAAN .23x.12 2-Pin Header Vendor Future 888-589-3662 Future 888-589-3662 F...
Description Evaluation Board Manual

File Size 95.74K  /  5 Page

View it Online

Download Datasheet

    SP6650EB SP6650UEB SP6650EU

SIPEX[Sipex Corporation]
Part No. SP6650EB SP6650UEB SP6650EU
OCR Text ...right 2001 Sipex Corporation 1 VIN 2.7-6.5 VDC CIN 47F RB 100k RVIN 10.0 (R) L1 22H 1 2 3 2 1 3 2 1 3 4 5 PVIN VIN BLON ILIM SHD...female pin receptacles which can accommodate easy-hook connection leads for power and meter connecti...
Description Evaluation Board Manual

File Size 58.35K  /  6 Page

View it Online

Download Datasheet

    SP6682UEB SP6682EU

SIPEX[Sipex Corporation]
Part No. SP6682UEB SP6682EU
OCR Text ... current @ 2.8V input Less than 1.5uA shutdown current 10 pin MSOP SP6682 Evaluation Board Schematics LEDA C2 2.2uF 1 J1 SP66...female Pin J1,J2 1 Sullins PTC36SAAN .23x.12 2-Pin Header Ref. Des. Vendor Sipex 978-667-8700 Sip...
Description Evaluation Board Manual

File Size 103.52K  /  5 Page

View it Online

Download Datasheet

    AM50-0006 AM50-0006PCS AM50-0006PDC AM50-0006TR AM500006V2 AM500006 AM50-0006V2

MACOM[Tyco Electronics]
MA-Com
Part No. AM50-0006 AM50-0006PCS AM50-0006PDC AM50-0006TR AM500006V2 AM500006 AM50-0006V2
OCR Text ...26 .114 .008 2,9 0,2 .075 .008 1,90 0,2 PIN # 1 V2.00 Low Noise Figure: 1.6 dB High Input IP3: -6 dBm at 3 V, 6.5 mA bias High Gain: 18...female multi-pin connector (Newark Electronics Stock # 46F-4658, not included). 2. Wires soldered to...
Description 1400-2000 MHz, low noise amplifier
Circular Connector; No. of Contacts:128; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No
Low Noise Amplifier 1400 - 2000 MHz
1400-1520 MHz, low noise amplifier

File Size 354.04K  /  7 Page

View it Online

Download Datasheet

    MAX1280EVC16 MAX1280EVKIT

Maxim Integrated Products
Part No. MAX1280EVC16 MAX1280EVKIT
OCR Text 19-1625; Rev 0; 1/00 MAX1280 Evaluation System General Description The MAX1280 evaluation system (EV system) is a complete, 8-channel d...female-to-male cable. If the only available serial port uses a 25-pin connector, a standard 25-pin t...
Description MAX1280 Evaluation System

File Size 151.83K  /  9 Page

View it Online

Download Datasheet

    MAX2825 MAX2825EVKIT MAX2826 MAX2826EVKIT MAX2827 MAX2827EVKIT

http://
MAXIM[Maxim Integrated Products]
Part No. MAX2825 MAX2825EVKIT MAX2826 MAX2826EVKIT MAX2827 MAX2827EVKIT
OCR Text 19-3091; Rev 0; 12/03 MAX2825/MAX2826/MAX2827 Evaluation Kits General Description The MAX2825/MAX2826/MAX2827 evaluation kits (EV kits)...female 25-pin parallel cable, straight through 3) Set the register setting to the default values lis...
Description MAX2825/MAX2826/MAX2827 Evaluation Kits
MAX2825/MAX2826/MAX2827 Evaluation Kits

File Size 1,011.40K  /  12 Page

View it Online

Download Datasheet

    ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50

RF连接
MINI[Mini-Circuits]
http://
Part No. ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50
OCR Text 1.10:1 typ. up to 12.4 GHz and 1.15:1 typ. up to 18 GHz * passivated stainless steel * low cost adapters, available from stock NE W! A...female SMA-Male DC-18 1.15 1.20 1.25 50 DJ826 22.95 NF-SF50 N-female ...
Description 50OHM/ DC to 18 GHz
50OHM / DC to 18 GHz
50OHM, DC to 18 GHz
50OHM, DC to 18 GHz

File Size 54.07K  /  1 Page

View it Online

Download Datasheet

For 1 female Found Datasheets File :: 11733    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1 female

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.70311307907104