Part Number Hot Search : 
NJM4558C 5KE110 245DW S29AL01 51161 MB9B310T MAX823Z C1100
Product Description
Full Text Search
  0.5inch Datasheet PDF File

For 0.5inch Found Datasheets File :: 94    Search Time::4.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    All Sensors
Part No. 5INCH-D-4V-MIL
OCR Text 0.4 In H2O) to 30 In H2O Pressure Sensors Military Temperature Grade Features * 0 to 1 mbar to 0 to 30 In H2O Pressure Ranges * Ratiometric 4V Output * Temperature Compensated (-40C to 125C) * Calibrated Zero and Span 3 Applicatio...
Description Pressure Sensor: 1 mbar (0.4 In H2O) to 30 In H2O Pressure Sensors

File Size 94.04K  /  6 Page

View it Online

Download Datasheet





    All Sensors Corp.
Part No. 5INCH-D2-MV-MINI
OCR Text ... h 2 o to 30 ? h 2 o) sensors ? 0 to 2? h 2 o to 0 to 30? h 2 o pressure ranges ? matched pressure port volumes ? temperature compensated ? calibrated zero and span ? medical instrumentation ? environmental controls ? hvac general descripti...
Description
File Size 117.66K  /  4 Page

View it Online

Download Datasheet

    All Sensors Corp.
Part No. 5INCH-D1-P4V-MINI 5INCH-G-P4V-MINI
OCR Text 0 to 1" H2O to 0 to 30" H2O Pressure Ranges * Matched pressure port volumes * Temperature Compensated ( -25 to 85 C) * Calibrated Zero and Span 2 Applications * Medical Instrumentation * Environmental Controls * HVAC General Descr...
Description Pressure Sensor: Miniature Amplified Low Pressure Sensors

File Size 106.35K  /  6 Page

View it Online

Download Datasheet

    ZD4710 ZD4679 ZD4679BSH ZD4678BSH ZD4678SH ZD4680BSH ZD4680SH ZD4681 ZD4700 ZD4700BSH ZD4700SH ZD4701 ZD4701BSH ZD4701SH

Cystech Electonics Corp.
Cystech Electonics Corp...
Part No. ZD4710 ZD4679 ZD4679BSH ZD4678BSH ZD4678SH ZD4680BSH ZD4680SH ZD4681 ZD4700 ZD4700BSH ZD4700SH ZD4701 ZD4701BSH ZD4701SH ZD4702 ZD4702BSH ZD4702SH ZD4703 ZD4703BSH ZD4703SH ZD4704 ZD4704SH ZD4704BSH ZD4705 ZD4705BSH ZD4705SH ZD4692SH ZD4681SH ZD4681BSH
OCR Text ...ce package shipping zd46xxsh-0-t1-g sod-123 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel cystech ...5inch 1.5inch. electrical characteristic (ta=25 , unless otherwise noted) ...
Description 500mW Zener Diode Series
General purpose, medium current
   500mW Zener Diode Series

File Size 221.97K  /  8 Page

View it Online

Download Datasheet

    ALP234FCX

Sanyo Electric Co.,Ltd.
Sanyo Semicon Device
Part No. ALP234FCX
OCR Text ...ght weight and narrow frame. (t=0.7mm glass) * Up / down and right / left inverse function. * Built-in shifter circuit. * Conform to NTSC, P...5inch) 0.057 x 0.165 RGB Delta TYP 62.4 x 48.6 x 6.0 TBD Unit dot mm cm mm mm g Remarks Note1 ...
Description Low-Temperature Polysilicon 2.5-inch TFT LCD Module

File Size 644.60K  /  8 Page

View it Online

Download Datasheet

    ALP236FCX

Sanyo Electric Co.,Ltd.
Sanyo Semicon Device
Part No. ALP236FCX
OCR Text ...ght weight and narrow frame. (t=0.7mm glass) * Up / down and right / left inverse function. * Built-in shifter circuit.. * Conform to NTSC, ...5inch) 0.057 x 0.165 RGB Delta TYP 62.4 x 48.6 x 6.0 TBD Unit dot mm cm mm mm g Remarks Note1 ...
Description Low-Temperature Polysilicon 2.5-inch TFT LCD Module

File Size 644.59K  /  8 Page

View it Online

Download Datasheet

    AN8428GAK

PANASONIC CORP
Panasonic Semiconductor
Part No. AN8428GAK
OCR Text ...1S12,2S12 VCCV12 VCCA12 VCC5 0.047 F BSTCP1 BSTCP2 VCC3.3 10 F 0.1 F,18V BSTFLT 57 78 10 F 2SB1073 Vcc5 100 XN4502 XN 4502 GNDSUBA 54 59 58 7,18,44,45 10 BOOSTER POWER ON RESET + 9 POR5VADJ ...
Description For 3.5inch HDD Motor Comb IC
Driver for 3.5inch HDD motor

File Size 160.58K  /  4 Page

View it Online

Download Datasheet

    ALP234FXX

Sanyo Semicon Device
Part No. ALP234FXX
OCR Text ...ght weight and narrow frame. (t=0.7mm glass) * Up/down and right/left inverse function. * Built-in level shifter circuit. * Conform to NTSC,...5inch) 0.057 x 0.165 RGB Delta TYP 56.7 x 40.6 x 2.1 10 Unit dot mm cm mm mm g Remarks Note1 V...
Description Low-Temperature Polysilicon 2.5-inch TFT LCD Module

File Size 630.36K  /  8 Page

View it Online

Download Datasheet

    ALP121AXX

Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
Part No. ALP121AXX
OCR Text ...ght weight and narrow frame. (t=0.7mm glass) * Up / down and right / left inverse function. * Built-in level shifter circuit. * Conform to N...5inch) 0.058 x 0.104 RGB Delta TYP 37.0 x 32.4 x 2.1 Approx. 4 Unit dot mm cm mm mm g Remarks Not...
Description Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
Low-Temperature Polysilicon 1.5-inch TFT LCD Module

File Size 641.67K  /  8 Page

View it Online

Download Datasheet

    ALP127ALX

Sanyo Semicon Device
Part No. ALP127ALX
OCR Text ...8 30.247 x 22.672 3.8 (1.5inch) 0.058 x 0.104 RGB Delta TYP. 37 x 33.62 x 2.95 TYP.19.15 Approx. 9.5 Unit dot mm cm mm mm mm g Remarks Note1 FPC length Weight *Note1 : Excluding flexible cable and protrusions. No products des...
Description low power consumption 1.5 inch low temperature poly-silicon TFT-LCD module is suitable for view finder of digital still camera.

File Size 218.64K  /  6 Page

View it Online

Download Datasheet

For 0.5inch Found Datasheets File :: 94    Search Time::4.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.5inch

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2944068908691