Part Number Hot Search : 
X1705 U634H256 G12864 C0402 TB0137A FSA881 P103H SAB8031A
Product Description
Full Text Search
  cpu Datasheet PDF File

For cpu Found Datasheets File :: 26178    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SC16C2550BIBS SC16C2550BIN40112

NXP Semiconductors N.V.
Part No. SC16C2550BIBS SC16C2550BIN40112
OCR Text ...dth requirement of the external cpu 16-byte receive FIFO with error flags to reduce the bandwidth requirement of the external cpu Independent transmit and receive UART control Four selectable Receive FIFO interrupt trigger levels Software s...
Description 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs

File Size 201.48K  /  43 Page

View it Online

Download Datasheet





    LPC11A02UK LPC11A04UK LPC11A14FHN33 LPC11A12FBD48 LPC11A14FBD48 LPC11A13FHI33

NXP Semiconductors
Part No. LPC11A02UK LPC11A04UK LPC11A14FHN33 LPC11A12FBD48 LPC11A14FBD48 LPC11A13FHI33
OCR Text ...ctures. the lpc11axx operate at cpu frequencies of up to 50 mhz. analog/mixed-signal subsystems can be configured by software from interconnected digital and analog peripherals. the digital peripherals on the lpc11axx include up to 32 kb...
Description 16kB flash, 4kB SRAM, WLCSP package
32kB flash, 8kB SRAM, WLCSP package
32kB flash, 8kB SRAM, HVQFN32 package
16kB flash, 4kB SRAM, LQFP48 package
32kB flash, 8kB SRAM, LQFP48 package
24kB flash, 6kB SRAM, HVQFN32 package

File Size 1,819.68K  /  84 Page

View it Online

Download Datasheet

   
Part No. TC94A58FAG
OCR Text ...n, and 8-bit timer/counter. the cpu can select one of four operating clocks (16.9344-mhz, 75-khz or 32.768-khz crystal oscillator and external clock input), facilitating interface with the cd processor. the cd processor incorporates syn...
Description 4-BIT, MROM, 16.93 MHz, MICROCONTROLLER, PQFP64

File Size 494.79K  /  21 Page

View it Online

Download Datasheet

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...able. The idle mode freezes the cpu while allowing the RAM, timers, serial port, and interrupt system to continue functioning. The power-down mode saves the RAM contents but freezes the oscillator, causing all other chip functions to be ino...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet

    PIC24HJ32GP204

Microchip Technology
Part No. PIC24HJ32GP204
OCR Text ... to 40 mips core: 16-bit pic24h cpu ? code-efficient (c and assembly) architecture ? single-cycle mixed-sign mul plus hardware divide clock management ? 2% internal oscillator ? programmable plls and oscillator clock sources ? fail-safe clo...
Description 16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog

File Size 1,948.81K  /  290 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ... By combining a versatile 8-bit cpu with Flash on a monolithic chip, the Atmel AT89C55 is a powerful microcomputer which provides a highly flexible and cost effective solution to many embedded control applications. (continued) 8-Bit Micr...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    AM79C90 AM79C90JC AM79C90JCTR AM79C90PC AM79C90PCTR

AMD[Advanced Micro Devices]
Part No. AM79C90 AM79C90JC AM79C90JCTR AM79C90PC AM79C90PCTR
OCR Text ...BM1/BUSAKO READY RESET Local cpu Interface C-LANCE/ cpu Control Bus Interface Station Address Detection Retry Logic Serial I/O Interface RX RCLK TX TCLK CLSN TENA RENA 17881C-1 Publication# 17881 Rev: C Amendment/0 I...
Description CMOS Local Area Network Controller for Ethernet (C-LANCE)

File Size 427.24K  /  62 Page

View it Online

Download Datasheet

    Intel
Part No. A82596DX KU82596DX KU82596SX
OCR Text ...ac) functionse independently of cpu e ieee 802.3 (eoc) frame delimiting y supports industry standard lans e ieee type 10base-t (tpe), ieee type 10base5 (ethernet * ), ieee type 10base2 (cheapernet), ieee type 1base5 (starlan), and the propo...
Description High-performance 32-bit local area network coprocessor

File Size 764.91K  /  77 Page

View it Online

Download Datasheet

    ICS
Part No. ICS932S801
OCR Text ...ll, srcclk 33,37,41 32,36,40 k8 cpu clocks, cpu pll 48 44 ref clocks, xtal osc illator pin number description cpu htt pci mhz mhz mhz 0 0 0 hi-z hi-z hi-z 001 x x/3 x/6 0 1 0 180.00 60.00 30.00 0 1 1 220.00 73.12 36.56 1 0 0 100.00 66.66 33...
Description K8 Clock Chip

File Size 225.90K  /  20 Page

View it Online

Download Datasheet

    BCM1100

Broadcom Corporation.
ETC
Part No. BCM1100
OCR Text ... and minimizes latency * MIPS32 cpu not burdened by data packet processing, leaving more cycles for application program * Enables wire-speed non-blocking operation * Blocks unnecessary traffic by learning local MAC addresses * Segments netw...
Description VOICE OVER IP ETHERNET CPE ENGINE

File Size 38.67K  /  2 Page

View it Online

Download Datasheet

For cpu Found Datasheets File :: 26178    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of cpu

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3210921287537