Part Number Hot Search : 
EDZ22 2SB1166 B53TP25C 2R600 780308 61100 N2112 25AA1
Product Description
Full Text Search
  118 Datasheet PDF File

For 118 Found Datasheets File :: 26493    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    POWERINT[Power Integrations, Inc.]
Part No. DI-118
OCR Text 118 TinySwitch-III Application Charger Device TNY276P (R) 4.5 W CV/CC Charger with <260 mW No-Load Consumption Power Output 4.5 W Input Voltage 90-265 VAC Output Voltage 5.7 V, 800 mA Topology Flyback Design Highlights * * * ...
Description 4.5 W CV/CC Charger with <260 mW No-Load Consumption

File Size 372.38K  /  2 Page

View it Online

Download Datasheet





    W83195BG-118 W83195BR-118

Winbond
Part No. W83195BG-118 W83195BR-118
OCR Text 118/W83195BG-118 For Intel 915/945 Chipsets Date: May/02/2006 Revision: 0.81 W83195BR-118/W83195BG-118 STEPLESS FOR INTEL 915/945 CHIPSETS W83195BR-118 Datasheet Revision History PAGES DATES VERSION WEB VERSION MAIN CONTENTS ...
Description Clock Generator

File Size 357.57K  /  28 Page

View it Online

Download Datasheet

    http://
Part No. W83195BG-118 W83195BR-118
OCR Text 118/w83195bg-118 for intel 915/945 chipsets date: may/02/2006 revision: 0.81 w83195br-118/w83195bg-118 stepless for intel 915/945 chipsets publication release date: may 200...
Description Clock Generator

File Size 363.13K  /  28 Page

View it Online

Download Datasheet

    DQS-118-174

SYNERGY MICROWAVE CORPORATION
Part No. DQS-118-174
OCR Text 118-174 OPTIMIZED BANDWIDTH SPECIFICATIONS Operating Frequency: Insertion Loss: Isolation: Amplitude Unbalance: 118 - 174 MHz 0.3 dB (Typ) / 0.6 dB (Max) 23 dB (Typ)/18 dB (Min) 0.4 dB (Typ) / 1.0 dB (Max) Phase Unbalance: VSWR: Input Po...
Description QUADRATURE HYBRID MODEL

File Size 66.45K  /  2 Page

View it Online

Download Datasheet

    118-8571 118-8573 118-8575 118-8570 KPR104

Energizer
Part No. 118-8571 118-8573 118-8575 118-8570 KPR104
OCR Text 118-8570 2 x c torch 118-8571 replacement bulbs for 2 x aa torch (pk 2) 118-8575 for 2 x c torch (pk 2) 118-8573 essential torches 433427.433238 two tone plastic body modern new styling krypton bulb, 70% brighter than standard bulbs a...
Description Essential Torches
Essential?/a> Torches

File Size 23.33K  /  1 Page

View it Online

Download Datasheet

    ADS-118 ADS-118A ADS-118AMC ADS-118AMM ADS-118MC ADS-118MM

Murata Power Solutions Inc.
Part No. ADS-118 ADS-118A ADS-118AMC ADS-118AMM ADS-118MC ADS-118MM
OCR Text 118, ADS-118A 12-Bit, 5MHz, Low-Power Sampling A/D Converters INNOVATION and EXCELLENCE FEATURES * * * * * * * * * * 12-bit resolution 5MHz minimum sampling rate Functionally complete Small 24-pin DDIP Requires only 5V supplies Low-...
Description 12-Bit, 5MHz, Low-Power Sampling A/D Converters

File Size 178.60K  /  8 Page

View it Online

Download Datasheet

    QBH-118

http://
Spectrum Microwave, Inc.
Part No. QBH-118
OCR Text 118 Features ! ! ! ! High Gain: 16.3 dB Typical High Power: +11dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available Available as: QBH-118, 4 Pin TO-8 (T4) QBH-9-118, Connectorized Housing (ES E52-1501) Maxim...
Description RF AMPLIFIER

File Size 51.09K  /  1 Page

View it Online

Download Datasheet

    VISAY[Vishay Siliconix]
Part No. F1750-026-118 F1750 F1750-003-013 F1750-003-015 F1750-007-112 F1750-007-118 F1750-012-112 F1750-012-113 F1750-017-110 F1750-017-111 F1750-026-112
OCR Text ...1 50- 1000 F 1750-007-112/118 3/0 15 CLIMATIC TESTING CLASS ACC. TO EN 60068-1: 25/110/21 7 5 F1 75 03 0-0 -11 3 2 50 F 17 -012 /113 -112 Impedance (Z) as a function of frequency (f) at Ta = 20C (average). 100 10...
Description Suppression Inductors, VHF Inductors

File Size 57.52K  /  1 Page

View it Online

Download Datasheet

    DI-118

Power Integrations, Inc.
Part No. DI-118
OCR Text 118 TinySwitch-III Application Charger Device TNY276P (R) 4.5 W CV/CC Charger with <260 mW No-Load Consumption Power Output 4.5 W Input Voltage 90-265 VAC Output Voltage 5.7 V, 800 mA Topology Flyback Design Highlights * * * ...
Description 4.5 W CV/CC Charger with mW No-Load Consumption

File Size 394.25K  /  2 Page

View it Online

Download Datasheet

    19-118-BHC-ZL1M2QY-3T 19-118/BHC-ZL1M2QY/3T

Everlight Electronics Co., Ltd.
Part No. 19-118-BHC-ZL1M2QY-3T 19-118/BHC-ZL1M2QY/3T
OCR Text 118/BHC-ZL1M2QY/3T Features Package in 8mm tape on 7diameter reel. Compatible with automatic placement equipment. Compatible with infrared and vapor phase reflow solder process. ESD protection. Mono-color type. Pb-free. The product itself...
Description 0603 Package Chip LED (0.3mm Height)
SINGLE COLOR LED, BLUE, 1 mm ROHS COMPLIANT, SMD, 2 PIN

File Size 135.29K  /  11 Page

View it Online

Download Datasheet

For 118 Found Datasheets File :: 26493    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3444378376007