Part Number Hot Search : 
1N6289 CGP30 SG431AS 1LT1G 0ZB6T 1LT1G BZV55 BUZ255
Product Description
Full Text Search
  phemt Datasheet PDF File

For phemt Found Datasheets File :: 2724    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AS179-92

Alpha Industries Inc
Skyworks Solutions Inc.
Part No. AS179-92
OCR Text phemt GaAs IC SPDT Switch DC-3 GHz AS179-92 Features s P1 dB +30 dBm Typical @ +3 V s IP3 43 dBm Typical @ +3 V s Low Insertion Loss (0.3 dB @ 0.9 GHz) s Low DC Power Consumption s Ultra Miniature SC-70 6 Lead Package s phemt Process S...
Description phemt GaAs IC SPDT Switch DC GHz
phemt GaAs IC SPDT Switch DC-3 GHz

File Size 22.94K  /  2 Page

View it Online

Download Datasheet





    AS160-86

Alpha Industries, Inc.
ALPHA[Alpha Industries]
Alpha Industries Inc
Part No. AS160-86
OCR Text phemt GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz AS160-86 Features s Five RF Ports s Transmit to Either of Two Antennas s Receive From Either of Two Antennas s Differential Biasing for High Linearity MSOP-10...
Description phemt GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz
phemt GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5? GHz

File Size 49.99K  /  3 Page

View it Online

Download Datasheet

    AS173-73

Alpha Industries, Inc.
Alpha Industries Inc
Part No. AS173-73
OCR Text phemt GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz AS173-73 Features I High Linearity (50 dBm IP3 @ 0.9 GHz) @3V I Low Insertion Loss (0.35 dB @ 0.9 GHz) I Isolation (21 dB @ 0.9 GHz) I +3 V Operation I Ultra Miniature SOT...
Description phemt GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
phemt GaAs IC High Linearity Positive Control SPDT Switch DC? GHz

File Size 38.96K  /  2 Page

View it Online

Download Datasheet

    HMC718LP4 HMC718LP4E

Hittite Microwave Corporation
Part No. HMC718LP4 HMC718LP4E
OCR Text ... 7 - 1 hmc718lp4 / 718lp4e gaas phemt mmic high ip3 low noise amplifier, 0.6 - 1.4 ghz v01.1008 general description features functional diagram typical applications electrical specifcations, t a = +25c, rbias = 3.92k ohms* p arameter v...
Description GaAs phemt MMIC HIGH IP3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz

File Size 382.82K  /  10 Page

View it Online

Download Datasheet

    ATF-34143 ATF-34143-BLK ATF-34143-TR1 ATF-34143-TR2 DEMO-ATF3X14-33

ETC
HP[Agilent(Hewlett-Packard)]
Part No. ATF-34143 ATF-34143-BLK ATF-34143-TR1 ATF-34143-TR2 DEMO-ATF3X14-33
OCR Text ...a high dynamic range, low noise phemt housed in a 4-lead SC-70 (SOT-343) surface mount plastic package. Based on its featured performance, ATF-34143 is ideal for the first stage of base station LNA due to the excellent combination of low no...
Description 评估板,亚欧信托基金X14300兆赫930-1990兆赫频率
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package

File Size 111.58K  /  15 Page

View it Online

Download Datasheet

    ATF-36077 ATF-36077-STR ATF-36077-TRL ATF36077 ATF-36077-TR1

HP[Agilent(Hewlett-Packard)]
Agilent (Hewlett-Packard)
Part No. ATF-36077 ATF-36077-STR ATF-36077-TRL ATF36077 ATF-36077-TR1
OCR Text phemt Technology * Ultra-Low Noise Figure: 0.5 dB Typical at 12 GHz 0.3 dB Typical at 4 GHz * High Associated Gain: 12 dB Typical at 12 GHz 17 dB Typical at 4 GHz * Low Parasitic Ceramic Microstrip Package * Tape-and-Reel Packing Option Ava...
Description 1.5-18GHz surface mount pseudomorphic HEMT
2-18 GHz Ultra Low Noise Pseudomorphic HEMT

File Size 41.62K  /  4 Page

View it Online

Download Datasheet

    SPF-5043Z-EVB1 SPF-5043Z

RF Micro Devices
Part No. SPF-5043Z-EVB1 SPF-5043Z
OCR Text phemt Low Noise MMIC Amplifier Preliminary SPF-5043Z 50MHz to 4000MHz, GaAs phemt LOW NOISE MMIC AMPLIFIER RoHS Compliant and Pb-Free Product Product Description The SPF-5043Z is a high performance phemt MMIC LNA designed for op...
Description 50MHz to 4000MHz, GaAs phemt LOW NOISE MMIC AMPLIFIER

File Size 589.19K  /  12 Page

View it Online

Download Datasheet

    MASWSS0020 MASWSS0020SMB MASWSS0020TR

MA-Com
MACOM[Tyco Electronics]
Part No. MASWSS0020 MASWSS0020SMB MASWSS0020TR
OCR Text ...d 4x4mm Package 0.5 micron GaAs phemt Process Functional Schematic GND PIN 16 PIN 1 V1 RF1 39 pF GND ANT 39 pF V4 RF4 39 pF Description M/A-COM's MASWSS0020 is a GaAs phemt MMIC single pole four throw (SP4T) high po...
Description DC-3 GHz, GaAs SP4T 2.5V high power switch
GaAs SP4T 2.5V High Power Switch DC - 3 GHz
ER 9C 6#16 3#12 SKT RECP
ER 9C 6#16 3#12 PIN RECP 砷化镓SP4T 2.5V的大功率开关直 3千兆

File Size 258.42K  /  5 Page

View it Online

Download Datasheet

    HMC716LP3 HMC716LP3E

Hittite Microwave Corporation
Part No. HMC716LP3 HMC716LP3E
OCR Text ... 7 - 1 hmc716lp3 / 716lp3e gaas phemt mmic low noise amplifier, 3.1 - 3.9 ghz v02.1009 general description features functional diagram the h m c716 lp 3( e ) is a gaas ph em t mmi c l ow noise amplifer that is ideal for f...
Description GaAs phemt MMIC LOW NOISE AMPLIFIER, 3.1 - 3.9 GHz

File Size 413.46K  /  10 Page

View it Online

Download Datasheet

    MASWSS0006TR-3000 MASWSS0006 MASWSS0006SMB MASWSS0006TR

M/A-COM Technology Solutions, Inc.
Part No. MASWSS0006TR-3000 MASWSS0006 MASWSS0006SMB MASWSS0006TR
OCR Text ...OT-26 Package * 0.5 micron GaAs phemt Process Rev. V4 Functional Schematic PIN 1 PIN 6 RF1 V1 RFC 39 pF 100pF V2 100pF 39 pF GND RF2 Description M/A-COM's MASWSS0006 is a GaAs phemt MMIC single pole double throw (SPDT) hig...
Description GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz

File Size 73.80K  /  3 Page

View it Online

Download Datasheet

For phemt Found Datasheets File :: 2724    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of phemt

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.7417151927948