Part Number Hot Search : 
02100 SM8144 246R8 00145 FDH333 T321055 W1T1G FR306G
Product Description
Full Text Search
  16.5kv Datasheet PDF File

For 16.5kv Found Datasheets File :: 1065    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ISL3158AEMBZ ISL3158AEMW ISL3158AE

Intersil Corporation
Part No. ISL3158AEMBZ ISL3158AEMW ISL3158AE
OCR Text 16.5kv ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver The ISL3158AE is a BiCMOS, IEC61000 ESD protected, 5V powered, single transceiver that meets both the RS-485 and RS-422 s...
Description ±16.5kv ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
隆戮16.5kv ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver

File Size 600.94K  /  16 Page

View it Online

Download Datasheet





    ISL32483E ISL32483EIBZ ISL32485E ISL32485EIBZ

Intersil Corporation
Part No. ISL32483E ISL32483EIBZ ISL32485E ISL32485EIBZ
OCR Text 16.5kv esd isl32483e, isl32485e the isl3248xe are fault protected, 5v powered differential transceivers that exceed the rs-485 and rs-422 standards for balanced communication. the rs-485 transceiver pins (driver outputs and receiver inp...
Description Fault Protected, Extended CMR, RS-485/RS-422 Transceivers

File Size 801.01K  /  17 Page

View it Online

Download Datasheet

    Murata Electronics
Part No. DAT40 DAT80
OCR Text ...e 30 30 25 30 30 30 25 15 30 30 16 10 9 7 16 14 9 7 7 14 14 12 6 12 6 6 2 2 2 2 2 2 36 31.5 27 22.5 22.5 16 DC 25 25 21 25 25 25 21 13 25 25...5kV to 42kV SPECIFICATIONS CHARACTERISTICS Temperature Coefficient 2 Capacitance change (%) AH 1 ...
Description (DAT Series) High Voltage / Power Capacitors

File Size 315.10K  /  5 Page

View it Online

Download Datasheet

    Silicon Laboratories, Inc.
Part No. SI8230-A-IS SI8231-A-IS SI8235-B-IS SI8233-B-IS
OCR Text ... . . . . . . . . . . . . . . . 16 6. applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 6.1. high-side/low-side driv er . . . . . . . . . . . . . ...
Description 0.5 A BUF OR INV BASED PRPHL DRVR, PDSO16 ROHS COMPLIANT, SOIC-16
4 A BUF OR INV BASED PRPHL DRVR, PDSO16 ROHS COMPLIANT, SOIC-16

File Size 280.91K  /  22 Page

View it Online

Download Datasheet

    SM102021006DE SM102021006FE SM102021006GE SM102021006JE SM102021006KE SM102021006ME SM102021006PE SM102031006DE SM102031

Ohmite Mfg. Co.
Part No. SM102021006DE SM102021006FE SM102021006GE SM102021006JE SM102021006KE SM102021006ME SM102021006PE SM102031006DE SM102031006FE SM102031006GE SM102031006JE SM102031006KE SM102031006ME SM102031006PE SM102061006DE SM102061006FE SM102061006GE SM102061006JE SM102061006KE SM102061006ME SM102061006PE
OCR Text ... / 2.54 0.20" / 5.08 0.40" / 10.16 0.60" / 15.24 0.90" / 22.86 1.40" / 35.56 1.90" / 48.26 0.40" / 10.16 0.90" / 22.86 1.40" / 35.56 1.90" /...5KV to 25KV Tolerance: 0.5% to 20% Operating Temperature: -55C to +180C High temperature thick Fi...
Description Precision Thick Film Planar

File Size 104.11K  /  3 Page

View it Online

Download Datasheet

    ISL3156EIBZ ISL3156EIUZ ISL3152EIUZ ISL3152EIBZ ISL3152EIPZ ISL3155E ISL3155EIBZ ISL3155EIUZ ISL3150EIUZ ISL3150EIBZ ISL

Intersil Corporation
Part No. ISL3156EIBZ ISL3156EIUZ ISL3152EIUZ ISL3152EIBZ ISL3152EIPZ ISL3155E ISL3155EIBZ ISL3155EIUZ ISL3150EIUZ ISL3150EIBZ ISL3150E08 ISL3153E ISL3153EIBZ ISL3153EIUZ
OCR Text 16.5kv esd (iec61000- 4-2) protected, large output swing, 5v , full fail-safe, 1/8 unit load, rs-485/rs-422 transceivers the isl315xe are bicmos, ie c61000 esd protected, 5v powered, single transceivers t hat meet both the rs-485 and rs...
Description ±16.5kv ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers

File Size 886.79K  /  20 Page

View it Online

Download Datasheet

    ISL3280E-84E ISL3150E-59E ISL3170E-79E ISL32173E-77E ISL83080E-88E ISL32490E-98E ISL32273E-77E ISL83070E-78E ISL32470E-7

Intersil Corporation
Part No. ISL3280E-84E ISL3150E-59E ISL3170E-79E ISL32173E-77E ISL83080E-88E ISL32490E-98E ISL32273E-77E ISL83070E-78E ISL32470E-78E
OCR Text ...fault protected transceivers 5 16.5kv hbm isl3280e-84e receiver only 3.3, 5 16.5kv iec isl32173e-77e isl32273e-77e quad receivers 3.3, 5 16.5kv iec
Description Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver

File Size 475.24K  /  3 Page

View it Online

Download Datasheet

    LG
Part No. 21FS2RLX-ZC
OCR Text ...................................16 block diagram ..............................................................................................5kv: 14-19 inch, 26 ? 1.5kv: 19-21 inch, 29.0 ? 1.5kv: 25-29 inch, 30.0 ? 1.5kv: 32 inch if the m...
Description Color TV Service Manual

File Size 3,606.57K  /  30 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Part No. MAX3386E
OCR Text ...tegrated products 1 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 shdn v cc gnd t1out c2+ c1- v+ c1+ top view t2out t3out r1in r2in t2in t1in v- c2- 12 11 9 10 v l r1out r2out t3in tssop max3386e max3386e r2out 10 r1out v l 11 r2in 13 gnd 18 rs-2...
Description 3.0V, ±15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones

File Size 210.72K  /  11 Page

View it Online

Download Datasheet

    ISL32374EFBZ ISL32374EFVZ ISL32374EIBZ ISL32374EIVZ ISL32172EFBZ ISL32272EFBZ ISL32372EFBZ ISL32174EFBZ ISL32274EFBZ ISL

Intersil Corporation
Part No. ISL32374EFBZ ISL32374EFVZ ISL32374EIBZ ISL32374EIVZ ISL32172EFBZ ISL32272EFBZ ISL32372EFBZ ISL32174EFBZ ISL32274EFBZ ISL32174EFVZ ISL32274EFVZ ISL32179EFRZ ISL32172EFVZ ISL32174EIBZ ISL32174EIVZ ISL32179EIRZ ISL32172EIBZ ISL32172EIVZ ISL32272EFVZ ISL32272EIVZ ISL32274EIBZ ISL32272EIBZ ISL32274EIVZ ISL32372EIVZ ISL32372EFVZ
OCR Text 16, 2008 FN6824.0 QUAD, 16.5kv ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters The Intersil ISL32x7xE are 16.5kv IEC61000-4-2 ESD Protected, 3.0V to 5.5V powered, QUAD transmitters for balanced communication using the RS-422...
Description QUAD, 卤16.5kv ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
QUAD, ±16.5kv ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Quad, &#177;16.5kv ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 16-SOIC

File Size 1,038.48K  /  20 Page

View it Online

Download Datasheet

For 16.5kv Found Datasheets File :: 1065    Search Time::1.641ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 16.5kv

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0426270961761