Part Number Hot Search : 
FQP8N80C BAR64 3KBP10M EMK13H AS170 SMK0850F 80321 FP200
Product Description
Full Text Search
  wireless Datasheet PDF File

For wireless Found Datasheets File :: 19265    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8603
OCR Text ...nd applications. dual - band wireless adapter the pex8603 switch, with its small package and low power can be used in consumer applications such as a dual - band wireless adapter. figure 2. dual - band wireless adapter ...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 248.58K  /  3 Page

View it Online

Download Datasheet





    ETC[ETC]
Part No. PT8R1202
OCR Text ... high data rate, short-distance wireless communication in the free 2.4GHz ISM band and digital audio decoder such as MP3 or AC3. Together with PT8R100X 2.4GHz radio transceiver IC and an external flash memory, it provides a fully compliant ...
Description Bluetooth Digital Audio Streaming IC

File Size 654.36K  /  26 Page

View it Online

Download Datasheet

    RC5506 RC5501 RC5502 RC5503 RC5504 RC5505

List of Unclassifed Manufacturers
ETC[ETC]
Part No. RC5506 RC5501 RC5502 RC5503 RC5504 RC5505
OCR Text ...rom smTAG is an intelligent ISM wireless UHF controller. It is ideal for high-volume two-way wireless applications, for remote control systems, for home security and alarm systems, for industrial applications such as telemetry, sensor data ...
Description UHF Controller

File Size 68.84K  /  2 Page

View it Online

Download Datasheet

    MACOM[Tyco Electronics]
Part No. PH1617-60
OCR Text wireless Power Transistor, 60 Watts, 1615 - 1685 MHz PH1617-60 PH1617-60 wireless Power Transistor 60 Watts, 1615 - 1685 MHz Features * * * * * * NPN Silicon Microwave Power Transistor Common Emitter Configuration Diffused Emitte...
Description wireless Power Transistor 60 Watts/ 1615 - 1685 MHz
wireless Power Transistor 60 Watts, 1615 - 1685 MHz

File Size 95.63K  /  2 Page

View it Online

Download Datasheet

    MIMIX[Mimix Broadband]
Part No. PB-CMM3566-LC CMM3566-LC CMM3566-LC-000T
OCR Text ...ier (LCC) Package Applications wireless Local Loop Subscriber Units wireless Local Loop Base Stations 3.45 to 3.5 GHz 7.0V, +24 dBm W-CDMA Power Amplifier Functional Block Diagram Ground Tab Vg3 1 Vg2 2 Vg1 3 RF IN 4 8 RF OUT/+Vd3 7 ...
Description 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier

File Size 264.33K  /  5 Page

View it Online

Download Datasheet

    PAWOD24

List of Unclassifed Manufacturers
ETC[ETC]
Part No. PAWOD24
OCR Text wireless 693 E. Draper Heights Way Suite 210 Draper, UT 84020 TEL (801) 572-3024 FAX (801) 572-3025 www.pacwireless.com PAWOD24 ...DATA SHEET... Vertically Polarized Omni Directional Antennas 2400 to 2485 MHz Operation Features * ...
Description Vertically Polarized Omni Directional Antennas

File Size 325.45K  /  2 Page

View it Online

Download Datasheet

    RFMD[RF Micro Devices]
Part No. RF3000PCBA RF3000 RF-3000 RF-3000PCBA
OCR Text wireless LAN Systems * ISM Band Systems * Direct Sequence Systems Product Description The RF3000 is a monolithic CMOS baseband processor. It is suitable for use in 11Mbps IEEE802.11b wireless LAN systems, and contains all functions require...
Description SPREAD-SPECTRUM BASEBAND MODEM

File Size 348.45K  /  28 Page

View it Online

Download Datasheet

    RFMD[RF Micro Devices]
Part No. RF3800_07 RF3800 RF3800PCBA-416 RF380007
OCR Text ...lifiers PA Stage for Commercial wireless Infrastructure Functional Block Diagram Product Description The RF3800 is specifically designed for wireless infrastructure applications at 450MHz and 850MHz. Using a highly reliable GaAs HBT ...
Description    GaAs HBT PRE-DRIVER AMPLIFIER

File Size 1,152.84K  /  12 Page

View it Online

Download Datasheet

For wireless Found Datasheets File :: 19265    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of wireless

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6879150867462