Part Number Hot Search : 
SDM150 MC14081B 74HCT14D ADA102 250BZX SD526 L7113GT DFLZ18
Product Description
Full Text Search
  unidirectional Datasheet PDF File

For unidirectional Found Datasheets File :: 3763    Search Time::1.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PESD5V0S1UB PESD12VS1UB PESD24VS1UB PESD3V3S1UB PESD15VS1UB

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PESD5V0S1UB PESD12VS1UB PESD24VS1UB PESD3V3S1UB PESD15VS1UB
OCR Text ...ofile 1.1 General description unidirectional ESD protection diode in a SOD523 plastic package designed to protect one transmission or data line from the damage caused by ESD (Electro Static Discharge) and other transients. 1.2 Features...
Description PESDxS1UB series; ESD protection diodes in SOD523 package
ESD protection diodes in SOD 523 package

File Size 101.02K  /  15 Page

View it Online

Download Datasheet





    NANYA TECHNOLOGY CORP
Part No. NT5DS64M8AF-6K
OCR Text ...implementation. note: dm is a unidirectional signal (inpu t only), but is internally loaded to match the load of the bidi- rectional dq and dqs signals. column decoder 2048 (x8) row-address mux registers 13 16384 bank0 row-address latch ...
Description 64M X 8 DDR DRAM, 0.7 ns, PBGA60

File Size 2,293.16K  /  76 Page

View it Online

Download Datasheet

    PROTEC[Protek Devices]
Part No. PLW2.8
OCR Text ... ESD Protection > 25 kilovolts unidirectional Configuration Protects One unidirectional Line Low Leakage Current < 1.0A Low Capacitance: 6pF Typical RoHS Compliant MECHANICAL CHARACTERISTICS Molded EIAJ SC-79 Package Weight 2 milligr...
Description LOW CAPACITANCE TVS COMPONENT

File Size 51.14K  /  3 Page

View it Online

Download Datasheet

    P6KE200CA P6KE47CA P6KE30CA P6KE56CA P6KE33CA P6KE22CA P6KE120CA P6KE12CA P6KE100CA P6KE10CA P6KE150CA P6KE15CA P6KE6.8C

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
Part No. P6KE200CA P6KE47CA P6KE30CA P6KE56CA P6KE33CA P6KE22CA P6KE120CA P6KE12CA P6KE100CA P6KE10CA P6KE150CA P6KE15CA P6KE6.8CA P6KE180CA P6KE24CA P6KE27CA P6KE36CA P6KE6V8CA P6KE6V8A 3068 P6KE100A P6KE18CA P6KE10A P6KE120A P6KE12A P6KE150A P6KE15A P6KE180A P6KE18A P6KE200A P6KE22A P6KE24A P6KE27A P6KE30A P6KE33A P6KE36A P6KE39A P6KE39CA P6KE47A P6KE56A P6KE68A P6KE68CA P6KE6V8 P6KE7.5CA P6KE7V5A P6KE82A P6KE82CA P6KE6V8A.P6KE440A.P6KE6V8CA.P6KE440CA
OCR Text ... surge peak forward current For unidirectional types. Storage temperature range Maximum junction temperature Maximum lead temperature for soldering during 10s at 5mm from case Tj initial =Tamb Tamb = 75C Tj initial =Tamb tp =10 ms Value 600...
Description UNI AND BIDIRECTIONAL TYPES/ PEAK PULSEPOWER : 600W
From old datasheet system
TRANSIL TM
UNI AND BIDIRECTIONAL TYPES PEAK PULSEPOWER : 600W
UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
Octal Buffers/Drivers with 3-State Outputs 20-SSOP/QSOP -40 to 85
Single Output LDO, 200mA, Fixed(2.85V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85
3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85
Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85
Single Output LDO, 1.0A, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125
Single Output LDO, 1.0A, Fixed(5.0V), Low Noise, High PSRR 6-SOT-223 -40 to 125
2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70

File Size 77.35K  /  6 Page

View it Online

Download Datasheet

    PESD5V0X2UAM

NXP Semiconductors
Part No. PESD5V0X2UAM
OCR Text unidirectional double esd protection diode 10 april 2014 product data sheet scan or click this qr code to view the latest information for this product 1. general description ultra low capacitance unidirectional double electrostatic discharg...
Description Ultra low capacitance unidirectional double ESD protection diode

File Size 202.47K  /  13 Page

View it Online

Download Datasheet

    PROTEC[Protek Devices]
Part No. PSD36C PSD03 PSD03C PSD05 PSD05C PSD08 PSD08C PSD12 PSD12C PSD15 PSD15C PSD18 PSD18C PSD24 PSD24C PSD36
OCR Text ...& Level 3(Line-Line) FEA TURES unidirectional: 500 Watts Peak Pulse Power per Line (tp = 8/20s) BidirectionalL 400 Watts Peak Pulse Power per Line (tp = 8/20s) unidirectional & Bidirectional Configurations Replacement for MLV (0805) Pr...
Description DEVICE CHARACTERISTICS

File Size 79.28K  /  4 Page

View it Online

Download Datasheet

    PESD5V0X2UAMB

NXP Semiconductors
Part No. PESD5V0X2UAMB
OCR Text unidirectional double esd protection diode 10 april 2014 product data sheet scan or click this qr code to view the latest information for this product 1. general description ultra low capacitance unidirectional double electrostatic discharg...
Description Ultra low capacitance unidirectional double ESD protection diode

File Size 201.97K  /  13 Page

View it Online

Download Datasheet

    15KP1X 15KP2X 15KP3XA

Protek Devices
Part No. 15KP1X 15KP2X 15KP3XA
OCR Text ...power per line (tp=10/1000s) ? unidirectional & bidirectional configurations ? easy mounting to printed circuit board ? available in multiple voltage types ranging from: 17v to 220v ? rohs compliant mechanical characteristics ? molded ...
Description (15KP17A - 15KP280A) POWER TVS COMPONENT

File Size 60.37K  /  5 Page

View it Online

Download Datasheet

    PCF26100 PCF26100ET

PHILIPS[Philips Semiconductors]
Part No. PCF26100 PCF26100ET
OCR Text ...ces and also to the BlueRF JTAG unidirectional RxMode 2. The adapter is provided as a low risk solution to a working Bluetooth system based on existing components. The adapter ASIC implementation incorporates, as much as possible, features ...
Description Bluetooth Adapter IC

File Size 116.12K  /  28 Page

View it Online

Download Datasheet

For unidirectional Found Datasheets File :: 3763    Search Time::1.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of unidirectional

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.53098297119141