Part Number Hot Search : 
SP211HBC E4982A CP970 F1005 E4000 0TQCN B3765 FC510
Product Description
Full Text Search
  tantalum Datasheet PDF File

For tantalum Found Datasheets File :: 13732    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    T495D226K035ATE250 T495X107K020ZTE150

Kemet Corporation
Part No. T495D226K035ATE250 T495X107K020ZTE150
OCR Text ...ilities of our industrial grade tantalum chip capacitors to offer several advantages such as low esr, high ripple current capability, excellent capacitance stability, and improved resistance to high in-rush currents. these benefts are a...
Description tantalum Surface Mount Capacitors ?Low ESR T495 Series Surge Robust MnO2

File Size 2,471.50K  /  29 Page

View it Online

Download Datasheet





    ESRD121M02XR ESRD121M04R ESRD121M06XR ESRD101M02R ESRD680M06XR ESRD820M04XR ESRD820M0ER ESRD470M06R ESRD220M02R ESRD220M

Cornell Dubilier Electronics
List of Unclassifed Manufacturers
ETC
Part No. ESRD121M02XR ESRD121M04R ESRD121M06XR ESRD101M02R ESRD680M06XR ESRD820M04XR ESRD820M0ER ESRD470M06R ESRD220M02R ESRD220M04R ESRD220M06R ESRD220M08R ESRD220M0ER ESRD220M12R ESRD220M16R ESRD560M04R ESRD4R7M12R ESRD100M06R ESRD150M12R ESRD330M06R ESRD271M02XR ESRD2R2M16R ESRD100M12R ESRD101M04R ESRD101M06R ESRD101M08R ESRD101M0ER ESRD101M0EXR ESRD101M12R ESRD680M08R ESRD8R2M08R ESRD150M08R ESRD151M04XR ESRD151M0ER ESRD8R2M16R ESRD330M08R ESRD221M02R ESRD221M0EXR
OCR Text tantalum chips and 50 year life Solid Polymer Aluminum capacitors combine the high capacitance capability of an electrolytic component with the high frequency performance of film capacitors. When the need for low impedance at high frequenc...
Description Solid Polymer Aluminum SMT Capacitors

File Size 221.61K  /  3 Page

View it Online

Download Datasheet

    TH3D106K035A0500 TH3D106K035A10R0 TH3D106K035B0500 TH3D106K035B10R0 TH3D106K035B5000 TH3D106K035C10R0 TH3D106K035C5000 T

Vishay Siliconix
Part No. TH3D106K035A0500 TH3D106K035A10R0 TH3D106K035B0500 TH3D106K035B10R0 TH3D106K035B5000 TH3D106K035C10R0 TH3D106K035C5000 TH3D106K035D0500 TH3D106K035D10R0 TH3D106K035D5000 TH3D106K035E0500 TH3D106K035E10R0 TH3D106K035E5000 TH3D106K035F10R0 TH3D106K035F5000 TH3 TH3D106M035B0500 TH3D106M035E10R0 TH3D106K035A5000 TH3D106M035A5000 TH3D106M035D0500 TH3D106M035B10R0 TH3D106M035B5000 TH3D106M035E0500 TH3D106M035C0500 TH3D106M035A10R0 TH3D106M035C10R0 TH3D106M035A0500 TH3D106K035C0500 TH3D106K035F0500 TH3D106M035F0500
OCR Text tantalum Surface Mount Capacitors Tantamount(R) Molded Case, High Temperature FEATURES * Operating temperature up to 150 C with 50 % voltage derating * High reliability * RoHS compliant terminations available: Matte tin or gold * Standard...
Description Solid tantalum Surface Mount Capacitors Tantamount㈢ Molded Case, High Temperature
Solid tantalum Surface Mount Capacitors Tantamount? Molded Case, High Temperature
Solid tantalum Surface Mount Capacitors Tantamount庐 Molded Case, High Temperature
Solid tantalum Surface Mount Capacitors Tantamount垄莽 Molded Case, High Temperature

File Size 123.92K  /  7 Page

View it Online

Download Datasheet

    GM6605-5.0TA3R GM6605-5.0TA3RG GM6605-5.0TA3T GM6605-5.0TA3TG GM6605-5.0TB3T GM6605-5.0TB3TG GM6605-5.0TC3R GM6605-5.0TC

Gamma Microelectronics Inc.
Part No. GM6605-5.0TA3R GM6605-5.0TA3RG GM6605-5.0TA3T GM6605-5.0TA3TG GM6605-5.0TB3T GM6605-5.0TB3TG GM6605-5.0TC3R GM6605-5.0TC3RG GM6605-5.0TC3T GM6605-5.0TC3TG GM6605-3.3TA3R GM6605-3.3TA3RG GM6605-3.3TA3T GM6605-3.3TA3TG GM6605-3.3TB3T GM6605-3.3TB3TG GM6605-3.3TC3R GM6605-3.3TC3RG GM6605-3.3TC3T GM6605-3.3TC3TG GM6605-1.8TA3R GM6605-1.8TA3RG GM6605-1.8TA3T GM6605-1.8TA3TG GM6605-1.8TB3T GM6605-1.8TB3TG GM6605-1.8TC3R GM6605-1.8TC3RG GM6605-1.8TC3T GM6605-1.8TC3TG GM6605-2.5TA3R GM6605-2.5TA3RG GM6605-2.5TA3T GM6605-2.5TA3TG GM6605-2.5TB3T GM6605-2.5TB3TG GM6605-2.5TC3R GM6605-2.5TC3RG GM6605-2.5TC3T GM6605-2.5TC3TG GM6605-ATC3R GM6605-ATC3RG GM6605-ATC3T GM6605-ATC3TG GM6605-ATA3R GM6605-ATA3RG GM6605-ATA3T GM6605-ATB3T GM6605-ATB3TG GM6605-ATA3TG
OCR Text ... and temperature constraints. A tantalum or aluminum electrolytic capacitor is preferred, as a film or ceramic capacitor with almost zero ESR can cause instability. An aluminum electrolytic capacitor is the least expensive type. But when th...
Description 5.0A LOW DROPOUT PRECISION REGULATOR

File Size 188.51K  /  11 Page

View it Online

Download Datasheet

    735DI27X0075D2 CT79226X0025A2 CT79226X0100B2 CT79227X0040D2 CT79228X06R3D2 735D277X0006B2 735D277X0015B2 735D277X0015C2

Vishay Siliconix
Part No. 735DI27X0075D2 CT79226X0025A2 CT79226X0100B2 CT79227X0040D2 CT79228X06R3D2 735D277X0006B2 735D277X0015B2 735D277X0015C2 CT79277X0016B2 CT79277X0016C2 CT79277X06R3B2 735D156X0015A2 735D336X0015A2 735D107X0100D2 735D687X0025D2 735D188X0010D2 CT79395X0125A2 735D365X0125A2 735D107X0010B2 735D157X0010B2 735D337X0010B2 735D357X0010B2 735D397X0010B2 CT79397X0010B2 735D227X0008B2 735D156X0125B2
OCR Text tantalum Capacitors with Glass to tantalum Hermetic Seal CECC 30202 Approved FEATURES * For - 55C to + 200C operation * All tantalum case * Glass to tantalum hermetic seal * Low ESR * High CV per unit volume * Extremely low leakage curren...
Description Wet tantalum Capacitors with Glass to tantalum Hermetic Seal CECC 30202 Approved

File Size 143.13K  /  10 Page

View it Online

Download Datasheet

    591D156X016B215H 591D156X016D215H 591D156X020C215H 591D156X020R215H 591D156X025C220H 591D156X025R215H 591D156X6R3A215H 5

Vishay Siliconix
Part No. 591D156X016B215H 591D156X016D215H 591D156X020C215H 591D156X020R215H 591D156X025C220H 591D156X025R215H 591D156X6R3A215H 591D156X6R3B215H 591D108X004R220H 591D108X6R3R220H 591D106X010A215H 591D106X010B215H 591D106X016B215H 591D106X016C215H 591D106X020B215H 591D106X020D215H 591D106X025D215H 591D106X025R215H 591D106X035R215H 591D226X010A213H 591D226X010A215H 591D107X010B2T20H 591D226X010B215H 591D157X004C215H 591D157X004R215H 591D157X010C215H 591D157X010C220H 591D157X010D215H 591D157X010D220H 591D157X016R220H 591D157X6R3C220H 591D157X6R3D215H 591D157X6R3R215H 591D157X6W3R215H 591D337X004C220H 591D337X004D220H 591D337X010D220H 591D337X010R218H 591D337X010R220H 591D337X6R3C220H 591D337X6R3D220H 591D337X6R3R220H 591D337X6W3D220H 591D686X004C215H 591D686X004D215H 591D686X010C215H 591D686X010D215H 591D686X010R215H 591D686X016C220H 591D686X016D220H 591D686X025R220H 591D686X6R3D215H 591D686X6R3R215H 591D475X016A215H 591D475X020A215H 591D475X020B215H 591D475X025C215H 591D475X035B215H 591D475X035R215H 591D685X016A215H 591D685X020B215H 591D685X020C215H 591D685X025C215H 591D685X025D215H 591D685X035D215H 591D685X035R215H 591D227X004C220H 591D227X004D215H 591D227X010D220H 591D227X010R220H 591D227X0
OCR Text tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Low ESR, Conformal Coated, Maximum CV FEATURES * New robust 6.3 V ratings for battery operated wireless applications * New case size offerings * 1.2 mm to 2 mm height * Terminations: Le...
Description Solid tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Low ESR, Conformal Coated, Maximum CV
Solid tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Low ESR, Conformal Coated, Maximum CV
Solid tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Low ESR, Conformal Coated, Maximum CV

File Size 121.02K  /  8 Page

View it Online

Download Datasheet

For tantalum Found Datasheets File :: 13732    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tantalum

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.3913910388947