Part Number Hot Search : 
C1502 SX1282 TE629 2SC3737 2AXX32 RH3080MK MSZ5248 ML2502
Product Description
Full Text Search
  t1 e1 cept isdn-pri Datasheet PDF File

For t1 e1 cept isdn-pri Found Datasheets File :: 113    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

    DS2154 DS2154L DS2154LN

Dallas Semiconductor
Dallas Semiconducotr
Part No. DS2154 DS2154L DS2154LN
OCR Text ...bits Pin compatible with DS2152 t1 Enhanced SingleChip Transceiver 5V supply; low power CMOS 100-pin 14mm2 body LQFP package PACKAGE OUTL...e1 lines. The device is an upward compatible version of the DS2153 Single-Chip Transceiver. The onbo...
Description Enhanced e1 Single Chip Transceiver

File Size 1,101.58K  /  87 Page

View it Online

Download Datasheet





    DS21Q43A DS21Q43AT DS21Q43ATN 21Q43A

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
DALLAS[Dallas Semiconductor]
Part No. DS21Q43A DS21Q43AT DS21Q43ATN 21Q43A
OCR Text ...n-compatible with DS21Q41B Quad t1 Framer 5V supply; low power CMOS Available in 128-pin TQFP Industrial (-40C to +85C) grade version availa...e1 FRAMER DESCRIPTION The DS21Q43A combines four of the popular DS2143 e1 Controllers onto a sin...
Description Quad e1 Framer
From old datasheet system

File Size 747.96K  /  60 Page

View it Online

Download Datasheet

    DS21Q44 DS21Q44T DS21Q44TN 21Q44

DALLAS[Dallas Semiconductor]
Dallas Semiconducotr
Part No. DS21Q44 DS21Q44T DS21Q44TN 21Q44
OCR Text ...ible with DS21Q42 Enhanced Quad t1 Framer 3.3V supply with 5V tolerant I/O; low power CMOS Available in 128-pin TQFP package IEEE 1149.1 sup...e1 FRAMER ORDERING INFORMATION DS21Q44T DS21Q44TN (00 C to 700 C) (-400 C to +850 C) DES...
Description From old datasheet system
Enhanced QUAD e1 FRAMER

File Size 616.24K  /  105 Page

View it Online

Download Datasheet

    DS2156 DS2156L DS2156LN DS2155

DALLAS[Dallas Semiconductor]
Dallas Semiconducotr
Maxim
Part No. DS2156 DS2156L DS2156LN DS2155
OCR Text t1/e1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface www.maxim-ic.com GENERAL DESCRIPTION The DS2156 is a software-selectable t1, e1, or J1 single-chip transceiver (SCT) for short-haul and long-haul applications. The backplane is u...
Description t1/e1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface

File Size 1,452.85K  /  262 Page

View it Online

Download Datasheet

    Maxim
Part No. DS21Q55
OCR Text t1/e1/J1 Transceiver FEATURES: Complete t1 (DS1)/isdn-pri/J1 transceiver functionality Complete e1 (cept) PCM-30/isdn-pri transceiver functionality Short- and long-haul line interface for clock/data recovery and wave shaping CMI coder/...
Description Quad t1/e1/J1 Transceiver

File Size 3,260.99K  /  248 Page

View it Online

Download Datasheet

    Maxim
Part No. DS21458 DS21455
OCR Text t1/e1/J1 Transceivers www.maxim-ic.com GENERAL DESCRIPTION The DS21455 and DS21458 are quad monolithic devices featuring independent transceivers that can be software configured for t1, e1, or J1 operation. Each is composed of a line i...
Description Quad t1/e1/J1 Transceivers

File Size 1,546.28K  /  270 Page

View it Online

Download Datasheet

    DS2186 DS2186SN

Dallas Semiconducotr
Dallas Semiconductor
Part No. DS2186 DS2186SN
OCR Text ...RING LF * Line interface for t1 (1.544 MHz) and cept (2.048 MHz) primary rate networks * On-chip transmit LBO (line build out) and li...e1 Controllers 20-PIN DIP (300 MIL) * Companion to the DS2187 Receive Line Interface and DS...
Description Transmit Line Interface

File Size 129.70K  /  11 Page

View it Online

Download Datasheet

    Maxim
Part No. DS2155
OCR Text t1/e1/J1 Single-Chip Transceiver www.maxim-ic.com GENERAL DESCRIPTION The DS2155 is a software-selectable t1, e1, or J1 single-chip transceiver (SCT) for short-haul and long-haul applications. The DS2155 is composed of a line interface...
Description t1/e1/J1 Single Chip Transceiver
From old datasheet system

File Size 1,266.15K  /  229 Page

View it Online

Download Datasheet

    FILTRAN[Filtran LTD]
Part No. 8516 8514 8527 8519 8520 8515 8526 8517 8518 8521 8522 8523 8524 8525
OCR Text t1/e1 Interface Modules 8514-8527 Units matched to leading transceiver IC's. Meets requirements for t1, e1, cept and PRI ISDN interface applications over an extended temperature range of -40C to +85C. IC MFG. CONEXANT IC P/N BT851...
Description t1/e1 INTERFACE MODULES

File Size 173.06K  /  1 Page

View it Online

Download Datasheet

    http://
Filtran Ltd.
FILTRAN[Filtran LTD]
Part No. 8021 8023 8026 8028 8024 8027 8020 8022 8025
OCR Text t1/e1 Extended Temperature Range SMD Single Transformers 8020-8028 Meets the isolation and impedance matching requirements for t1, e1, cept and PRI ISDN applications over a temperature range of -40C to +85C. IC MFG. CRYSTAL PART N...
Description t1/e1 Extended Temperature Range SMD Single Transformers

File Size 145.76K  /  1 Page

View it Online

Download Datasheet

For t1 e1 cept isdn-pri Found Datasheets File :: 113    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of t1 e1 cept isdn-pri

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4302492141724