Part Number Hot Search : 
UC2843N 15005 LB8632 180CA 2SC3793 SI975005 ST7636R BU4093BF
Product Description
Full Text Search
  single Datasheet PDF File

For single Found Datasheets File :: 235987    Search Time::2.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LE25FW808

Sanyo Semicon Device
Part No. LE25FW808
OCR Text ...bit Serial flash memory by 3.0V single power supply operation, and support serial peripheral interface (S.P.I.). There are three kinds of erase functions, Small Sector (8K bytes) erase, Sector (64K bytes) erase and Chip erase. If those eras...
Description 8M-bit (1024K×8) Serial Flash Memory with High-Density Read Mode
8M-bit (1024K隆驴8) Serial Flash Memory with High-Density Read Mode

File Size 146.88K  /  27 Page

View it Online

Download Datasheet





    Vishay Semiconductors
Part No. VLMY322U2V2-GS08
OCR Text ... order to ensure availability, single brightness groups will not be ord erable. in a similar manner for colors where wavelength groups are measured and binned, single wavel ength groups will be shipped on any one reel. in order to ensu...
Description Visible LED, single COLOR LED, YELLOW, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4

File Size 245.18K  /  12 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. VLMY322U1V2-GS08 VLMO322U1V2-GS08
OCR Text ... order to ensure availability, single brightness groups will not be ord erable. in a similar manner for colors where wavelength groups are measured and binned, single wavel ength groups will be shipped on any one reel. in order to ensu...
Description Visible LED, single COLOR LED, YELLOW, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4
Visible LED, single COLOR LED, SOFT ORANGE, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4

File Size 221.37K  /  12 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. TK70X06K3
OCR Text ...pation (tc = 25c) p d 80 w single pulse avalanche energy (note 2) e as 37 mj avalanche current i ar 70 a repetitive avalanche energy (note 3) e ar 8 mj channel temperature (note 4) t ch 175 c storage temperature range ...
Description Power MOSFET (N-ch single 30V<VDSS≤60V)

File Size 209.55K  /  6 Page

View it Online

Download Datasheet

    TK4A55D

Toshiba Semiconductor
Part No. TK4A55D
OCR Text ...ation (tc = 25c) p d 35 w single pulse avalanche energy (note 2) e as 137 mj avalanche current i ar 4 a repetitive avalanche energy (note 3) e ar 3.5 mj channel temperature t ch 150 c storage temperature range t stg ...
Description Switching Regulator Applications
   Switching Regulator Applications

File Size 184.78K  /  6 Page

View it Online

Download Datasheet

    TK4A50D

Toshiba Semiconductor
Part No. TK4A50D
OCR Text ...ation (tc = 25c) p d 30 w single pulse avalanche energy (note 2) e as 156 mj avalanche current i ar 4 a repetitive avalanche energy (note 3) e ar 3.0 mj channel temperature t ch 150 c storage temperature range t stg ...
Description Field Effect Transistor
Power MOSFET (N-ch 500V<VDSS≤700V)

File Size 268.00K  /  6 Page

View it Online

Download Datasheet

    SamHop Microelectronics
Part No. SP3903
OCR Text ... effect transistor ver 1.4 49 e single pulse avalanche energy d mj as t c =25 c a 21.5 t c =100 c a 13.6 a e e t c =25 c w 20.8 t c =100 c w 8.3 a r ja thermal resistance, junction-to-ambient c/w 50 symbol min typ max units bv dss ...
Description Dual N-Channel Enhancement Mode Field Effect Transistor

File Size 110.18K  /  7 Page

View it Online

Download Datasheet

    Taiwan Semiconductor
Part No. SMBJ40
OCR Text ...k forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) (note 2, 3) - unidirectional only i fsm 100 amps maximum instantaneous forward voltage at 50.0a for unidirectional only (note 4) v f ...
Description (SMBJ Series) Surface Mount Transient Voltage Suppressor

File Size 101.39K  /  4 Page

View it Online

Download Datasheet

For single Found Datasheets File :: 235987    Search Time::2.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of single

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.74121713638306