Part Number Hot Search : 
XO5082 GMS82512 MAX168 3E552FB DTA124E FMS6243 AM2502DC LBN14015
Product Description
Full Text Search
  quarter-brick Datasheet PDF File

For quarter-brick Found Datasheets File :: 461    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PAQ50S48-1R2 PAQ50S48-1R8 PAQ50S48-2R5 PAQ50S48-3R3 PAQ50S48-5 PAQ100S48 PAQ100S48-1R2 PAQ100S48-1R8 PAQ100S48-2R5 PAQ10

东电?中国)投资有限公司
LAMBDA[DENSEI-LAMBDA]
Part No. PAQ50S48-1R2 PAQ50S48-1R8 PAQ50S48-2R5 PAQ50S48-3R3 PAQ50S48-5 PAQ100S48 PAQ100S48-1R2 PAQ100S48-1R8 PAQ100S48-2R5 PAQ100S48-3R3 PAQ100S48-5
OCR Text ...ard Model 2 year warranty quarter-brick-sized profile: Efficiency 90% was achieved (5V output type) by applying Densei-Lambda's own technology in control IC and synchronous rectifier circuit. Compact and high power density: Height 8.5...
Description Single output DC-DC power module for TELECOM 单输出DC - DC电源模块为电

File Size 86.44K  /  1 Page

View it Online

Download Datasheet





    VSX60XD35 VSX60LD35 VSX60LD35-1 VSX60LD35-1U VSX60LD35-U VSX60MD35 VSX60MD35-1 VSX60MD35-1U VSX60MD35-U

http://
CANDD[C&D Technologies]
Part No. VSX60XD35 VSX60LD35 VSX60LD35-1 VSX60LD35-1U VSX60LD35-U VSX60MD35 VSX60MD35-1 VSX60MD35-1U VSX60MD35-U
OCR Text Quarter Brick DC/DC Converter 3.3V & 5.0V Dual Output 2.3" x 1.5" x 0.5" 90% Efficiency Low Output Noise Input Filtering VSX60 Remote On/Off, Input Side Output Voltage Trim, +/-10% VSX60-U -40C to +100C Baseplate Temp. Output Curre...
Description    60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER

File Size 155.04K  /  4 Page

View it Online

Download Datasheet

    FM4808C11 FM4808C12 FM4812C11 FM4812C12 FM48T

VICOR[Vicor Corporation]
Part No. FM4808C11 FM4808C12 FM4812C11 FM4812C12 FM48T
OCR Text ...ckaged in an industry standard "quarter-brick" module measuring 2.28" x 1.45" x 0.5" and are available in either 8 or 12 Ampere capacity. Both versions may be on-board or in-board mounted for height critical applications. The FiltMods can b...
Description 2mm LOW PROFILE STRIPS
FM48 FiltMod Input Filter Module

File Size 114.12K  /  2 Page

View it Online

Download Datasheet

    VICOR[Vicor Corporation]
Vicor, Corp.
Part No. MICRORAM URAM2H21 URAM2C21 URAM3TS3 URAM2C11 URAM2C12 URAM2C13 URAM2C22 URAM2C23 URAM2CN1 URAM2CN2 URAM2CN3 URAM2CS1 URAM2CS2 URAM2CS3 URAM2H11 URAM2H12 URAM2H13 URAM2H22 URAM2H23 URAM2HN1 URAM2HN2 URAM2HN3 URAM2HS1 URAM2HS2 URAM2HS3 URAM2M11 URAM2M12 URAM2M13 URAM2M21 URAM2M22 URAM2M23 URAM2MN1 URAM2MN2 URAM2MN3 URAM2MS1 URAM2MS2 URAM2MS3 URAM2T11 URAM2T12 URAM2T13 URAM2T21 URAM2T22 URAM2T23 URAM2TN1 URAM2TN2 URAM2TN3 URAM2TS1 URAM2TS2 URAM2TS3 URAM3C11 URAM3C12 URAM3C13 URAM3C21 URAM3C22 URAM3C23 URAM3CN1 URAM3CN2 URAM3CN3 URAM3CS1 URAM3CS2 URAM3CS3 URAM3H11 URAM3H12 URAM3H13 URAM3H21 URAM3H22 URAM3H23 URAM3HN1 URAM3HN2 URAM3HN3 URAM3HS1 URAM3HS2 URAM3HS3 URAM3M11 URAM3M12 URAM3M13 URAM3M21 URAM3M22 URAM3M23 URAM3MN1 URAM3MN2 URAM3MN3 URAM3MS1 URAM3MS2 URAM3MS3 URAM3T11 URAM3T12 URAM3T13 URAM3T21 URAM3T22 URAM3T23 URAM3TN1 URAM3TN2 URAM3TN3 URAM3TS1 URAM3TS2
OCR Text ...Vicor's standard micro package (quarter brick) with a variety of terminations for through hole, socket or surface mount applications. Absolute Maximum Ratings Parameter +In to -In +In to -In Load current Ripple Input (Vp-p) Ripple Input...
Description    Output Ripple Attenuation Module
Temperature Range:-40 C to 85 C; Capacitance:4700uF RoHS Compliant: Yes
O-RING, METALOK BANTAM; Temp, op. max:125(degree C); Temp, op. min:-55(degree C); Series:METALOK BANTAM
Output Ripple Attenuation Module 输出纹波衰减模块
Crimp Socket Contact; Wire Size (AWG):28; Contact Size:16; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes

File Size 1,180.91K  /  8 Page

View it Online

Download Datasheet

    Linear
Part No. LTC2920-2 LTC2920-1 292012I
OCR Text ...LICATIO 1 +VIN +VOUT 5 3.3V Quarter Brick with 5% Voltage Margining 3.3V AT 4A 150 2F IN1 IM1 LTC2920-1 RS1 GND 6 7 2920-1/2 TA01 5% SYSTEM CONTROLLER THREE-STATE RSET1 10k 1% -5% LOGIC HI IN1 LOGIC FLOAT LOGIC LOW 1ms/DIV + 33...
Description Dual Power Supply Margining Controller
Single Power Supply Margining Controller
From old datasheet system

File Size 222.76K  /  16 Page

View it Online

Download Datasheet

    QBS038YD QBS038YD-A QBS038ZD-A QBS120ZJ-A QBS050YE-A QBS050ZE-A QBS066ZE-A QBS075YG-A QBS075ZG-A QBS100YH-A QBS100YJ-A Q

POWER-ONE[Power-One]
Part No. QBS038YD QBS038YD-A QBS038ZD-A QBS120ZJ-A QBS050YE-A QBS050ZE-A QBS066ZE-A QBS075YG-A QBS075ZG-A QBS100YH-A QBS100YJ-A QBS100ZG-A QBS100ZH-A QBS100ZJ-A QBS120ZH-A
OCR Text ... power in an industry standard, quarter-brick footprint. The QBS converters feature open-frame packaging, along with planar magnetics to provide maximum useable power with minimal thermal constraints. The QBS is especially suited to telecom...
Description RECTIFIER BRIDGE 1.5A 400V 40A-ifsm 1.1V-vf 5uA-ir KBP 35/TUBE
quarter-brick

File Size 87.61K  /  3 Page

View it Online

Download Datasheet

    QES038ZD-A QES066YE-A QES050ZE-A QES066ZE-A QES050ZD-A QES050YE-A QES036ZB-A QES050YE

POWER-ONE[Power-One]
Power One
Part No. QES038ZD-A QES066YE-A QES050ZE-A QES066ZE-A QES050ZD-A QES050YE-A QES036ZB-A QES050YE
OCR Text ... power in an industry-standard, quarter-brick package. The QES converters feature open-frame packaging, along with planar magnetics and a high efficiency topology to provide maximum useable power with minimal thermal constraints. The QES is...
Description 66 Watt, input voltage range:36-75V, output voltage 2.5V (20A), DC-DC converter
Industry Standard Package
Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Number of Pairs:4; Features:Aluminium Foil/Polyester; Impedance:100ohm; Leaded Process Compatible:Yes; Temperature Max:75 C; Voltage Nom.:600V RoHS Compliant: Yes

File Size 147.66K  /  3 Page

View it Online

Download Datasheet

    FL3.3-50150 FL3.3-99264 FL3.3-66150 FL3.3-132264 FL5-100250 FL5-150400 FL5-200400 FL5-75250

Vicor Corporation
Part No. FL3.3-50150 FL3.3-99264 FL3.3-66150 FL3.3-132264 FL5-100250 FL5-150400 FL5-200400 FL5-75250
OCR Text ...verter modules - full, half and quarter brick sizes. These modules cover the entire range of outputs from 1 to 100Vdc and 25 to 500 Watts, as well as an array of non-standard voltages. The optimum FlatPACEN solution can be factory configure...
Description OutputV:5Vdc; inputV:90-264V; 75W; FlatPAC-EN: EN compliant, autoranging switcher
OutputV:5Vdc; inputV:90-264V; 150W; FlatPAC-EN: EN compliant, autoranging switcher
OutputV:3.3Vdc; inputV:85-264V; 15A; 66W; FlatPAC-EN: EN compliant, autoranging switcher
OutputV:3.3Vdc; inputV:85-264V; 15A; 50W; FlatPAC-EN: EN compliant, autoranging switcher
OutputV:5Vdc; inputV:90-264V; 100W; FlatPAC-EN: EN compliant, autoranging switcher
OutputV:5Vdc; inputV:90-264V; 200W; latPAC-EN: EN compliant, autoranging switcher

File Size 153.97K  /  8 Page

View it Online

Download Datasheet

    FM4808C1N FM4808C22 FM4808C2N FM4808C21 FM4808C31 FM4808T13 FM4808T21 FM4808C13 FM4808C23 FM4808C32 FM4808C33 FM4808C3N

Vicor, Corp.
VICOR[Vicor Corporation]
Part No. FM4808C1N FM4808C22 FM4808C2N FM4808C21 FM4808C31 FM4808T13 FM4808T21 FM4808C13 FM4808C23 FM4808C32 FM4808C33 FM4808C3N FM4808T11 FM4808T12 FM4808T1N FM4808T22 FM4808T23 FM4808T2N FM4808T31 FM4808T32 FM4808T33 FM4808T3N FM4808C12 FM4808C11 FM4812T22
OCR Text ...ckaged in an industry standard "quarter-brick" module measuring 2.28" x 1.45" x 0.5" and are available in either 8 or 12 Ampere capacity. Both versions may be on-board or in-board mounted for height critical applications. The FiltMods can b...
Description SPECIALTY ANALOG CIRCUIT, DMA7
2mm LOW PROFILE STRIPS FM48 FiltMod输入滤波器模
HEADER, RIGHT ANGLE
2mm QUAD ROW SHROUDED TERMINAL
2MM SOCKET STRIPS
FM48 FiltMod Input Filter Module

File Size 207.13K  /  4 Page

View it Online

Download Datasheet

    LT3781EG LT3781 LT3781IG

Linear Technology
Part No. LT3781EG LT3781 LT3781IG
OCR Text ... Synchronous Forward Converter (quarter-brick Footprint) T1 6 Q1 MURS120T3 7 5 MURS120T3 R9 0.025 1/2W 8 4 9 Q5 ZVN3310F * + C2 22F 100V C3 1.5F 100V C4 1.5F 100V * * 1 2 3 Q3 10 11 12 1nF 100V 1nF 100V 10 0.25W ...
Description
File Size 267.42K  /  20 Page

View it Online

Download Datasheet

For quarter-brick Found Datasheets File :: 461    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of quarter-brick

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.0580530166626