Part Number Hot Search : 
T91SAM7 BB143115 IX2113B 65012 MSCD052 00113 NJU6818 100EP
Product Description
Full Text Search
  programmable Datasheet PDF File

For programmable Found Datasheets File :: 69484    Search Time::3.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Xilinx
Part No. XC18V00-SERIES-OF-IN-SYSTEM-programmable XC18V256VQ44C XC18V256VQ44I XC18V512VQ44C XC18V512VQ44I
OCR Text ...ut notice. features ? in-system programmable 3.3v proms for configuration of xilinx fpgas - endurance of 20,000 program/erase cycles - program/erase over full commercial/industrial voltage and temperature range  ieee std 1149.1 boundary-...
Description XC18V00 Series of In-System programmable Configuration PROMs
In-system programmable configuration PROM.

File Size 217.54K  /  19 Page

View it Online

Download Datasheet





    Infineon
Part No. SAF-XC161CJ-16FF SAK-XC161CJ-16FF
OCR Text ...- 12-Channel A/D Converter with programmable Resolution (10-bit or 8-bit) and Conversion Time (down to 2.55 s or 2.15 s) - Two 16-Channel General Purpose Capture/Compare Units (32 Input/Output Pins) - Multi-Functional General Purpose Timer ...
Description 16-Bit Microcontrollers - 128 k Flash, 8K RAM, -40C.... 85C
16-Bit Microcontrollers - 128 k Flash, 8 K RAM, -40C... 125C

File Size 2,116.58K  /  79 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...r 2 is an Up Down Timer Counter programmable Counter Array with High Speed Output Compare Capture Pulse Width Modulator Watchdog Timer Capabilities 8K On-Chip ROM 256 Bytes of On-Chip Data RAM Boolean Processor 32 programmable I O Lines 7 I...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...Memory 83C51GB 8 Kbytes Factory programmable ROM 80C51GB CPU with RAM and I O 8XC51GB 3 5 MHz to 12 MHz g20% VCC 8XC51GB-1 3 5 MHz to 16 MHz g20% VCC Y Y Y 8 Kbytes On-Chip ROM OTP ROM 256 Bytes of On-Chip Data RAM Two programmable Coun...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    TSA5523M TSA5523M/C1

NXP Semiconductors N.V.
Philips Semiconductors
Part No. TSA5523M TSA5523M/C1
OCR Text .../O) band-switch output * 15-bit programmable divider * programmable reference divider ratio (512, 640 or 1024) * programmable charge-pump current (50 or 250 A) * I2C-bus format - Address plus four data bytes transmission (write mode) - Addr...
Description 1.4 GHz I2C-bus controlled multimedia synthesizer

File Size 186.06K  /  20 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ... No 128 No No RAM Size (X by 8) programmable Timer Counter (PCA) Hardware Watch Dog Timer * Three package styles * Extended temperature ranges * Dual Data Pointers * Security bits: - ROM (2 bits) - OTP/EPROM (3 bits) 80C51FA/8XC51FA/...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    WM2331IDT/V WM2331CDT/V WM2331

Wolfson Microelectronics plc
Part No. WM2331IDT/V WM2331CDT/V WM2331
OCR Text ...al converter (ADC) with on-chip programmable gain amplifier (PGA) and clamp circuit, and internal voltage references. Conversion is controlled by a single clock input. The device has a high bandwidth differential sample and hold input, whic...
Description TVS UNIDIRECT 600W 64V SMB
TVS 600W 60V BIDIRECT SMB
10-bit 30MSPS ADC with PGA and Clamp

File Size 227.48K  /  25 Page

View it Online

Download Datasheet

    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ...tation: Gain, Offset Adjustment programmable Voltage-to-Current Conversion programmable Filters, Delays, Time Constants Line Impedance Matching Automotive Electronics Adjustment SHDN 2-Channel, 256-Position Digital Potentiometer AD5207 ...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet

    XA-G49 PXAG49KBA PXAG49KFA

NXP Semiconductors N.V.
Part No. XA-G49 PXAG49KBA PXAG49KFA
OCR Text ... general purpose I/O ports with programmable output configurations. A default serial loader program in the Boot ROM allows In-System Programming (ISP) of the Flash memory without the need for a loader in the Flash code. User programs may er...
Description XA 16-bit microcontroller family 64K FLASH/2K RAM/ watchdog/ 2 UARTs
XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs 16-BIT, FLASH, 30 MHz, MICROCONTROLLER, PQCC44
XA 16位微控制器系4K的FLASH/2K内存,看门狗个UART

File Size 308.68K  /  42 Page

View it Online

Download Datasheet

For programmable Found Datasheets File :: 69484    Search Time::3.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of programmable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1081118583679