Part Number Hot Search : 
12EZS CY8CTMA 0A3TC91 C251C MAX501 54HC3 LBT13010 ZY160
Product Description
Full Text Search
  off-line Datasheet PDF File

For off-line Found Datasheets File :: 61242    Search Time::4.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AUG04A48 AUG06F48 AUG07G48 AUG08M48 AUG08Y48

Astec America, Inc
Part No. AUG04A48 AUG06F48 AUG07G48 AUG08M48 AUG08Y48
OCR Text ...nced features such as remote on/off (rc), parallel application (po), power good (alm), and the protection of ovp, ocp and uvlo. special fe...line / load regulation +5%, -3% ripple and noise 50mvp-p ovp 120% of vonom (latch-up) ocp 8.2a fo...
Description Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)

File Size 327.50K  /  15 Page

View it Online

Download Datasheet





    APXW005A0X3-SRZ APXW005A0X3-SRZ1010 APXW005A0X43-SRZ

Lineage Power Corporation
Part No. APXW005A0X3-SRZ APXW005A0X3-SRZ1010 APXW005A0X43-SRZ
OCR Text ...ature protection ? remote on/off ? remote sense ? small size: 20.3 mm x 11.4 mm x 8.5 mm (0.8 in x 0.45 in x 0.335 in) ? wide ...line fuse must always be used. this power module can be used in a wide variety of applications, ran...
Description 9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules 9Vdc ?6Vdc input; 3Vdc to 18Vdc output; 5A to 2.5A Output Current

File Size 5,082.46K  /  21 Page

View it Online

Download Datasheet

    74LVC2G126GD 74LVC2G126GT 74LVC2G126GF

NXP Semiconductors
Part No. 74LVC2G126GD 74LVC2G126GT 74LVC2G126GF
OCR Text ...tput to assume a high-impedance off-state. schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and f...line driver; 3-state rev. 08 5 may 2008 product data sheet 74lvc2g126_8 ? nxp b.v. 2008. all righ...
Description Dual bus buffer/line driver; 3-state
   Dual bus buffer/line driver; 3-state

File Size 92.41K  /  17 Page

View it Online

Download Datasheet

    ADP3404ARU ADP3404 ADP3404ARU-REEL ANALOGDEVICESINC-ADP3404ARUZ-REEL

AD[Analog Devices]
ANALOG DEVICES INC
Part No. ADP3404ARU ADP3404 ADP3404ARU-REEL ANALOGDEVICESINC-ADP3404ARUZ-REEL
OCR Text ...um Output Voltage Current Limit Off Reverse Leakage Current SIM CHARGE PUMP (VSIM) Output Voltage for 5 V SIM Modules Output Voltage for 3 V...Line, Load, Temp 3 V < VBAT < 7 V, Min Load 100 A < ILOAD < 5 mA, VBAT = 3.6 V VO = VINITIAL - 100 m...
Description    GSM Power Management System
80-Lead Mixed Signal DSP with 7, 10-bit Analog Input Channels
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO28

File Size 142.07K  /  12 Page

View it Online

Download Datasheet

    FAIRCHILD SEMICONDUCTOR CORP
Part No. FGL60N100DTU
OCR Text ...conditions min. typ. max. units off characteristics i ces collector cut-off current v ce = 1000v, v ge = 0v -- -- 1.0 ma i ges g-e leak...line how to order products dotted line product change notices (pcns) dotted line support dotted li...
Description 60 A, 1000 V, N-CHANNEL IGBT, TO-264AA

File Size 465.15K  /  8 Page

View it Online

Download Datasheet

    LINEAGE POWER LLC
Part No. JAW050A6
OCR Text ...operation n choice of remote on/off logic configuration n choice of short lead lengths description the jaw050a and jaw075a power modules are...line fuse must always be used. this encapsulated power module can be used in a wide va riety of appl...
Description DC-DC REG PWR SUPPLY MODULE

File Size 342.93K  /  16 Page

View it Online

Download Datasheet

For off-line Found Datasheets File :: 61242    Search Time::4.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of off-line

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.95139193534851