Part Number Hot Search : 
AN238 Y7C14 PM0027A TK65427 NTE2502 MAX893L CS5102A 74HC366
Product Description
Full Text Search
  meets Datasheet PDF File

For meets Found Datasheets File :: 25751    Search Time::3.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AZ832P1-2C-5DSE AZ832P1-2C-3DE AZ832P AZ832P1-2C-5DE AZ832P1-2C-12DE AZ832P1-2C-12DSE AZ832P2-2C-5DSE AZ832P1-2C-24DE AZ

List of Unclassifed Manufacturers
ETC[ETC]
N.A.
Part No. AZ832P1-2C-5DSE AZ832P1-2C-3DE AZ832P AZ832P1-2C-5DE AZ832P1-2C-12DE AZ832P1-2C-12DSE AZ832P2-2C-5DSE AZ832P1-2C-24DE AZ832P1-2C-24DSE AZ832P1-2C-3DSE AZ832P2-2C-12DE AZ832P2-2C-12DSE AZ832P2-2C-24DE AZ832P2-2C-24DSE AZ832P2-2C-3DE AZ832P2-2C-3DSE AZ832P2-2C-5DE
OCR Text ... pickup Low profile DIP package meets FCC Part 68.302 1500 V lightning surge meets FCC Part 68.304 1000 V dielectric Single and dual coil versions DC coils to 24 VDC High switching capacity, 60 W, 250 VA Fits standard 16 pin IC socket Epoxy...
Description POLARIZED DIP RELAY BISTABLE (LATCHING)

File Size 48.95K  /  2 Page

View it Online

Download Datasheet





    XRT71D00 XRT71D00IQ

Exar, Corp.
Exar Corporation
Part No. XRT71D00 XRT71D00IQ
OCR Text ...le chip Jitter Attenuator, that meets the Jitter requirements specified in the ETSI TBR-24, Bellcore GR-499 and GR253 standards. In addition, the XRT71D00 also meets the Jitter and Wander specifications described in the ANSI T1.105.03b 1997...
Description E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER E3/DS3/STS-1抖动衰减器,STS - 1的到DS3 DESYNCHRONIZER
E3/DS3/STS-1 JITTER ATTENUATOR/STS-1 TO DS3 DESYNCHRONIZER

File Size 111.71K  /  18 Page

View it Online

Download Datasheet

    Tripp Lite. All Rights Reserved
Tripp Lite. All Rights ...
Part No. ECO350UPS
OCR Text ...an 2 watts! eco-friendly design meets strict rohs environmental standards. provides uninterrupted transition to battery-derived ac output during brownouts and power failures with enough runtime to save and shutdown connected equipment witho...
Description Eco 350VA Energy-saving Standby 120V UPS with USB port

File Size 513.68K  /  4 Page

View it Online

Download Datasheet

    ECO350UPS

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. ECO350UPS
OCR Text ...an 2 watts! eco-friendly design meets strict rohs environmental standards. provides uninterrupted transition to battery-derived ac output during brownouts and power failures with enough runtime to save and shutdown connected equipment witho...
Description Eco 350VA Energy-saving Standby 120V UPS with USB port

File Size 517.27K  /  6 Page

View it Online

Download Datasheet

    EXAR[Exar Corporation]
Part No. XRT71D03 XRT71D03IV
OCR Text ...le chip Jitter Attenuator, that meets the Jitter transfer characteristics requirements specified in the ETSI TBR-24, Bellcore GR-499 and GR-253 standards. In addition, the XRT71D03 also meets the Jitter and Wander specifications described i...
Description 3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR

File Size 113.07K  /  24 Page

View it Online

Download Datasheet

    AM7996 AM7996DC AM7996DCB AM7996DCTR AM7996JC AM7996JCB AM7996JCTR AM7996PC AM7996PCB AM7996PCTR

Advanced Micro Devices, Inc.
AMD[Advanced Micro Devices]
Part No. AM7996 AM7996DC AM7996DCB AM7996DCTR AM7996JC AM7996JCB AM7996JCTR AM7996PC AM7996PCB AM7996PCTR
OCR Text ...utted at Dl . Signaling at Dl meets requirements of IEEE 802.3, Rev. D. Global Signals VCREF Timing Reference Set (Input) VCREF is a compensated voltage reference input with respect to VEE. When a resistor is connected between VCREF a...
Description IEEE 802.3/Ethernet/Cheapernet Transceiver

File Size 173.49K  /  18 Page

View it Online

Download Datasheet

    XRT73R06 XRT73R06IB

EXAR[Exar Corporation]
Part No. XRT73R06 XRT73R06IB
OCR Text ...ata Recovery circuit for high * meets E3/DS3/STS-1 Jitter Tolerance Requirement * Detects and Clears LOS as per G.775 * Receiver Monitor mode handles up to 20 dB flat loss with 6 dB cable attenuation * Integrated Pulse Shaping Circuit *...
Description SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT

File Size 347.85K  /  68 Page

View it Online

Download Datasheet

    XRT75L00D XRT75L00DIV

Exar Corporation
Part No. XRT75L00D XRT75L00DIV
OCR Text ...e jitter attenuator performance meets the ETSI TBR-24 and Bellcore GR-499 specifications. Also, the jitter attenuator can be used for clock smoothing in SONET STS-1 to DS3 de-mapping. The XRT75L00D provides both Serial Microprocessor Interf...
Description E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER

File Size 513.69K  /  92 Page

View it Online

Download Datasheet

    ERICSSON POWER MODULES AB
Part No. PKF4211API
OCR Text ... input voltage range 36?75 v dc meets the european telecom standard prets 300 132-2 nominal input voltage range in 48 v and 60 v dc power systems, ? 40.5? ?57.0 v and ?50.0? ? 72.0 v respectively. absolute max continuous input voltage is 80...
Description 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE

File Size 170.95K  /  8 Page

View it Online

Download Datasheet

    Vishay
Part No. VIT3045C
OCR Text ...b and to-262aa molding compound meets ul 94 v-0 flammabi lity rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade base p/nhm3 - halogen-free, rohs compliant, and aec-q101 qualified terminals: matte tin plated leads, so...
Description Dual Low-Voltage Trench MOS Barrier Schottky Rectifier

File Size 198.37K  /  5 Page

View it Online

Download Datasheet

For meets Found Datasheets File :: 25751    Search Time::3.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of meets

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.3817090988159