Part Number Hot Search : 
SML4764A C5000 GBU4B 06X0025 FSP2160 AM4TW LZ93N19 15N06
Product Description
Full Text Search
  magnet Datasheet PDF File

For magnet Found Datasheets File :: 1861    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AnaSem Hong Kong Limited
Part No. MRX1533LTA
OCR Text ...1.5mt high sensitivity cmos mr magnet sensor switch mrx15 33l series general descriptions mrx1533l series are monolithic ics with built-in mr magnet resistive element and cmos switch. it becomes the non-contact switch w...
Description Low power consumption, 1.5mT High sensitivity CMOS MR magnetic Sensor Switch

File Size 1,252.92K  /  14 Page

View it Online

Download Datasheet





    SP6132EB SP6132CU

SIPEX[Sipex Corporation]
Part No. SP6132EB SP6132CU
OCR Text ... Output Fairchild Semi OUTEasy magnet TDK TDK Panasonic FDS6162N3 SD75-6R8M C3225X5R0J476M C3225X5R0J476M ERJ-3EKF3322V 20V, 21A, 4.5mOhm 6.8uH, 2.54Arms,46mOhm 47uF Ceramic X5R 6.3V 47uF Ceramic X5R 6.3V 332K Ohm, 1% Layout Size SO-8 Layo...
Description Evaluation Board Manual

File Size 403.35K  /  9 Page

View it Online

Download Datasheet

    AD22151 AD22151YR

AD[Analog Devices]
Part No. AD22151 AD22151YR
OCR Text ...(uncompensated). If a permanent magnet source used in conjunction with the sensor also displays an intrinsic TC (BTC), it will require factoring into the total temperature compensation of the sensor assembly. Figures 5 and 6 represent typic...
Description Linear Output magnetic Field Sensor

File Size 111.05K  /  8 Page

View it Online

Download Datasheet

    AN48800A

Panasonic Semiconductor
Part No. AN48800A
OCR Text ... distinction method of mounting magnet to product incorporating Hall IC magnet Plastic bar Plastic cover magnet for Hall IC A magnet, which is used in pair with a Hall IC, can be mounted to a product incorporating a built-in Ha...
Description Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation

File Size 255.47K  /  4 Page

View it Online

Download Datasheet

    SU30184R7YL SU3018150YL SU30182R0YL SU30183R0YL

ABC Taiwan Electronics Corp
Part No. SU30184R7YL SU3018150YL SU30182R0YL SU30183R0YL
OCR Text ...ER INDUCTOR UL CARD OBMW2 magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN Mtl Dsg AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW...
Description SHIELDED SMD SHIELDED SMD

File Size 119.85K  /  7 Page

View it Online

Download Datasheet

    AS5306A

Austriamicrosystems AG
Part No. AS5306A
OCR Text ...larm for endofstrip or missing magnet 4 applications the as5304/as5306 are ideal for high speed linear m otion and offaxis rotation measurement in applications s uch as electrical motors xystages rotation knobs industr...
Description 15碌m/step incremental (ABI)

File Size 422.41K  /  13 Page

View it Online

Download Datasheet

    CC25206R8M3 CC2520220K3 CC25202R2M3 CC25201R5M3 CC25203R3M3 CC2520330K3 CC2520150K3

ABC Taiwan Electronics Corp
Part No. CC25206R8M3 CC2520220K3 CC25202R2M3 CC25201R5M3 CC25203R3M3 CC2520330K3 CC2520150K3
OCR Text ...203- AO UL CARDG OBMW2 magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PE...
Description WOUND CHIP INDUCTOR

File Size 617.81K  /  8 Page

View it Online

Download Datasheet

    UGN3059KA UGN3060KA 3059 3060 UGS3060KA UGS3059KA UGS3059

Allegro MicroSystems, Inc.
ALLEGRO[Allegro MicroSystems]
Part No. UGN3059KA UGN3060KA 3059 3060 UGS3060KA UGS3059KA UGS3059
OCR Text ...hen coupled with a back-biasing magnet, can be configured to turn ON or OFF with the leading or trailing edge of a gear-tooth or slot. Changes in fields on the magnet face caused by a moving ferrous mass are sensed by two integrated Hall tr...
Description HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED 霍尔效应齿轮齿传感器交流耦合
AC-Coupled Hall-Effect Gear-Tooth Sensor(交流耦合霍尔效应齿轮啮合传感
(UGS3060) HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
HALL-EFFECT GEAR-TOOTH SENSORS - AC COUPLED
HALL-EFFECT GEAR-TOOTH SENSORS ―AC COUPLED
From old datasheet system

File Size 82.66K  /  8 Page

View it Online

Download Datasheet

    UGN3235K 3235

ALLEGRO[Allegro MicroSystems]
Part No. UGN3235K 3235
OCR Text ...e flux from the south pole of a magnet, Output 2 to the negative flux from the north pole of a magnet. When the sensor experiences the field of a south magnetic pole greater than the maximum operate point of Output 1, that output switches t...
Description DUAL-OUTPUT HALL-EFFECT SWITCH

File Size 71.86K  /  8 Page

View it Online

Download Datasheet

    UGN3503 UGN3503LT UGN3503U UGN3503UA 3503

ALLEGRO[Allegro MicroSystems]
Part No. UGN3503 UGN3503LT UGN3503U UGN3503UA 3503
OCR Text ...cations shown, a permanent bias magnet is attached with epoxy glue to the back of the epoxy package. The presence of ferrous material at the face of the package acts as a flux concentrator. Dwg. A-12,574 GEAR TOOTH SENSOR The south p...
Description RATIOMETRIC / LINEAR HALL-EFFECT SENSORS
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS

File Size 180.04K  /  8 Page

View it Online

Download Datasheet

For magnet Found Datasheets File :: 1861    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of magnet

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66280198097229