Part Number Hot Search : 
GMPSA94S ADP2301 MN745 SE074 LC2021 ADP2301 D19N10L EPA3338S
Product Description
Full Text Search
  low-frequency Datasheet PDF File

For low-frequency Found Datasheets File :: 189037    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Lattice Semiconductor, Corp.
Part No. LOW-COST
OCR Text low cost pwm controller ? 2000 semtech corp. 652 mitchell road newbury park ca 91320 january 13, 2000 1 block diagram application note for...frequency of 200khz, providing an optimum compro- mise between efficiency, external component size, ...
Description Low-Cost PWM Controller (110k) 低成本PWM控制器(11万)

File Size 110.58K  /  7 Page

View it Online

Download Datasheet





    Cypress Semiconductor, Corp.
Part No. CY2DP3110AI
OCR Text ... description the cy2dp3110 is a low-skew, low propagation delay 2-to-10 differential fanout buffer targeted to meet the requirements of high...frequency, high precision clocks across back-planes and boards in com- munication systems. furtherm...
Description 1 of 2:10 Differential Clock/Data Fanout Buffer 2DP SERIES, LOW SKEW CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32

File Size 305.22K  /  10 Page

View it Online

Download Datasheet

    LA7780M

Sanyo Electric Co.,Ltd.
Sanyo Semicon Device
Part No. LA7780M
OCR Text ...nal AGC voltage supply Pin 12 = low impedance (14 k) Internal AGC External AGC Note: In internal AGC mode, the IF output level can ...frequency process is adopted, care must be taken to prevent the influence of static electricity. Blo...
Description QPSK Downconverter for CATV Systems

File Size 190.66K  /  9 Page

View it Online

Download Datasheet

    Leadtrend
Part No. LD7575
OCR Text ... external component counts, and low cost solution for AC/DC power applications. Furthermore, the embedded over voltage protection, over load...frequency. By connecting a resistor to ground to set the switching frequency. Voltage feedback pin (...
Description Green-Mode PWM Controller

File Size 386.43K  /  18 Page

View it Online

Download Datasheet

    IMIFS782 IMIFS784

Cypress Semiconductor
Part No. IMIFS782 IMIFS784
OCR Text low emi spectrum spread clock fs781/82/84 cypress semiconductor corporation ? 3901 north first street  san jose  ca 95134  408-943-2600...frequency range  modulates external clocks including crystals, crystal oscillators, or ceramic res...
Description (IMIFS781/82/84) Low EMI Spectrum Spread Clock

File Size 204.82K  /  11 Page

View it Online

Download Datasheet

    Afa Technologies
Part No. AF9013S
OCR Text ...on and channel estimation for low cost tuner support integrated 10-bit adc and pll dual agc (rf and if) control with 1-bit ...frequency offset 500khz correction digital crystal frequency jitter 100ppm compe...
Description (AF9013 / AF9015) DVB-T COFDM DEMODULATOR

File Size 1,003.77K  /  47 Page

View it Online

Download Datasheet

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text low-frequency and low-noise amplification Complementary to 2SC2405 and 2SC2406 Unit: mm s Features q q q 2.9 -0.05 Parameter Collector to base voltage Collector to 2SA1034 2SA1035 2SA1034 Symbol VCBO VCEO VEBO ICP IC PC Tj Tst...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. L5973D013TR
OCR Text ...E ADJUSTABLE FROM 1.235V TO 35V LOW DROPOUT OPERATION: 100% DUTY CYCLE 250KHz INTERNALLY FIXED FREQUENCY VOLTAGE FEEDFORWARD ZERO LOAD CURRENT OPERATION INTERNAL CURRENT LIMITING INHIBIT FOR ZERO CURRENT CONSUMPTION SYNCHRONIZATION PROTECTI...
Description UP TO 2.5A STEP DOWN SWITCHING REGULATOR

File Size 129.43K  /  10 Page

View it Online

Download Datasheet

    KGM34063AS

Estek Electronics Co. Ltd
Part No. KGM34063AS
OCR Text ...ration from 3.0 V to 40 V Input Low Standby Current Current Limiting Output Switch Current to 1.5 A Output Voltage Adjustable Frequency Operation to 100 kHz Precision 2% Reference FUNCTIONAL BLOCK DIAGRAM MAXIMUM RATINGS Rating Power...
Description DC-TO-DC CONVERTER CONTROL CIRCUITS

File Size 220.57K  /  13 Page

View it Online

Download Datasheet

    Iterra
Part No. IT3020
OCR Text low noise differential variable gain amplifier with a bandwidth of DC to 10 GHz. It is suitable for Automatic Gain Control (AGC) in high ban...Frequency 2 GHz, maximum gain setting Saturated output pow er Frequency 2 GHz, maximum gain setting ...
Description 10-GHz variable gain amplifier

File Size 3,403.25K  /  15 Page

View it Online

Download Datasheet

For low-frequency Found Datasheets File :: 189037    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of low-frequency

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.2143340110779